Part Number Hot Search : 
M5244 D5641AK 13191 BP5040 N4002 FM32L276 TA0381A 278M00
Product Description
Full Text Search
 

To Download 2SC2706 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2706
DESCRIPTION With TO-3P(I) package High power dissipation APPLICATIONS For audio power amplifier and general purpose applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3P(I)) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PT Tj Tstg

PARAMETER
CHA IN
Collector current Base current
Collector-base voltage
Collector-emitter voltage
E SEM NG
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE 140 140 5 10 2
UNIT V V V A A W ae ae
Open base Open collector
Emitter-base voltage
Total power dissipation Junction temperature Storage temperature
TC=25ae
100 150 -55~150
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=25mA ,IB=0 IE=1mA ,IC=0 IC=5A; IB=0.5A VCB=140V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=5A ; VCE=5V IC=1A ; VCE=5V 55 35 MIN 140 5
2SC2706
SYMBOL V(BR)CEO V(BR)EBO VCEsat ICBO IEBO hFE-1 hFE-2 fT
TYP.
MAX
UNIT V V
2.0 10 10 160 |I |I
V A A

CHA IN
E SEM NG
OND IC
TOR UC
90
MHz
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2706

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions(unindicated tolerance:A
0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC2706

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X