Part Number Hot Search : 
AD835 MC10113 07500 GB7NB6 KRC407 KRC407 UPA831TF W30N60
Product Description
Full Text Search
 

To Download 2SC2497 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2497 2SC2497A
DESCRIPTION With TO-126 package Complement to type 2SA1096/A High collector to emitter voltage VCEO APPLICATIONS For low-frequency power amplification
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO
IN
Collector-base voltage

PARAMETER
VCEO
Collector- emitter voltage
VEBO IC ICM
Emitter-base voltage Collector current
CHA
ES NG
2SC2497 2SC2497A
MIC E
Open emitter Open base Open collector
CONDITIONS
OND
TOR UC
VALUE
UNIT V
70
50
V 60 5 1.5 3 1.2*1 V A A
Collector current-peak
PD
Total power dissipation
TC=25ae 5*
2
W
Tj Tstg
Junction temperature Storage temperature -55
150 +150
ae ae
Note) *1: Without heat sink *2: With a 100 A 100 A 2 mm A1 heat sink
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2SC2497 IC=2mA ; IB=0 2SC2497A V(BR)CBO VCEsat VBEsat ICEO ICBO IEBO hFE COB fT Collector-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain IC=1mA ;IE=0 IC=1.5A ;IB=0.15A IC=1.5A ;IB=0.15A VCE=10V; IB=0 VCB=20V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V CONDITIONS
2SC2497 2SC2497A
SYMBOL
MIN 50
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
V 60 70 1.0 1.5 100 1 10 80 |I |I |I V V V A A A
IN
Output capacitance
Transition frequency

S
hFE Classifications R 80-160
ANG CH
120-220
MIC E SE
IE=0 ; VCB=20V,f=1MHz
IE=0.5A ; VCB=5V,f=200MHz
OND
TOR UC
220 35 150
pF MHz
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2497 2SC2497A

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC2497

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X