Part Number Hot Search : 
221MPD ADUM1286 IP112 BCR133L3 PTDF1 TLP62 SP1821 PL14P4BD
Product Description
Full Text Search
 

To Download 2SC2462 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon NPN Epitaxial 2SC2462
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors IC
Unit: mm
Features
+0.1 2.4-0.1
Low frequency amplifier.
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Rating 50 40 5 100 150 150 -55 to +150 Unit V V V mA mW
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Base-emitter voltage Collector cutoff current Emitter cutoff current DC current gain Collector-emitter saturation voltage Symbol VCBO VCEO VEBO VBE ICBO IEBO hFE Testconditons IC = 10iA , IE = 0 IC = 1mA , RBE = IE = 10iA , IC = 0 VCE = 12V , IC = 2mA VCB = 30V, IE=0 VEB = 2V, IC=0 VCE = 12V , IC = 2mA 100 Min 50 40 5 0.75 0.5 0.5 500 0.2 V Typ Max Unit V V V V A A
VCE(sat) IC = 10mA , IB = 1mA
hFE Classification
Marking Rank hFE 100 LB B 200 160 LC C 320 250 LD D 500
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
2SC2462
Typlcal Characteristics
Transistors IC
Fig.1 Maximum Collector Dissipation Curve
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SC2462

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X