Part Number Hot Search : 
74HC4050 30A600V 00201 ER100 CA3079 30A600V SFT1010 3362W254
Product Description
Full Text Search
 

To Download 2SC2331 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2331
DESCRIPTION With TO-220 package Complement to type 2SA1008 Low collector saturation voltage Fast switching speed APPLICATIONS Switching regulators DC-DC converters High frequency power amplifiers
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB

PARAMETER
CHA IN
Collector current Base current
Collector-base voltage
E SEM NG
OND IC
CONDITIONS
TOR UC
VALUE 100 100 7 2.0 4.0 1.0
UNIT V V V A A A
Open emitter
Collector-emitter voltage
Open base Open collector
Emitter-base voltage
Collector current-Peak
Ta=25ae PT Total power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature
1.5 W 15 150 -55~150 ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=1.0A ,IB=0.1A,L=1mH IC=1A; IB=0.1A IC=1A ;IB=0.1A VCB=100V; IE=0 VEB=5V; IC=0 IC=0.1A ; VCE=5V IC=1A ; VCE=5V 40 40 MIN 100 TYP.
2SC2331
SYMBOL VCEO(SUS) VCEsat VBEsat ICBO IEBO hFE-1 hFE-2
MAX
UNIT V
0.6 1.5 10 10 |I |I
V V A A
200
Switching times resistive load ton ts tf Turn-on time
Fall time
Storage time

hFE-2 Classifications M 40-80 L 60-120
CHA IN
K
E SEM NG
IC=1.0A IB1=- IB2=0.1A RL=50| ;VCCO 50V
OND IC
TOR UC
0.5 |I 1.5 0.5
s |I |I s s
100-200
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2331

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions(unindicated tolerance:A
0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC2331

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X