Part Number Hot Search : 
ML1220 R1C102 F103M ML101 SP0802N GP30M HCT259 015001
Product Description
Full Text Search
 

To Download 2SC1827 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1827
DESCRIPTION With TO-220 package Complement to type 2SA769 Collector current :IC=4A Collector dissipation :PC=30W@TC=25ae APPLICATIONS For use in low frequency power amplifier applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg

PARAMETER
Fig.1 simplified outline (TO-220) and symbol
HAN INC
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC)
SEM GE
Open base
CONDITIONS
OND IC
TOR UC
VALUE 80 80 5 4
UNIT V V V A W ae ae
Open emitter
Open collector
Collector power dissipation Junction temperature Storage temperature
TC=25ae
30 150 -55~150
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SC1827
SYMBOL
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=25mA ;IB=0
80
V
V(BR)CBO
Collector-base breakdown voltage
IC=0.1mA ;IE=0
80
V
V(BR)EBO
Emitter-base breakdown voltage
IE=0.1mA ;IC=0
5
V
VCEsat
Collector-emitter saturation voltage
IC=3A; IB=0.3A
1.0
V
VBEsat
Base-emitter saturation voltage
IC=3A ;IB=0.3A
1.5
V
ICBO
Collector cut-off current
VCB=80V;IE=0
10
|I
A
IEBO
Emitter cut-off current
hFE
DC current gain

VEB=5V; IC=0
10
|I
A
IC=1A ; VCE=4V
fT
Transition frequency
HAN INC
SEM GE
IC=0.5A ; VCE=2V
OND IC
60
TOR UC
240 8
MHz
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1827
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 outline dimensions (unindicated tolerance:A
0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC1827

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X