Part Number Hot Search : 
SC162 BZX12 RV4558JG 1903X2XX 405I11BM BCR153L3 F0515 AM12N65B
Product Description
Full Text Search
 

To Download 2SB679 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification 2SB679
isc Silicon PNP Power Transistor
DESCRIPTION *High Power Dissipation: PC= 100W(Max.)@TC=25 *Collector-Emitter Breakdown Voltage: V(BR)CEO= -120V(Min.) *Complement to Type 2SC1079
APPLICATIONS *Designed for audio power amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
-120
V
VCEO
Collector-Emitter Voltage
-120
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-12
A
IE
Emitter Current-Continuous Collector Power Dissipation @TC=25 Junction Temperature
12
A
PC
100
W
Tj
150
Tstg
Storage Temperature
-65~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification 2SB679
isc Silicon PNP Power Transistor
ELECTRICAL CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -100mA ;IB= 0
-120
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -10mA ;IC= 0
-5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -10A; IB= -1A
-3.0
V
VBE(on)
Base-Emitter On Voltage
IC= -10A ; VCE= -5V
-2.5
V
ICBO
Collector Cutoff Current
VCB= -50V; IE= 0
-0.1
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-0.1
mA
hFE-1
DC Current Gain
IC= -2A ; VCE= -5V
40
140
hFE-2
DC Current Gain
IC= -7A ; VCE= -5V
15
COB
Output Capacitance
VCB= -10V; ftest= 1MHz
900
pF
fT
Current-Gain--Bandwidth Product
IC= -2A ; VCE= -5V
6
MHz
hFE-1 Classifications R 40-80 Y 70-140
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of 2SB679

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X