Part Number Hot Search : 
DS1841 1N6141E3 LR120N AOC2421 UC3844B FST8360L N6763 FH620
Product Description
Full Text Search
 

To Download 2SB554 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB554
DESCRIPTION With TO-3 package Complement to type 2SD424 High power dissipation APPLICATIONS For use in power amplifier applications
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg

PARAMETER Open base
CONDITIONS Open emitter
Collector-base voltage Collector-emitter voltage
HAN INC
Emitter-base voltage Collector current Base current Junction temperature Storage temperature
SEM GE
TC=25ae
OND IC
TOR UC
VALUE -180 -180 -5 -15 -4 150 150 -55~200 ae ae
UNIT V V V A A W
Open collector
Collector power dissipation
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SB554
SYMBOL
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-25mA ;IB=0
-180
V
VCEsat
Collector-emitter saturation voltage
IC=-10A; IB=-1A
-3.0
V
VBE
Base-emitter on voltage
IC=-2A ; VCE=-5V
-1.5
V
ICBO
Collector cut-off current
VCB=-90V; IE=0
-0.1
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-0.1
mA
hFE
DC current gain
IC=-2A ; VCE=-5V
40
140
COB
Output capacitance
fT
Transition frequency

IE=0 ; VCB=-10V;f=1.0MHz
IC=-2A ; VCE=-5V
HAN INC
SEM GE
OND IC
TOR UC
6
450
pF
MHz
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB554
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB554

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X