Part Number Hot Search : 
DTC123EE 16020 100JOA 25020 MCOCXOV AD802 AD535KD MCOCXOV
Product Description
Full Text Search
 

To Download 2SB1386 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Low Frequency Transistor 2SB1386
Transistors
Features
Low VCE(sat). VCE(sat) = -0.35V (Typ.) (IC/IB = -4A / -0.1A) Excellent DC current gain Epitaxial planar type PNP silicon transistor
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current(Pulse) Collector power dissipation Junction temperature Storage temperature * Single pulse, Pw=10ms Symbol VCBO VCEO VEBO IC ICP * PC Tj Tstg Rating -30 -20 -6 -5 -10 0.5 150 -55 to +150 Unit V V V A A W
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current DC current transfer ratio Collector-emitter saturation voltage Transition frequency Output capacitance Symbol BVCBO BVCEO BVEBO ICBO IEBO IC=-50iA IC=-1mA IE=-50iA VCB=-20V VEB=-5V Testconditons Min -30 -20 -6 -0.5 -0.5 -1 82 120 60 390 MHz pF Typ Max Unit V V V iA iA V
VCE(sat) IC=-4A,IB=-0.1A hFE Cob fT VCE=-2V, IC=-0.5A VCE=-6V, IE=50mA, f=30MHz VCB=-20V, IE=0A, f=1MHz
hFE Classification
Marking Rank hFE P 82 180 BH Q 120 270 R 180 390
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SB1386

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X