Part Number Hot Search : 
CM1394L 60200 5KE18 NME1205 50124 5KE18 TM106 MP111
Product Description
Full Text Search
 

To Download 2SB1292 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1292
DESCRIPTION With TO-220Fa package Low saturation voltage Complement to type 2SD1832 Excellent DC current gain characteristics Wide area of safe operation APPLICATIONS For use in low frequency power amplifier applications,power drivers and DC-DC converters
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM
Base
HAN C
PARAMETER
IN
Collector-base voltage
SEM GE
Open base
CONDITIONS
OND IC
TOR UC
VALUE -60 -60 -5 -5 -10 UNIT V V V A A
Open emitter
Collector-emitter voltage
Emitter-base voltage Collector current (DC) Collector current-Peak
Open collector
TC=25ae PC Collector power dissipation Ta=25ae Tj Tstg Junction temperature Storage temperature
30 W 2 150 -55~150 ae ae
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=-1mA , IB=0 IC=-50|I IE=-50|I A , IE=0 A , IC=0 MIN -60 -60 -5
2SB1292
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE fT Cob
TYP.
MAX
UNIT V V V
IC=-3A ;IB=-0.3A IC=-3A ;IB=-0.3A VCB=-60V ;IE=0 VEB=-4V; IC=0 IC=-1A ; VCE=-5V IC=-0.5A ; VCE=-5V 100 12
-1.5 -1.5 -10 -10 320 |I |I
V V A A
Transition frequency

F
Output capacitance
hFE Classifications E 100-200
HAN INC
160-320
SEM GE
IE=0 ; VCB=-10V ,f=1MHz
OND IC
TOR UC
150
MHz pF
2
Inchange Semiconductor
Product Specification
Silicon Power Transistors
PACKAGE OUTLINE
2SB1292
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1292

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X