Part Number Hot Search : 
20NF06 LTC24 SS6523 1N456 AN8130K 7C1413 SI9956DY 24C04W
Product Description
Full Text Search
 

To Download 2SB1260 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Power Transistor 2SB1260
Features
High breakdown voltage and high current.BVCEO= -80V, IC=-1A Good hFE linearity. Low VCE(sat). Epitaxial planar type PNP silicon transistor
Transistors
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current(Pulse) Collector power dissipation Junction temperature Storage temperature * Single pulse, Pw=100ms Symbol VCBO VCEO VEBO IC ICP * PC Tj Tstg Rating -80 -80 -5 -1 -2 0.5 150 -55 to +150 Unit V V V A A W
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Transition frequency Output capacitance Symbol BVCBO BVCEO BVEBO ICBO IEBO hFE IC=-50iA IC=-1mA IE=-50iA VCB=-60V VEB=-4V VCE=-3V, IC=-0.1A 82 Testconditons Min -80 -80 -5 -1 -1 390 -0.4 100 25 V MHz pF Typ Max Unit V V V iA iA
VCE(sat) IC=-500mA,IB=-50mA Cob fT VCE=-5V, IE=50mA, f=30MHz VCB=-10V, IE=0A, f=1MHz
hFE Classification
Marking Rank hFE P 82 180 BE Q 120 270 R 180 390
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SB1260

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X