Part Number Hot Search : 
SKY65 ST7565V TM9725 5236B 2SC2826 320240 MC3520P CH2NDN
Product Description
Full Text Search
 

To Download 2SB1228 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1228
DESCRIPTION With TO-220F package Complement to type 2SD1830 High DC current gain. Large current capacity and wide ASO. Low saturation voltage. DARLINGTON APPLICATIONS Suitable for use in control of motor drivers, printer hammer drivers,relay drivers,and constant-voltage regulators. PINNING
PIN 1 2 3 Base DESCRIPTION
Collector
Emitter

PARAMETER
Fig.1 simplified outline (TO-220F) and symbol
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM
HAN INC
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak
SEM GE
Open base
OND IC
TOR UC
VALUE -110 -100 -6 -8 -12
CONDITIONS
UNIT V V V A A
Open emitter
Open collector
TC=25ae PC Collector dissipation
20 W 2
Tj Tstg
Junction temperature Storage temperature
150 -55~150 ae
ae
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SB1228
SYMBOL
MAX
UNIT
V(BR)CBO
Collector-base breakdown voltage
IC=-5mA; IE=0
-110
V
V(BR)CEO
Collector-emitter breakdown voltage
IC=-50mA; RBE=
-100
V
VCEsat
Collector-emitter saturation voltage
IC=-4A ; IB=-8mA
-1.0
-1.5
V
VBEsat
Base-emitter saturation voltage
IC=-4A ; IB=-8mA
-2.0
V
ICBO
Collector cut-off current
VCB=-80V;IE=0
-0.1
mA
IEBO
Emitter cut-off current
VEB=-5V;IC=0
-3.0
mA
hFE
DC current gain
fT
Switching times
Transition frequency
ANG CH
IC=-4A ; VCE=-3V
1500
4000
IC=-4A ; VCE=-5V
ton
Turn-on time
tstg
Storage time
IN
EMIC ES
DUC ON
20
TOR
MHz
0.7
|I
s
IC=500IB1=-500IB2=-4A VCC=-50V ,RL=12.5|
1.4
|I
s
tf
Fall time
1.5
|I
s
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1228
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1228

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X