Part Number Hot Search : 
VN2222L P87C51 TEA1098 IF2415S FSS239 2SB1580 BC307BBU R5F2112
Product Description
Full Text Search
 

To Download 2SB1226 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1226
DESCRIPTION With TO-220F package Complement to type 2SD1828 High DC current gain. Large current capacity and wide ASO. DARLINGTON APPLICATIONS Motor drivers,printer hammer drivers,relay drivers,voltage regulator control. PINNING
PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM

PARAMETER
Fig.1 simplified outline (TO-220F) and symbol
ANG INCH
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak
SEM E
Open base
CONDITIONS
OND IC
TOR UC
VALUE -110 -100 -6 -3 -5
UNIT V V V A A
Open emitter
Open collector
TC=25ae PC Collector dissipation
20 W 2
Tj Tstg
Junction temperature Storage temperature
150 -55~150 ae
ae
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=-5mA; IE=0 IC=-50mA; RBE= IC=-1.5A ; IB=-3mA IC=-1.5A ; IB=-3mA VCB=-80V;IE=0 VEB=-5V;IC=0 IC=-1.5A ; VCE=-3V IC=-1.5A ; VCE=-5V 1500 MIN -110 -100
2SB1226
SYMBOL V(BR)CBO V(BR)CEO VCEsat VBEsat ICBO IEBO hFE fT
TYP.
MAX
UNIT V V
-1.0
-1.5 -2.0 -0.1 -3.0
V V mA mA
4000 20 MHz
Switching times ton ts tf
Turn-on time
SEM E
Storage time Fall time
ANG INCH
IC=500IB1=-500IB2=-1A VCC=-50V ,RL=50|
OND IC
TOR UC
0.7 |I 2.4 1.2 |I
s |I s s
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1226
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1226

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X