Part Number Hot Search : 
T70RIA10 KSP42TA SB104 WKO471 MAX80 10ETS12 AME8820 CX2040T
Product Description
Full Text Search
 

To Download 2SB1223 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1223
DESCRIPTION With TO-220F package Complement to type 2SD1825 High DC current gain. Large current capacity and wide ASO. DARLINGTON APPLICATIONS Suitable for use in control of motor drivers, printer hammer drivers,and constant-voltage regulators. PINNING
PIN 1 2 3 Base Collector DESCRIPTION
Emitter

PARAMETER
Fig.1 simplified outline (TO-220F) and symbol
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM
HAN INC
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak
SEM GE
Open base
OND IC
TOR UC
VALUE -70 -60 -6 -4 -6
CONDITIONS
UNIT V V V A A
Open emitter
Open collector
TC=25ae PC Collector dissipation Ta=25 Tj Tstg Junction temperature Storage temperature
20 W 2 150 -55~150 ae ae
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SB1223
SYMBOL
MAX
UNIT
V(BR)CBO
Collector-base breakdown voltage
IC=-5mA; IE=0
-70
V
V(BR)CEO
Collector-emitter breakdown voltage
IC=-50mA; RBE=
-60
V
VCEsat
Collector-emitter saturation voltage
IC=-2A ; IB=-4mA
-1.0
-1.5
V
VBEsat
Base-emitter saturation voltage
IC=-2A ; IB=-4mA
-2.0
V
ICBO
Collector cut-off current
VCB=-40V;IE=0
-0.1
mA
IEBO
Emitter cut-off current
VEB=-5V;IC=0
-3.0
mA
hFE
DC current gain
fT
Switching times
Transition frequency
ANG CH
IC=-2A ; VCE=-2V
2000
5000
IC=-2A ; VCE=-5V
ton
Turn-on time
tstg
Storage time
IN
EMIC ES
DUC ON
20
TOR
MHz
0.5
|I
s
IC=500IB1=-500IB2=-2A VCC=-20V ,RL=10|
1.4
|I
s
tf
Fall time
1.2
|I
s
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1223
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1223

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X