Part Number Hot Search : 
PDTC144 X40626 X4166 J120CA B1006 NCP4303B UY1104B P1WTL
Product Description
Full Text Search
 

To Download 2SB1086 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION With TO-126 package Complement to type 2SD1563 Low collector saturation voltage Large current capability APPLICATIONS Designed for use in low frequency power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
2SB1086
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PD Tj Tstg PARAMETER

Collector-base voltage
IN
Collector-emitter voltage
Emitter-base voltage
ANG CH
EMIC ES
Open emitter Open base Open collector
CONDITIONS
OND
TOR UC
VALUE -120 -120 -5 -1.5 -3.0
UNIT V V V A A W ae ae
Collector current (DC) Collector current -peak Total power dissipation Junction temperature Storage temperature TC=25ae
10 150 -55~150
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SB1086
SYMBOL
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-1mA ;IB=0
-120
V
V(BR)CBO
Collector-base breakdown voltage
IC=-50|I
A ;IE=0
-120
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-50|I
A ;IC=0
-5
V
VCEsat
Collector-emitter saturation voltage
IC=-1.0A ;IB=-0.1A
-2.0
V
VBEsat
Base-emitter saturation voltage
IC=-1.0A ;IB=-0.1A
-1.5
V
ICBO
Collector cut-off current
VCB=-100V; IE=0
-1.0
|I
A
IEBO
Emitter cut-off current
hFE
DC current gain

VEB=-4V; IC=0
-1.0
|I
A
IC=-0.1A ; VCE=-5V
fT
Transition frequency
COB
Output capacitance
HAN INC
SEM GE
IC=-0.1A ; VCE=-5V
OND IC
56
TOR UC
390 50 30
MHz
IE=0 ; VCB=-10V;f=1MHz
pF
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1086
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1086

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X