Part Number Hot Search : 
MRF326 043202 PD200481 04N60 SMA10 200AB OM6059SB SL1919
Product Description
Full Text Search
 

To Download 2SB1034 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1034
DESCRIPTION With TO-126 package Low collector saturation voltage High DC current gain DARLINGTON APPLICATIONS For power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER

Collector-base voltage
IN
Collector-emitter voltage
Emitter-base voltage
ANG CH
EMIC ES
Open emitter Open base Open collector
CONDITIONS
OND
TOR UC
VALUE -80 -80 -8 -2 -0.5
UNIT V V V A A W ae ae
Collector current (DC) Base current (DC) Total power dissipation Junction temperature Storage temperature TC=25ae
15 150 -55~150
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=-10mA ;IB=0 IC=-1A ;IB=-1mA IC=-1A ;IB=-1mA VCB=-80V; IE=0 VEB=-8V; IC=0 IC=-1A ; VCE=-2V IE=0; VCB=-10V;f=1MHz IC=-0.5A ; VCE=-2V 2000 30 MIN -80 TYP.
2SB1034
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE COB fT
MAX
UNIT V
-1.5 -2.0 -10 -4 |I
V V A mA
pF MHz
Switching times ton ts tf
Fall time

Turn-on time Storage time
HAN INC
SEM GE
RL=30| IB1=IB2=1mA VCC=-30V
OND IC
TOR UC
50 0.4 2.0 0.4
|I |I |I
s s s
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1034
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1034

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X