Part Number Hot Search : 
M1101 MPY43C49 ES5603 SSF6808A DTC144WE FP5109 AC126 7130A
Product Description
Full Text Search
 

To Download 2SA766 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA766
DESCRIPTION *With TO-66 package *High power dissipation *Complement to type 2SC1450 APPLICATIONS *Line-operated vertical deflection output *Medium power amplifier
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-66) and symbol DESCRIPTION
Absolute maximum ratings(Ta=)
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC80 Open emitter Open base Open collector CONDITIONS VALUE -150 -150 -5 -0.4 -1.2 20 150 -65~150 UNIT V V V A A W
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL VCEO(SUS) V(BR)EBO VCEsat VBE-1 VBE-2 ICBO hFE-1 hFE-2 fT PARAMETER Collector-emitter sustaining voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=-0.2A ;L=25mH,RBE=5k IE=-1mA ;IC=0 IC=-1A; IB=-0.1A IC=-0.1A ; VCE=-5V IC=-0.5A ; VCE=-5V VCB=-60V; IE=0 IC=-0.1A ; VCE=-5V IC=-0.5A ; VCE=-5V IE=0.1A ; VCB=-10V 35 35 15 MIN -150 -5 TYP.
2SA766
MAX
UNIT V V
-1.0 -0.8 -1.0 -30 150
V V V A
MHz
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA766
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SA766

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X