Part Number Hot Search : 
7493P CHF5KP15 D013T 3040P XR76203 MC14507 KUS2503 CSC2313F
Product Description
Full Text Search
 

To Download 2SA1216 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
2SA1216
DESCRIPTION *High Collector-Emitter Breakdown VoltageV(BR)CEO= -180V(Min) *Good Linearity of hFE *Complement to Type 2SC2922
APPLICATIONS *Designed for audio and general purpose applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
-180
V
VCEO
Collector-Emitter Voltage
-180
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-17
A
IB
B
Base Current-Continuous Collector Power Dissipation @ TC=25
-5
A
PC
200
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SA1216
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -25mA ; IB= 0
-180
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -8A; IB= -0.8A
B
-2.0
V
ICBO
Collector Cutoff Current
VCB= -180V; IE= 0
-100
A
IEBO
Emitter Cutoff Current
VEB= -5V; IC=0
-100
A
hFE
DC Current Gain
IC= -8A; VCE= -4V
30
180
COB
Output Capacitance
IE= 0; VCB= -10V;ftest= 1.0MHz
500
pF
fT
Current-Gain--Bandwidth Product
IE= 2A; VCE= -12V
40
MHz
Switching times
ton
Turn-on Time IC= -10A ,RL= 4, IB1= -IB2= -1A,VCC= -40V
0.3
s
tstg
Storage Time
0.7
s
tf
Fall Time
0.2
s
hFE Classifications O 30-60 Y 50-100 P 70-140 G 90-180
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SA1216

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X