Part Number Hot Search : 
W523S20 084V3T1 5M250 AS300DA EGP20DT SC5707 815AF CFB940P
Product Description
Full Text Search
 

To Download 2SA1215 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1215
DESCRIPTION *With MT-200 package *Complement to type 2SC2921 APPLICATIONS *Audio and general purpose
PINNING(see Fig.2) PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (MT-200) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC IB
B
PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base
CONDITIONS
VALUE -160 -160 -5 -15 -4 150 150 -55~150
UNIT V V V A A W
Open collector
PC Tj Tstg
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL VCEO VCEsat ICBO IEBO hFE Cob fT PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=-25mA ; IB=0
B
2SA1215
MIN -160
TYP.
MAX
UNIT V
IC=-5A ;IB=-0.5A
B
-2.0 -100 -100 50 400 50 180
V A A
VCB=-160V; IE=0 VEB=-5V; IC=0 IC=-5A ; VCE=-4V IE=0 ; VCB=-10V;f=1MHz IC=-2A ; VCE=-12V
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=-5A;RL=12 IB1=-IB2=-0.5A VCC=-60V 0.25 0.85 0.20 s s s
hFE classifications O 50-100 P 70-140 Y 90-180
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1215
Fig.2 outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1215
4


▲Up To Search▲   

 
Price & Availability of 2SA1215

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X