Part Number Hot Search : 
C4148 8BRLG TLHW5100 2W08G FS10A TFMS5400 1N5950A MACH11SP
Product Description
Full Text Search
 

To Download 2SA1184 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1184
DESCRIPTION *With TO-126 package *High breakdown voltage APPLICATIONS *Audio frequency power amplifier *High frequency power amplifier
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
*
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC IB
B
PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Ta=25 Open emitter Open base Open collector
CONDITIONS
VALUE -120 -120 -5 -1 -0.1 1.5
UNIT V V V A A
PD
Total power dissipation TC=25 15 150 -55+150
W
Tj Tstg
Junction temperature Storage temperature

Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP.
2SA1184
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-10mA; IB=0
-120
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-10A; IC=0
-5
V
VCEsat
Collector-emitter saturation voltage
IC=-500mA; IB=-50mA
B
-1.0
V
VBE
Base-emitter on voltage
IC=-500mA ; VCE=-5V
-1.0
V
ICBO
Collector cut-off current
VCB=-120V; IE=0
-1
A
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-1
A
hFE
DC current gain
IC=-100mA ; VCE=-5V
80
240
fT
Transition frequency
IC=-0.1A ; VCE=5V
120
MHz
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1184
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SA1184

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X