Part Number Hot Search : 
00A12 DF08H MCF5211 CEO40 MK1432 SI2323DS KBPC602 AMP02FS
Product Description
Full Text Search
 

To Download 2SA1069 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1069 2SA1069A
DESCRIPTION *With TO-220 package *Complement to type 2SC2516/2516A *Low collector saturation voltage APPLICATIONS *Switching regulators *DC-DC converters *High-frequency power amplifier
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25)
SYMBOL VCBO PARAMETER Collector-base voltage 2SA1069 VCEO Collector-emitter voltage 2SA1069A VEBO IC ICM IB
B
CONDITIONS Open emitter
VALUE -80 -60
UNIT V
Open base -80 Open collector -12 -5 -10 -2.5 Ta=25 1.5
V
Emitter-base voltage Collector current Collector current-Peak Base current
V A A A
PC
Collector power dissipation TC=25 30 150 -55~150
W
Tj Tstg
Junction temperature Storage temperature

Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER 2SA1069 VCEO(SUS) Collector-emitter sustaining voltage 2SA1069A VCEsat VBEsat Collector-emitter saturation voltage Base-emitter saturation voltage 2SA1069 ICBO Collector cut-off current 2SA1069A IEBO hFE-1 hFE-2 Emitter cut-off current DC current gain DC current gain VCB=-80V; IE=0 VEB=-5V; IC=0 IC=-0.3A ; VCE=-5V IC=-3A ; VCE=-5V IC=-3A; IB=-0.3A IC=-3A; IB=-0.3A VCB=-60V; IE=0 IC=-3.0A ,IB=-0.3A;L=1mH CONDITIONS
2SA1069 2SA1069A
MIN -60
TYP.
MAX
UNIT
V -80 -0.6 -1.5 V V
-10
A
-10 40 40 200
A
Switching times ton tstg tf Turn-on time Storage time Fall time IC=-3A ; VCC=-50V IB1=-IB2=-0.3A;RL=17 0.5 2.5 0.5 s s s
hFE-2 Classifications M 40-80 L 60-120 K 100-200
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1069 2SA1069A
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SA1069

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X