Part Number Hot Search : 
GMS81508 GLZJ10 009503 CPT2206 MAX918 H11D1SD MAX918 KK4558N
Product Description
Full Text Search
 

To Download 2PB710A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
PNP General Purpose Transistor 2PB710A
Transistors IC
SOT-23
Unit: mm
Features
3
+0.1 2.9-0.1 +0.1 0.4-0.1
High current (max. 500 mA)
+0.1 2.4-0.1
Low voltage (max. 50 V).
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Peak collector current Peak base current Total power dissipation Tamb 25 ; * Storage temperature Junction temperature Operating ambient temperature Thermal resistance from junction to ambient * * Transistor mounted on an FR4 printed-circuit board. Symbol VCBO VCEO VEBO IC ICM IBM Ptot Tstg Tj Tamb Rth j-a Rating -60 -50 -5 -500 -1 -200 250 -65 to +150 150 -65 to +150 500 K/W Unit V V V mA A mA mW
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
2PB710A
Electrical Characteristics Ta = 25
Parameter Collector cut-off current Emitter cut-off current DC current gain 2PB710AQ 2PB710AR 2PB710AS DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Collector capacitance Transition frequency 2PB710AQ 2PB710AR 2PB710AS *. Pulse test: tp 300 is; a 0.02. fT IC = -50 mA; VCE = -10 V; f = 100 MHz* VCEsat VBEsat Cc IC = -500 mA; VCE = -10 V; * IC = -300 mA; IB = -30 mA * IC = -300 mA; IB = -30 mA * IE = ie = 0; VCB = -10 V; f = 1 MHz hFE IC = -150 mA; VCE = -10 V* Symbol ICBO IEBO Testconditons IE = 0; VCB = -60 V
IE
Transistors IC
Min
Typ
Max -10 -5 -10
Unit nA iA nA
= 0; VCB = -60 V; Tj = 150
IC = 0; VEB = -5 V 85 120 170 40
170 240 340
-600 -1.5 15 100 120 140
mV V pF
MHz
Marking
Type Number Marking 2PB710AQ DQ 2PB710AR DR 2PB710AS DS
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2PB710A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X