Part Number Hot Search : 
74HCT4 LM336Z5X SN74L 74HCT4 PDT2018 UZ5220 MC145 ICROS
Product Description
Full Text Search
 

To Download 16000MJ220501016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE-MOUNT CRYSTALS MJ2 CRYSTALS 5mm x 3.2mm SMD 2 Pad
DESCRIPTION
MJ crystals are ultra-miniature surface-mount mount crystals. Produced with both ceramic substrate and ceramic lid the compact size and low mass make this an ideal crystal for high-density applications.
OUTLINES AND DIMENSIONS
FEATURES
* * * * * Ultra miniature size: 5.0mm x 3.2mm x 1.2mm height All-ceramic construction with epoxy seal and Au plated pads Extremely low ageing High shock and vibration resistance Ideal for PDAs, GPS, Wireless LAN, and hand-held equipment
GENERAL SPECIFICATION
Frequency Range AT-Cut Fundamental: Calibration Tolerance at 25C*: Frequency stability over temp*: Storage Temperature: Shunt Capacitance (C0): Load Capacitance (CL): Ageing: Drive level: Reflow Soldering: Holder: Supply Packaging: 12MHz to 50MHz 50ppm 50ppm over -20 to +70C -40~+85C 5pF maximum 16pF <5ppm per year at +25C 100mW max 10s maximum at 235C 5C Ceramic base, ceramic lid, epoxy seal 12mm EIA tape and reel 1000 pieces per reel
PART NUMBER GENERATION
MJ2 crystal part numbers are derived as follows: Example:
16.000MHz
MJ2/ 20/50/10/16pF
* Note: Tighter tolerance, stability and lower ESR parameters are available, check with Euroquartz technical sales.
EQUIVALENT SERIES RESISTANCE
Frequency (MHz) 12.0 ~ 15.99 16.0 ~ 19.99 20.0 ~ 50.0 ESR (max) (Ohms) 80 60 40
Frequency Package - MJ2 Calibration Tolerance at 25C (in ppm) Temperature Stability (in ppm) Operating Temperature Range -10~+60C (lower figure of temperature range) Circuit Condition CL = 16pF
STOCKHOLDING AND CUSTOM PARTS
Certain frequencies and specification of MJ2 crystals are stocked by Euroquartz. Custom frequencies and specifications are readily manufactured to order on short lead times. Contact Euroquartz sales office for details.
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 1460 230000 Fax: +44 1460 230001 email: info@euroquartz.co.uk web: www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of 16000MJ220501016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X