Part Number Hot Search : 
AG471SN1 60A363C 1H104 OPB703 MV358L 01800 30006 27N60
Product Description
Full Text Search
 

To Download VI30100C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product
V30100C, VF30100C, VB30100C & VI30100C
Vishay General Semiconductor
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.455 V at IF = 5 A
TMBS (R)
TO-220AB ITO-220AB
FEATURES * Trench MOS Schottky technology * Low forward voltage drop, low power losses * High efficiency operation * Low thermal resistance * Meets MSL level 1, per J-STD-020, LF maximum peak of 245 C (for TO-263AB package) * Solder dip 260 C, 40 s (for TO-220AB, ITO-220AB and TO-262AA package) * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS
2 V30100C
PIN 1 PIN 3 PIN 2 CASE
3 1 VF30100C
PIN 1 PIN 3 PIN 2
2
3
1
TO-263AB K K
TO-262AA
2 1 1 VB30100C
PIN 1 PIN 2 K HEATSINK
2
3
For use in high frequency inverters, switching power supplies, freewheeling diodes, OR-ing diode, dc-to-dc converters and reverse battery protection. MECHANICAL DATA Case: TO-220AB, ITO-220AB, TO-263AB and TO-262AA Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test Polarity: As marked Mounting Torque: 10 in-lbs maximum
VI30100C
PIN 1 PIN 3 PIN 2 K
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM VF at IF = 15 A TJ max. 2 x 15 A 100 V 160 A 0.63 V 150 C
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Maximum average forward rectified current (Fig. 1) Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Isolation voltage (ITO-220AB only) from terminal to heatsink t = 1 min Operating junction and storage temperature range per device per diode per diode SYMBOL VRRM IF(AV) IFSM VAC TJ, TSTG V30100C VF30100C VB30100C VI30100C UNIT V A A V C 100 30 15 160 1500 - 40 to + 150
Document Number: 89010 Revision: 19-May-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
New Product
V30100C, VF30100C, VB30100C & VI30100C
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Breakdown voltage TEST CONDITIONS IR = 1.0 mA IF = 5 A IF = 7.5 A IF = 15 A IF = 5 A IF = 7.5 A IF = 15 A VR = 70 V Reverse current per diode (2) VR = 100 V Notes: (1) Pulse test: 300 s pulse width, 1 % duty cycle (2) Pulse test: Pulse width 40 ms TA = 25 C TA = 25 C VF TA = 125 C TA = 25 C TA = 125 C TA = 25 C TA = 125 C 0.455 0.522 0.627 7.2 8.0 IR 65 20 0.68 500 35 A mA A mA SYMBOL VBR TYP. 100 (minimum) 0.516 0.576 0.734 MAX. 0.80 UNIT
Instantaneous forward voltage per diode (1)
V
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance per diode SYMBOL RJC V30100C 2.5 VF30100C 5.5 VB30100C 2.5 VI30100C 2.5 UNIT C/W
ORDERING INFORMATION (Example)
PACKAGE TO-220AB ITO-220AB TO-263AB TO-263AB TO-262AA PREFERRED P/N V30100C-E3/4W VF30100C-E3/4W VB30100C-E3/4W VB30100C-E3/8W VI30100C-E3/4W UNIT WEIGHT (g) 1.88 1.75 1.39 1.39 1.46 PACKAGE CODE 4W 4W 4W 8W 4W BASE QUANTITY 50/tube 50/tube 50/tube 800/reel 50/tube DELIVERY MODE Tube Tube Tube Tape and reel Tube
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
35 Resistive or Inductive Load 14 D = 0.3 12 VF30100C 25 VB(I)30100C 20 15 10 5 0 0 25 50 75 100 125 150 V30100C D = 0.2 D = 0.1 D = 1.0 8 6 T 4 2 0 0 2 4 6 8 10 12 14 16 18 D = 0.5 D = 0.8
Average Forward Current (A)
30
Average Power Loss (W)
10
D = tp/T
tp
Case Temperature (C)
Average Forward Current (A)
Figure 1. Forward Current Derating Curve
Figure 2. Forward Power Loss Characteristics Per Diode
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89010 Revision: 19-May-08
New Product
V30100C, VF30100C, VB30100C & VI30100C
Vishay General Semiconductor
100
10
Transient Thermal Impedance (C/W)
Instantaneous Forward Current (A)
TA = 150 C TA = 125 C 10
Junction to Case
1
0.1
1
TA = 25 C
0.01
V(B,J)30100C 0.001 0.01 0.1 1 10 100
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
Instantaneous Forward Voltage (V)
t - Pulse Duration (s)
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
Figure 6. Typical Transient Thermal Impedance Per Diode
100
10
Transient Thermal Impedance (C/W)
Instantaneous Reverse Current (mA)
TA = 150 C 10 TA = 125 C 1
Junction to Case
0.1 TA = 25 C 0.01
VF30100C 1 0.01 0.1 1 10 100
0.001 10 20 30 40 50 60 70 80 90 100
Percent of Rated Peak Reverse Voltage (%)
t - Pulse Duration (s)
Figure 4. Typical Reverse Characteristics Per Diode
Figure 7. Typical Transient Thermal Impedance Per Diode
10 000 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p 1000
Junction Capacitance (pF)
100
10 0.1 1 10 100
Reverse Voltage (V)
Figure 5. Typical Junction Capacitance
Document Number: 89010 Revision: 19-May-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
New Product
V30100C, VF30100C, VB30100C & VI30100C
Vishay General Semiconductor
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.415 (10.54) MAX. 0.370 (9.40) 0.360 (9.14) 0.154 (3.91) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.635 (16.13) 0.625 (15.87) 3 0.603 (15.32) 0.573 (14.55) 0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46) 0.035 (0.90) 0.028 (0.70) 0.205 (5.20) 0.195 (4.95) 0.022 (0.56) 0.014 (0.36) 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 45 REF. 0.404 (10.26) 0.384 (9.75) 0.076 (1.93) REF. 0.076 (1.93) REF.
7 REF. 0.140 (3.56) DIA. 0.125 (3.17) DIA. 0.135 (3.43) DIA. 0.122 (3.08) DIA.
ITO-220AB
0.190 (4.83) 0.170 (4.32) 0.110 (2.79) 0.100 (2.54)
0.600 (15.24) 0.580 (14.73)
PIN
0.671 (17.04) 0.651 (16.54)
7 REF. 0.350 (8.89) 0.330 (8.38)
1 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45)
PIN 2
1
2
3
7 REF.
0.560 (14.22) 0.530 (13.46) 0.057 (1.45) 0.045 (1.14) 0.025 (0.64) 0.015 (0.38) 0.105 (2.67) 0.095 (2.41)
0.191 (4.85) 0.171 (4.35)
0.110 (2.79) 0.100 (2.54)
0.057 (1.45) 0.045 (1.14)
0.035 (0.89) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95)
0.028 (0.71) 0.020 (0.51)
TO-262AA
0.411 (10.45) MAX. 0.250 (6.35) MIN.
K
0.055 (1.40) 0.047 (1.19) 0.185 (4.70) 0.175 (4.44) 0.055 (1.40) 0.045 (1.14)
30 (TYP.) (REF.)
0.950 (24.13) 0.920 (23.37) 1
0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14)
PIN 2
0.510 (12.95) 0.470 (11.94) 3
0.350 (8.89) 0.330 (8.38)
0.401 (10.19) 0.381 (9.68)
0.110 (2.79) 0.100 (2.54)
PIN 1 PIN 3
PIN 2 HEATSINK
0.560 (14.22) 0.530 (13.46)
0.104 (2.65) 0.096 (2.45)
0.035 (0.90) 0.028 (0.70) 0.205 (5.20) 0.195 (4.95)
0.022 (0.56) 0.014 (0.35)
TO-263AB
0.411 (10.45) 0.380 (9.65) 0.245 (6.22) MIN. K 0.360 (9.14) 0.320 (8.13) 1 K 2 0.055 (1.40) 0.047 (1.19) 0.670 (17.02) 0.591 (15.00) 0.15 (3.81) MIN. 0.08 (2.032) MIN. 0.105 (2.67) 0.095 (2.41) 0.33 (8.38) MIN. 0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout
0.42 (10.66) MIN.
0.624 (15.85) 0.591 (15.00)
0.037 (0.940) 0.027 (0.686) 0.105 (2.67) 0.095 (2.41)
0 to 0.01 (0 to 0.254) 0.110 (2.79) 0.090 (2.29) 0.021 (0.53) 0.014 (0.36) 0.205 (5.20) 0.195 (4.95) 0.140 (3.56) 0.110 (2.79)
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89010 Revision: 19-May-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of VI30100C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X