Part Number Hot Search : 
LMV358 8A712 L200C BAV19 4GIFD 1N4753 AS5115 BSERIES
Product Description
Full Text Search
 

To Download VB20200C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product
V20200C, VF20200C, VB20200C & VI20200C
Vishay General Semiconductor
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.60 V at IF = 5 A
TMBS (R)
TO-220AB ITO-220AB
FEATURES * Trench MOS Schottky technology * Low forward voltage drop, low power losses * High efficiency operation * Low thermal resistance * Meets MSL level 1, per J-STD-020, LF maximum peak of 245 C (for TO-263AB package) * Solder dip 260 C, 40 s (for TO-220AB, ITO-220AB and TO-262AA package) * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS
2 V20200C
PIN 1 PIN 3
3 1 VF20200C
PIN 1 PIN 3 PIN 2
2
3
1
PIN 2 CASE
TO-263AB K K
TO-262AA
2 1 1 VB20200C
PIN 1 PIN 2 K HEATSINK
2
3
For use in high frequency inverters, switching power supplies, freewheeling diodes, OR-ing diode, dc-to-dc converters and reverse battery protection. MECHANICAL DATA
VI20200C
PIN 1 PIN 3 PIN 2 K
Case: TO-220AB, TO-262AA
ITO-220AB,
TO-263AB
and
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM VF at IF = 10 A TJ max. 2 x 10 A 200 V 120 A 0.68 V 150 C
Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for commercial grade, meets JESD 201 class 1A whisker test Polarity: As marked Mounting Torque: 10 in-lbs maximum
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Maximum average forward rectified current (Fig. 1) Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load per diode Peak repetitive reverse current at tp = 2 s, 1 kHz per diode Isolation voltage (ITO-220AB only) from terminal to heatsink t = 1 min Operating junction and storage temperature range per device per diode SYMBOL VRRM IF(AV) IFSM IRRM VAC TJ, TSTG V20200C VF20200C VB20200C VI20200C UNIT V A A A V C 200 20 10 120 0.5 1500 - 40 to + 150
Document Number: 89072 Revision: 19-May-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
New Product
V20200C, VF20200C, VB20200C & VI20200C
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Breakdown voltage TEST CONDITIONS IR = 1.0 mA IF = 5 A IF = 10 A IF = 5 A IF = 10 A VR = 180 V Reverse current per diode (2) VR = 200 V Notes: (1) Pulse test: 300 s pulse width, 1 % duty cycle (2) Pulse test: Pulse width 40 ms TA = 25 C TA = 25 C VF TA = 125 C TA = 25 C TA = 125 C TA = 25 C TA = 125 C SYMBOL VBR TYP. 200 (minimum) 0.85 1.21 0.60 0.68 6 3.6 5.6 MAX. 1.60 0.76 150 18 UNIT V
Instantaneous forward voltage per diode (1)
V
IR
A mA A mA
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance per diode SYMBOL RJC V20200C 2.8 VF20200C 5.0 VB20200C 2.8 VI20200C 2.8 UNIT C/W
ORDERING INFORMATION (Example)
PACKAGE TO-220AB ITO-220AB TO-263AB TO-263AB TO-262AA PREFERRED P/N V20200C-E3/4W VF20200C-E3/4W VB20200C-E3/4W VB20200C-E3/8W VI20200C-E3/4W UNIT WEIGHT (g) 1.88 1.75 1.37 1.37 1.45 PACKAGE CODE 4W 4W 4W 8W 4W BASE QUANTITY 50/tube 50/tube 50/tube 800/reel 50/tube DELIVERY MODE Tube Tube Tube Tape and reel Tube
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
25 Resistive or Inductive Load 9 V20200C 8 D = 0.5 D = 0.3 D = 0.2 D = 0.1 D = 1.0 D = 0.8
Average Forward Current (A)
Average Power Loss (W)
20
7 6 5 4 3 2 1
15 VF20200C 10
T
5
D = tp/T 0 2 4 6 8
tp 10 12
0 0 25 50 75 100 125 150 175
0
Case Temperature (C)
Average Forward Current (A)
Figure 1. Maximum Forward Current Derating Curve
Figure 2. Forward Power Loss Characteristics Per Diode
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89072 Revision: 19-May-08
New Product
V20200C, VF20200C, VB20200C & VI20200C
Vishay General Semiconductor
100
10
Transient Thermal Impedance (C/W)
Instantaneous Forward Current (A)
TA = 150 C
Junction to Case
TA = 125 C 10
TA = 100 C 1 TA = 25 C
V20200C 1 0.01
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0.1
1
10
100
Instantaneous Forward Voltage (V)
t - Pulse Duration (s)
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
Figure 6. Typical Transient Thermal Impedance Per Diode
100
10
Transient Thermal Impedance (C/W)
Instantaneous Reverse Current (mA)
Junction to Case
10
TA = 150 C TA = 125 C
1 TA = 100 C 0.1
0.01 TA = 25 C 0.001
VF20200C 1 0.01
0.0001 10 20 30 40 50 60 70 80 90 100
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
t - Pulse Duration (s)
Figure 4. Typical Reverse Characteristics Per Diode
Figure 7. Typical Transient Thermal Impedance Per Diode
10 000 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p 1000
Junction Capacitance (pF)
100
10 0.1 1 10 100
Reverse Voltage (V)
Figure 5. Typical Junction Capacitance Per Diode
Document Number: 89072 Revision: 19-May-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
New Product
V20200C, VF20200C, VB20200C & VI20200C
Vishay General Semiconductor
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.415 (10.54) MAX. 0.370 (9.40) 0.360 (9.14) 0.154 (3.91) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.635 (16.13) 0.625 (15.87) 3 0.603 (15.32) 0.573 (14.55) 0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46) 0.035 (0.90) 0.028 (0.70) 0.205 (5.20) 0.195 (4.95) 0.022 (0.56) 0.014 (0.36) 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 45 REF. 0.404 (10.26) 0.384 (9.75) 0.076 (1.93) REF. 0.076 (1.93) REF.
7 REF. 0.140 (3.56) DIA. 0.125 (3.17) DIA. 0.135 (3.43) DIA. 0.122 (3.08) DIA.
ITO-220AB
0.190 (4.83) 0.170 (4.32) 0.110 (2.79) 0.100 (2.54)
0.600 (15.24) 0.580 (14.73)
PIN
0.671 (17.04) 0.651 (16.54)
7 REF. 0.350 (8.89) 0.330 (8.38)
1 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45)
PIN 2
1
2
3
7 REF.
0.560 (14.22) 0.530 (13.46) 0.057 (1.45) 0.045 (1.14) 0.025 (0.64) 0.015 (0.38) 0.105 (2.67) 0.095 (2.41)
0.191 (4.85) 0.171 (4.35)
0.110 (2.79) 0.100 (2.54)
0.057 (1.45) 0.045 (1.14)
0.035 (0.89) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95)
0.028 (0.71) 0.020 (0.51)
TO-262AA
0.411 (10.45) MAX. 0.250 (6.35) MIN.
K
0.055 (1.40) 0.047 (1.19) 0.185 (4.70) 0.175 (4.44) 0.055 (1.40) 0.045 (1.14)
30 (TYP.) (REF.)
0.950 (24.13) 0.920 (23.37) 1
0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14)
PIN 2
0.510 (12.95) 0.470 (11.94) 3
0.350 (8.89) 0.330 (8.38)
0.401 (10.19) 0.381 (9.68)
0.110 (2.79) 0.100 (2.54)
PIN 1 PIN 3
PIN 2 HEATSINK
0.560 (14.22) 0.530 (13.46)
0.104 (2.65) 0.096 (2.45)
0.035 (0.90) 0.028 (0.70) 0.205 (5.20) 0.195 (4.95)
0.022 (0.56) 0.014 (0.35)
TO-263AB
0.411 (10.45) 0.380 (9.65) 0.245 (6.22) MIN. K 0.360 (9.14) 0.320 (8.13) 1 K 2 0.055 (1.40) 0.047 (1.19) 0.670 (17.02) 0.591 (15.00) 0.15 (3.81) MIN. 0.08 (2.032) MIN. 0.105 (2.67) 0.095 (2.41) 0.33 (8.38) MIN. 0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout
0.42 (10.66) MIN.
0.624 (15.85) 0.591 (15.00)
0.037 (0.940) 0.027 (0.686) 0.105 (2.67) 0.095 (2.41)
0 to 0.01 (0 to 0.254) 0.110 (2.79) 0.090 (2.29) 0.021 (0.53) 0.014 (0.36) 0.205 (5.20) 0.195 (4.95) 0.140 (3.56) 0.110 (2.79)
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89072 Revision: 19-May-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of VB20200C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X