Part Number Hot Search : 
23S8I D6432 ZC833A YM3404 0603C MOC256 28F800B5 DSP56
Product Description
Full Text Search
 

To Download UYGT801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Specification UYGT801
SSC
Drawn Approval
CUSTOMER
Approval
Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
UYGT801
1. Features 2. Absolute Maximum Ratings 3. Electro Characteristics 4. Optical characteristics 5. Outline Dimension 6. Packing 7. Soldering 8. Precaution for use
Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
UYGT801
Description This surface-mount LED comes in PLCC standard package dimension. It has a substrate made up of a molded plastic reflector sitting on top of a bent lead frame. The die is attached within the reflector cavity and the cavity is encapsulated by epoxy or silicone The package design coupled with careful selection of component materials allow these products to perform with high reliability in a larger temperature range -40 to 100. The high reliability feature is crucial to Automotive interior and Indoor ESS.
*
UYGT801
Features
Industry Standard PLCC SMT package * High brightness using AlInGaP and InGaN dice technologies * Available in multiple colors * High volume, high reliability
Applications
* * Interior automotive Electronic Signs and Signals * Office Automation, Electrical Appliances, Industrial Equipment
Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
1. Features * Yellow-Green colored SMT package * Material AlInGaP * Suitable for all SMT assembly methods Suitable for all soldering methods * RoHS Compliant
Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
2. Absolute maximum ratings
Parameter Power Dissipation Forward Current Peak Forward Current Reverse Voltage Operating Temperature Storage Temperature Symbol Pd IF IFM *2 VR Topr Tstg Value 75 30 90 5 -40 ~ +100 -40 ~ +100 Unit mW mA mA V
oC oC
*1 Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product. *2 IFM was measured at TW 1msec of pulse width and D 1/10 of duty ratio.
3. Electric characteristics
Parameter Forward Voltage Reverse Current Luminance Intensity *1 Peak Wavelength Dominant Wavelength Spectral Bandwidth 50% Viewing Angle *2 Symbol VF IR IV Condition IF =20mA VR=5V IF =20mA IF =20mA IF =20mA IF =20mA IF =20mA Min 1.7 75 568 Typ 2.1 90 576 572 18 120 Max 2.5 10 105 576 Unit V A mcd nm nm nm deg.
P d
2 1/2
*1. The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED package. Luminous Intensity Measurement allowance is 10% *2. 21/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
Document No. : SSC-QP-7-07-24 (Rev.00)
10
1
10
0
Relative Luminous Intensity Iv/Iv [Rel]
Forward Current IF [mA]
Forward Current IF [mA]
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
4. Optical characteristics
Forward Current vs. Forward Voltage
10
2
Relative Luminous Intensity vs Forward Current
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
(Ta=25 OC )
(Ta=25 OC )
1.8
1.9
2.0
2.1
2.2
0
5
10
15
20
25
30
35
Forward Voltage VF (V)
Forward Current IF [mA]
Forward Curve
40
Current
Derating
(Ta=25 OC )
Radiation Diagram
0
30
-30
30
20
-60
60
10
-90
0
-40 -20 0 20 40 60 80 100 120
90
Ambient Temperature TA [OC]
Document No. : SSC-QP-7-07-24 (Rev.00)
Cathode Cathode Mark 2.2
( Tolerance: 0.2, Unit: mm )
6. packing
1.750.1 2 .0 0 .0 5 4 .0 0 .1 1 .5 5 0 .0 5 0 .2 2 0 .0 5
3.50.1
80.1
5
1 .0 0 .1 3 .1 0 .1
8
3.830.1
2 .2 2 0 .1
11.4 0.1 180 +0 -3 2.0 0.2
LABLE 13 0.2
9.0 0.3
30
10
22
(1) Quantity : 2000pcs/Reel (2) Cumulative Tolerance : Cumulative Tolerance/10 pitches to be 0.2mm (3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the cover tape is turned off from the carrier tape at the angle of 10 to the carrier tape (4) Package : P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof Package
60
Document No. : SSC-QP-7-07-24 (Rev.00)
1.8
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
5.outline dimension
Recommended Solder Pattern
2.8 2.2 0.15 0.8 1.9 0.8 Anode 1.8 1.6
3.2 2.4 1.6
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Reel Packing Structure
Reel
QUANTITY : XXXX LOT NUMBER : XXXXXXXXXX PART NUMBER :
SEOUL SEMICONDUCTOR CO., LTD.
HUMIDITY INDICATOR DESI PAK
Aluminum Vinyl Bag
QUANTITY : XXXX LOT NUMBER : XXXXXXXXXX PART NUMBER :
SEOUL SEMICONDUCTOR CO., LTD.
Outer Box Structure
Material : Paper(SW3B(B)) SIZE (mm) TYPE a c b 7inch 245 220 142
1 SIDE c
QUANTITY : XXXX LOT NUMBER : XXXXXXXXXX PART NUMBER :
SEOUL SEMICONDUCTOR CO., LTD. RoHS
1
b
a
Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
7. soldering
(1) Lead Solder
Lead Solder
Lead Solder Pre-heat Pre-heat time Peak-Temperature Soldering time Condition 120~150 120 sec. Max. 240 Max. 10 sec. Max.
2.5~5 C / sec.
2.5~5 o C / sec. Pre-heating 120~150 oC
240 oC Max. 10 sec. Max. 60sec. Max. Above 200 oC
120sec. Max.
(2) Lead-Free Solder
Lead-frame Solder
Lead Free Solder Pre-heat Pre-heat time Peak-Temperature Soldering time Condition 150~200 120 sec. Max. 260 Max. 10 sec. Max.
1~5 o C / sec.
1~5 o C / sec. Pre-heating 150~200 o C
260 oC Max. 10 sec. Max. 60sec. Max. Above 220 oC
120sec. Max.
(3) Hand Soldering conditions Do not exceed 4 seconds at maximum 315C under soldering iron.
Note : In case that the soldered products are reused in soldering process, we don't guarantee the products.
Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
8. precaution for use
(1) Storage In order to avoid the absorption of moisture, it is recommended to store in a dry box (or a desicator) with a desiccant. Otherwise, to store them in the following environment is recommended. Temperature : 5C ~30C Humidity : maximum 70%RH (2) Attention after open. LED is correspond to SMD, when LED be soldered dip, interfacial separation may affect the light transmission efficiency, causing the light intensity to drop. Attention in followed; Keeping of a fraction Temperature : 5 ~ 40C Humidity : less than 10% (3) In the case of more than 1 week passed after opening or change color of indicator on desiccant, components shall be dried 10-12hr. at 605C. (4) Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to normal temperature after soldering. (5) Quick cooling shall be avoided. (6) Components shall not be mounted on warped direction of PCB. (7) Anti radioactive ray design is not considered for the products. (8) This device should not be used in any type of fluid such as water, oil, organic solvent etc. When washing is required, IPA should be used. (9) When the LEDs are illuminating, operating current should be decided after considering the ambient maximum temperature. (10) The LEDs must be soldered within seven days after opening the moisture-proof packing. (11) Repack unused products with anti-moisture packing, fold to close any opening and then store in a dry place. (12) The appearance and specifications of the product may be modified for improvement without notice.
Document No. : SSC-QP-7-07-24 (Rev.00)


▲Up To Search▲   

 
Price & Availability of UYGT801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X