Part Number Hot Search : 
300BZ PE1508N 20100C MB90947A MAX385 2SB1695K HMT32 HPR1016
Product Description
Full Text Search
 

To Download UCLAMP0504A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ClampTM 4-Line ESD protection Array
PROTECTION PRODUCTS - MicroClampTM Description
The Clamp series of TVS arrays are designed to protect sensitive electronics from damage or latch-up due to ESD. They are designed for use in applications where board space is at a premium. Each device requires less than 2.9mm2 of PCB area and will protect up to four lines. They are unidirectional devices and may be used on lines where the signal polarities are above ground. TVS diodes are solid-state devices designed specifically for transient suppression. They feature large cross-sectional area junctions for conducting high transient currents. They offer desirable characteristics for board level protection including fast response time, low operating and clamping voltage, and no device degradation. The uClampTM0504A may be used to meet the immunity requirements of IEC 61000-4-2, level 4. The small SC89 package makes them ideal for use in portable electronics such as cell phones, PDA's, notebook computers, and digital cameras. These devices feature a leadfree, matte tin lead finish. They are compatible with both lead free and SnPb assembly techniques.
TM
UCLAMP0504A
Features
Transient protection for data lines to IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact) IEC 61000-4-4 (EFT) 40A (5/50ns) Protects four I/O lines Ultra-small SC-89 package (1.7 x 1.7 x 0.6mm 0.6mm) 1.7 2 requires less than 2.9mm of PCB area Working voltage: 5V Low leakage current Low operating and clamping voltages Solid-state silicon-avalanche technology
Mechanical Characteristics
SC-89 (SOT-666) package Molding compound flammability rating: UL 94V-0 Marking : Marking Code Weight: 2.9mg (typical) Lead Finish: Matte Tin Packaging : Tape and Reel per EIA 481
Applications
Cellular Handsets & Accessories Cordless Phones Personal Digital Assistants (PDA's) Notebooks & Handhelds Portable Instrumentation Digital Cameras Peripherals MP3 Players
Dimensions
1.70 0.50
Schematic & PIN Configuration
1.25
1.70
0.30
0.60
Maximum Dimensions (mm)
Revision 06/23/2004 1
SC-89 (Top View)
www.semtech.com
UCLAMP0504A
PROTECTION PRODUCTS Absolute Maximum Rating
R ating Peak Pulse Power (tp = 8/20s) Maximum Peak Pulse Current ( tp = 8/20s) ESD per IEC 61000-4-2 (Air) ESD per IEC 61000-4-2 (Contact) Lead Soldering Temperature Operating Temperature Storage Temperature Symbol Pp k Ip p V PP TL TJ TSTG Value 100 7 +/- 20 +/- 12 260 (10 sec.) -55 to +125 -55 to +150 Units Watts Amps kV C C C
Electrical Characteristics (T=25oC)
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Reverse Leakage Current Forward Voltage Clamping Voltage Clamping Voltage Junction Capacitance Symbol VRWM V BR IR IR VF VC VC Cj It = 1mA VRWM = 5V, T=25C VRWM = 3V, T=25C IF = 10mA IPP = 1A, tp = 8/20s IPP = 7A, tp = 8/20s Between I/O Pins and Gnd VR = 0V, f = 1MHz 60 0.80 9 12 75 6 1 0.500 Conditions Minimum Typical Maximum 5 Units V V A A V V V pF
2004 Semtech Corp.
2
www.semtech.com
UCLAMP0504A
PROTECTION PRODUCTS Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
10 110 100 Peak Pulse Power - P PP (kW) 90 % of Rated Power or I PP 80 70 60 50 40 30 20 10 0.01 0.1 1 10 Pulse Duration - tp (s) 100 1000 0 0 25 50 75 100 125 150 Ambient Temperature - TA (oC) 1
Power Derating Curve
0.1
Clamping Voltage vs. Peak Pulse Current
12 10 Forward Voltage - VF (V) 6 8 6 4 2 0 0 1 2 3 4 5 6 7 8 Peak Pulse Current - Ipp (A) 8
Forward Voltage vs. Forward Current
Clamping Voltage - Vc (V)
4
Waveform Parameters: tr = 8us td = 20us
2
Waveform Parameters: tr = 8us td = 20us 0 5 10 Forward Current - IF (A) 15
0
Junction Capacitance vs. Reverse Voltage
60
CH1 S21 LOG
Insertion Loss S21
6 dB / REF 0 dB
Capacitance - Cj (pF)
50
40
30
20 0 1 2 3 Reverse Voltage - VR (V) 4 5
START . 030 MHz
. STOP 3000 000000 MHz
2004 Semtech Corp.
3
www.semtech.com
UCLAMP0504A
PROTECTION PRODUCTS Typical Characteristics (Con't.)
ESD Clamping (8kV Contact per IEC 61000-4-2) ESD Clamping (-8kV Contact per IEC 61000-4-2)
ESD Clamping (15kV air per IEC 61000-4-2)
ESD Clamping (-15kV air per IEC 61000-4-2)
2004 Semtech Corp.
4
www.semtech.com
UCLAMP0504A
PROTECTION PRODUCTS Applications Information
Device Connection for Protection of Four Data Lines These devices are designed to protect up to four unidirectional data lines. The device is connected as follows: 1. Unidirectional protection of four I/O lines is achieved by connecting pins 1, 3, 4, and 6 to the data lines. Pins 2 and 5 are connected to ground. The ground connection should be made directly to the ground plane for best results. The path length is kept as short as possible to reduce the effects of parasitic inductance in the board traces. Circuit Diagram
1
3
4
6
2, 5
Circuit Board Layout Recommendations for Suppression of ESD. Good circuit board layout is critical for the suppression of ESD induced transients. The following guidelines are recommended: Place the TVS near the input terminals or connectors to restrict transient coupling. Minimize the path length between the TVS and the protected line. Minimize all conductive loops including power and ground loops. The ESD transient return path to ground should be kept as short as possible. Never run critical signals near board edges. Use ground planes whenever possible. Matte Tin Lead Finish Matte tin has become the industry standard lead-free replacement for SnPb lead finishes. A matte tin finish is composed of 100% tin solder with large grains. Since the solder volume on the leads is small compared to the solder paste volume that is placed on the land pattern of the PCB, the reflow profile will be determined by the requirements of the solder paste. Therefore, these devices are compatible with both lead-free and SnPb assembly techniques. In addition, unlike other lead-free compositions, matte tin does not have any added alloys that can cause degradation of the solder joint. Protection of Four Unidirectional Lines
2004 Semtech Corp.
5
www.semtech.com
UCLAMP0504A
PROTECTION PRODUCTS Typical Applications
UCLAMP0504A
2004 Semtech Corp.
6
www.semtech.com
UCLAMP0504A
PROTECTION PRODUCTS Outline Drawing
Land Pattern
2004 Semtech Corp.
7
www.semtech.com
UCLAMP0504A
PROTECTION PRODUCTS Marking Code Ordering Information
Part Number uClamp 0504A.TCT Working Voltage 5V Device Qty per Marking Reel H 3,000 Reel Size 7 Inch
H
Note: (1) Device is symmetrical so there is no pin 1 identifier.
MicroClamp, uClamp and Clamp are trademarks of Semtech Corporation
Tape and Reel Specification
H
H
H
Tape Specification and Device Orientation
Contact Information
Semtech Corporation Protection Products Division 200 Flynn Rd., Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
www.semtech.com
2004 Semtech Corp.
8


▲Up To Search▲   

 
Price & Availability of UCLAMP0504A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X