Part Number Hot Search : 
29LV0 IDT74CBT BYW29 RC207 SS131 BDR2G MMPQ6502 143XU
Product Description
Full Text Search
 

To Download TIP42C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistors
TIP42/42A/42B/42C
DESCRIPTION *DC Current Gain -hFE = 30(Min)@ IC= -0.3A *Collector-Emitter Sustaining Voltage: VCEO(SUS) = -40V(Min)- TIP42; -60V(Min)- TIP42A -80V(Min)- TIP42B; -100V(Min)- TIP42C *Complement to Type TIP41/41A/41B/41C APPLICATIONS *Designed for use in general purpose amplifer and switching applications ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER TIP42 TIP42A VCBO Collector-Base Voltage TIP42B TIP42C TIP42 TIP42A VCEO Collector-Emitter Voltage TIP42B TIP42C VEBO IC ICM IB
B
VALUE -40 -60
UNIT
V -80 -100 -40 -60 V -80 -100 -5 -6 -10 -2 65 W 2 150 -65~150 V A A A
Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Base Current Collector Power Dissipation TC=25 Collector Power Dissipation Ta=25 Junction Temperature Storage Temperature Range
PC
Tj Tstg
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistors
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER TIP42 TIP42A IC= -30mA; IB= 0 TIP42B TIP42C VCE(sat) VBE(on) Collector-Emitter Saturation Voltage Base-Emitter On Voltage TIP42 TIP42A ICES Collector Cutoff Current TIP42B TIP42C TIP42/42A ICEO Collector Cutoff Current TIP42B/42C IEBO hFE-1 hFE-2 fT Emitter Cutoff Current DC Current Gain DC Current Gain Current-Gain--Bandwidth Product VCE= -60V; IB= 0
B
TIP42/42A/42B/42C
CONDITIONS
MIN -40 -60
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
V -80 -100
IC= -6A ;IB= -0.6A IC= -6A ; VCE= -4V VCE= -40V; VEB= 0 VCE= -60V; VEB= 0
-1.5 -2.0
V V
-0.4 VCE= -80V; VEB= 0 VCE= -100V; VEB= 0 VCE= -30V; IB= 0
B
mA
-0.7
mA
VEB= -5V; IC= 0 IC= -0.3A ; VCE= -4V IC= -3A ; VCE= -4V IC= -0.5A ;VCE= -10V 30 15 3
-1.0
mA
75 MHz
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistors
TIP42/42A/42B/42C
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of TIP42C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X