Part Number Hot Search : 
MRF449 MCP1810 1N4154 ADG12 TK3612M 182B7 001460 EPF8115G
Product Description
Full Text Search
 

To Download TEMT100008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TEMT1000, TEMT1020, TEMT1030, TEMT1040
Vishay Semiconductors
Silicon NPN Phototransistor, RoHS Compliant
FEATURES
TEMT1000 TEMT1020
* * * * * * * * * * Package type: surface mount Package form: GW, RGW, yoke, axial Dimensions (L x W x H in mm): 2.5 x 2 x 2.7 High radiant sensitivity Daylight blocking filter matched with 870 nm to 950 nm IR emitters Fast response times Angle of half sensitivity: = 15 Package matches with IR emitter series TSML1000 Floor life: 168 h, MSL 3, acc. J-STD-020 Lead (Pb)-free component in accordance RoHS 2002/95/EC and WEEE 2002/96/EC
TEMT1030
TEMT1040
16757
with
DESCRIPTION
TEMT1000 series are silicon NPN phototransistors with high radiant sensitivity in black, surface mount, plastic packages with lens and daylight blocking filter. Filter bandwidth is matched with 870 nm to 950 nm IR emitters.
APPLICATIONS
* * * * * Detector in electronic control and drive circuits IR detector for daylight application Photo interrupters Counter Encoder
PRODUCT SUMMARY
COMPONENT Ica (mA) TEMT1000 7 TEMT1020 7 TEMT1030 7 TEMT1040 7 Note Test conditions see table "Basic Characteristics" (deg) 15 15 15 15 0.5 (nm) 730 to 1000 730 to 1000 730 to 1000 730 to 1000
ORDERING INFORMATION
ORDERING CODE TEMT1000 TEMT1020 TEMT1030 TEMT1040 Note MOQ: minimum order quantity PACKAGING Tape and reel Tape and reel Tape and reel Bulk REMARKS MOQ: 1000 pcs, 1000 pcs/reel MOQ: 1000 pcs, 1000 pcs/reel MOQ: 1000 pcs, 1000 pcs/reel MOQ: 1000 pcs, 1000 pcs/bulk PACKAGE FORM Reverse gullwing Gullwing Yoke Axial leads
ABSOLUTE MAXIMUM RATINGS
PARAMETER TEST CONDITION Emitter collector voltage Collector current Collector peak current tp/T = 0.5, tp 10 ms Power dissipation Tamb 55 C Junction temperature Operating temperature range Storage temperature range Soldering temperature t5s Thermal resistance junction/ambient Soldered on PCB with pad dimensions: 4 mm x 4 mm Note Tamb = 25 C, unless otherwise specified SYMBOL VECO IC ICM PV Tj Tamb Tstg Tsd RthJA VALUE 5 50 100 100 100 - 40 to + 85 - 40 to + 100 260 400 UNIT V mA mA mW C C C C K/W
www.vishay.com 476
For technical questions, contact: detectortechsupport@vishay.com
Document Number: 81554 Rev. 1.6, 09-Sep-08
TEMT1000, TEMT1020, TEMT1030, TEMT1040
Silicon NPN Phototransistor, RoHS Compliant Vishay Semiconductors
120
PV - Power Dissipation (mW)
100 80 60
RthJA = 400 K/W
40 20 0 0 10 20 30 40 50 60 70 80 90 100
21167
Tamb - Ambient Temperature (C)
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
BASIC CHARACTERISTICS
PARAMETER Collector emitter voltage Collector emitter dark current Collector emitter capacitance Angle of half sensitivity Wavelength of peak sensitivity Range of spectral bandwidth Collector emitter saturation voltage Turn-on time Turn-off time Cut-off frequency Collector light current Note Tamb = 25 C, unless otherwise specified Ee = 1 mW/cm2, = 950 nm, IC = 0.1 mA VS = 5 V, IC = 5 mA, RL = 100 VS = 5 V, IC = 5 mA, RL = 100 VS = 5 V, IC = 5 mA, RL = 100 Ee = 1 mW/cm2, = 950 nm, VCE = 5 V TEST CONDITION IC = 1 mA VCE = 20 V, E = 0 VCE = 5 V, f = 1 MHz, E = 0 SYMBOL VCEO ICEO CCEO p 0.5 VCEsat ton toff fc Ica 2 2.0 2.3 180 7.0 MIN. 70 1 3 15 880 730 to 1000 0.3 200 TYP. MAX. UNIT V nA pF deg nm nm V s s kHz mA
BASIC CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
104
ICEO - Collector Dark Current (nA) 2.0
Ica rel - Relative Collector Current
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0 20 40 60 80 100 VCE = 5 V Ee = 1 mW/cm2 = 950 nm
103 VCE = 20 V 102
101
10
94 8304
20
40
60
80
100
Tamb - Ambient Temperature (C)
94 8239
Tamb - Ambient Temperature (C)
Fig. 2 - Collector Dark Current vs. Ambient Temperature
Fig. 3 - Relative Collector Current vs. Ambient Temperature
Document Number: 81554 Rev. 1.6, 09-Sep-08
For technical questions, contact: detectortechsupport@vishay.com
www.vishay.com 477
TEMT1000, TEMT1020, TEMT1030, TEMT1040
Vishay Semiconductors Silicon NPN Phototransistor, RoHS Compliant
100 S()rel - Relative Spectral Sensitivity 10
21169
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 600 700 800 900 1000 - Wavelength (nm) 1100
Ica - Collector Light Current (mA)
10
1 V CE = 5 V = 950 nm 0.1
0.01 0.01
21168
0.1
1
E e - Irradiance (mW/cm)
Fig. 4 - Collector Light Current vs. Irradiance
Fig. 7 - Relative Spectral Sensitivity vs. Wavelength
CCEO - Collector Emitter Capacitance (pF)
10 f = 1 MHz Srel - Relative Sensitivity 8
0
10
20 30 - Angular Displacement
40 1.0 0.9 0.8 0.7 50 60 70 80
6
4
2
0 0.1
1
10
100
94 8248
0.6
0.4
0.2
0
94 8294
VCE - Collector Emitter Voltage (V)
Fig. 5 - Collector Emitter Capacitance vs. Collector Emitter Voltage
Fig. 8 - Relative Radiant Sensitivity vs. Angular Displacement
8
ton/toff - Turn-on/Turn-off Time (s)
6
VCE = 5 V RL = 100 = 950 nm
4 toff 2 ton 0 0 2 4 6 8 10 12 14
94 8293
IC - Collector Current (mA)
Fig. 6 - Turn-on/Turn-off Time vs. Collector Current
www.vishay.com 478
For technical questions, contact: detectortechsupport@vishay.com
Document Number: 81554 Rev. 1.6, 09-Sep-08
TEMT1000, TEMT1020, TEMT1030, TEMT1040
Silicon NPN Phototransistor, RoHS Compliant Vishay Semiconductors
PRECAUTIONS FOR USE
1. Over-current-proof Customer must apply resistors for protection, otherwise slight voltage shift will cause big current change (burn out will happen).
Temperature (C)
260 240 220 200 180 160 140 120 100 80 60 0
17172
REFLOW SOLDER PROFILE
2. Storage 2.1 Storage temperature and rel. humidity conditions are: 5 C to 35 C, R.H. 60 %. 2.2 Floor life must not exceed 168 h, acc. to JEDEC level 3, J-STD-020. Once the package is opened, the products should be used within a week. Otherwise, they should be kept in a damp proof box with desiccant. Considering tape life, we suggest to use products within one year from production date. 2.3 If opened more than one week in an atmosphere 5 C to 35 C, R.H. 60 %, devices should be treated at 60 C 5 C for 15 h. 2.4 If humidity indicator in the package shows pink color (normal blue), then devices should be treated with the same conditions as 2.3.
+ 5 C/s
- 5 C/s
60 s to 120 s 5s
20 40 60 80 100 120 140 160 180 200 220
Time (s)
Fig. 9 - Lead Tin (SnPb) Reflow Solder Profile
PACKAGE DIMENSIONS in millimeters: TEMT1000
3.05 0.2
O 1.9 0.2
0.15 0.05
1.5
4.3 0.2 5.8 0.2 2.5 0.2 1.1 2 0.2 6.3 0.1 0.5 3.7 0.1 1 0.1 0.4 C E
16104
1.4
2.7 0.2
Document Number: 81554 Rev. 1.6, 09-Sep-08
For technical questions, contact: detectortechsupport@vishay.com
www.vishay.com 479
TEMT1000, TEMT1020, TEMT1030, TEMT1040
Vishay Semiconductors Silicon NPN Phototransistor, RoHS Compliant
PACKAGE DIMENSIONS in millimeters: TEMT1020
16105
PACKAGE DIMENSIONS in millimeters: TEMT1030
16756
www.vishay.com 480
For technical questions, contact: detectortechsupport@vishay.com
Document Number: 81554 Rev. 1.6, 09-Sep-08
TEMT1000, TEMT1020, TEMT1030, TEMT1040
Silicon NPN Phototransistor, RoHS Compliant Vishay Semiconductors
PACKAGE DIMENSIONS in millimeters: TEMT1040
16500
REEL DIMENSIONS in millimeters
0.5
16 0.2
Unreel direction X
60.2
2. 5
.5 0
178 1
Tape position coming out from reel
0.
5
13.2
1.5
13
X Label posted here
Leader and trailer tape: Parts mounted Empty leader (400 mm, min.)
Direction of pulling out Empty trailer (200 mm, min.)
Drawing-No.: 9.800-5080.01-4 Issue: 3; 11.06.08
18033
Document Number: 81554 Rev. 1.6, 09-Sep-08
For technical questions, contact: detectortechsupport@vishay.com
www.vishay.com 481
TEMT1000, TEMT1020, TEMT1030, TEMT1040
Vishay Semiconductors Silicon NPN Phototransistor, RoHS Compliant
TAPING DIMENSIONS in millimeters: TEMT1000
3.05 0.1 0.3
O 1.55 0.05
4 0.1 1.75 0.1 5.5 0.05
Feed direction
2 0.05
4 0.1
Top tape
Collector Push pin through hole Quantity per reel: 1000 pcs or 5000 pcs
18089
TAPING DIMENSIONS in millimeters: TEMT1020
3.05 0.1 0.3
O 1.55 0.05
4 0.1 1.75 0.1 5.5 0.05
Feed direction
2 0.05
12 0.3 12 0.3
4 0.1
Top tape
Collector Push pin through hole Quantity per reel: 1000 pcs or 5000 pcs
18090
www.vishay.com 482
For technical questions, contact: detectortechsupport@vishay.com
Document Number: 81554 Rev. 1.6, 09-Sep-08
TEMT1000, TEMT1020, TEMT1030, TEMT1040
Silicon NPN Phototransistor, RoHS Compliant Vishay Semiconductors
TAPING DIMENSIONS in millimeters: TEMT1030
3.05 0.1 0.3
O 1.55 0.05
4 0.1 1.75 0.1 5.5 0.05
Feed direction
2 0.05
4 0.1
18091
Top tape
Collector Push pin through hole Quantity per reel: 1000 pcs or 5000 pcs
12 0.3
Document Number: 81554 Rev. 1.6, 09-Sep-08
For technical questions, contact: detectortechsupport@vishay.com
www.vishay.com 483
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TEMT100008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X