|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TEMD5010X01 Vishay Semiconductors Silicon PIN Photodiode, RoHS Compliant, Released for Lead (Pb)-free Reflow Soldering, AEC-Q101 Released FEATURES * Package type: surface mount * Package form: top view * Dimensions (L x W x H in mm): 5 x 4.24 x 1.12 * Radiant sensitive area (in mm2): 7.5 * Product designed and qualified acc. AEC-Q101 for the automotive market * High photo sensitivity * High radiant sensitivity 20535 * Suitable for visible and near infrared radiation * Fast response times * Angle of half sensitivity: = 65 * Floor life: 72 h, MSL 4, acc. J-STD-020 * Lead (Pb)-free reflow soldering * Lead (Pb)-free component in accordance RoHS 2002/95/EC and WEEE 2002/96/EC with DESCRIPTION TEMD5010X01 is a high speed and high sensitive PIN photodiode. It is a miniature surface mount device (SMD) including the chip with a 7.5 mm2 sensitive area detecting visible and near infrared radiation. APPLICATIONS * High speed photo detector PRODUCT SUMMARY COMPONENT TEMD5010X01 Note Test conditions see table "Basic Characteristics" Ira (A) 55 (deg) 65 0.1 (nm) 430 to 1100 ORDERING INFORMATION ORDERING CODE TEMD5010X01 Note MOQ: minimum order quantity PACKAGING Tape and reel REMARKS MOQ: 1500 pcs, 1500 pcs/reel PACKAGE FORM Top view ABSOLUTE MAXIMUM RATINGS PARAMETER Reverse voltage Power dissipation Junction temperature Operating temperature range Storage temperature range Soldering temperature Thermal resistance junction/ambient Note Tamb = 25 C, unless otherwise specified Acc. reflow solder profile fig. 8 Tamb 25 C TEST CONDITION SYMBOL VR PV Tj Tamb Tstg Tsd RthJA VALUE 60 215 100 - 40 to + 100 - 40 to + 100 260 350 UNIT V mW C C C C K/W Document Number: 84679 Rev. 1.3, 16-Sep-08 For technical questions, contact: detectortechsupport@vishay.com www.vishay.com 443 TEMD5010X01 Vishay SemiconductorsSilicon PIN Photodiode, RoHS Compliant, Released for Lead (Pb)-free Reflow Soldering, AEC-Q101 Released BASIC CHARACTERISTICS PARAMETER Forward voltage Breakdown voltage Reverse dark current Diode capacitance Open circuit voltage Temperature coefficient of Vo Short circuit current Temperature coefficient of Ik Reverse light current Angle of half sensitivity Wavelength of peak sensitivity Range of spectral bandwidth Noise equivalent power Rise time Fall time Note Tamb = 25 C, unless otherwise specified VR = 10 V, = 950 nm VR = 10 V, RL = 1 k, = 820 nm VR = 10 V, RL = 1 k, = 820 nm TEST CONDITION IF = 50 mA IR = 100 A, E = 0 VR = 10 V, E = 0 VR = 0 V, f = 1 MHz, E = 0 VR = 3 V, f = 1 MHz, E = 0 Ee = 1 mW/cm2, = 950 nm Ee = 1 mW/cm2, = 950 nm Ee = 1 mW/cm2, = 950 nm Ee = 1 mW/cm2, = 950 nm Ee = 1 mW/cm2, = 950 nm, VR = 5 V SYMBOL VF V(BR) Iro CD CD Vo TKVo Ik TKIk Ira p 0.1 NEP tr tf 45 60 2 70 25 350 - 2.6 50 0.1 55 65 940 430 to 1100 4 x 10-14 100 100 40 30 MIN. TYP. 1 MAX. 1.3 UNIT V V nA pF pF mV mV/K A %/K A deg nm nm W/Hz ns ns BASIC CHARACTERISTICS Tamb = 25 C, unless otherwise specified I ra rel - Relative Reverse Light Current 1000 Iro - Reverse Dark Current (nA) 1.4 1.2 100 VR = 5 V = 950 nm 1.0 10 0.8 VR = 10 V 1 20 40 60 80 100 0.6 0 20 40 60 80 100 Tamb - Ambient Temperature (C) 94 8403 Tamb - Ambient Temperature (C) 94 8409 Fig. 1 - Reverse Dark Current vs. Ambient Temperature Fig. 2 - Relative Reverse Light Current vs. Ambient Temperature www.vishay.com 444 For technical questions, contact: detectortechsupport@vishay.com Document Number: 84679 Rev. 1.3, 16-Sep-08 TEMD5010X01 Silicon PIN Photodiode, RoHS Compliant, Released for Vishay Semiconductors Lead (Pb)-free Reflow Soldering, AEC-Q101 Released 1000 S ( )rel - Relative Spectral Sensitivity 10 Ira - Reverse Light Current (A) 1.0 0.8 0.6 0.4 0.2 0 350 550 750 950 1150 - Wavelength (nm) 100 10 VR = 5 V = 950 nm 1 0.1 0.01 12787 0.1 1 Ee - Irradiance (mW/cm 2) 94 8420 Fig. 3 - Reverse Light Current vs. Irradiance Fig. 6 - Relative Spectral Sensitivity vs. Wavelength 100 Ira - Reverse Light Current (A) Srel - Relative Radiant Sensitivity 1 mW/cm 2 0.5 mW/cm 2 0.2 mW/cm 2 10 0.1 mW/cm 2 0.05 mW/cm 2 0 10 20 30 40 1.0 0.9 0.8 50 60 70 80 0.6 0.4 0.2 0 0.7 1 0.1 12788 = 950 nm 1 10 100 V R - Reverse Voltage (V) 94 8406 Fig. 4 - Reverse Light Current vs. Reverse Voltage Fig. 7 - Relative Radiant Sensitivity vs. Angular Displacement 80 CD - Diode Capacitance (pF) 60 E=0 f = 1 MHz 40 20 0 0.1 948407 1 10 100 VR - Reverse Voltage (V) Fig. 5 - Diode Capacitance vs. Reverse Voltage Document Number: 84679 Rev. 1.3, 16-Sep-08 For technical questions, contact: detectortechsupport@vishay.com www.vishay.com 445 - Angular Displacement TEMD5010X01 Vishay SemiconductorsSilicon PIN Photodiode, RoHS Compliant, Released for Lead (Pb)-free Reflow Soldering, AEC-Q101 Released PACKAGE DIMENSIONS in millimeters Drawing-No.: 6.541-5060.01-4 Issue: 3; 05.02.08 20536 Not indicated tolerances 0.1 www.vishay.com 446 For technical questions, contact: detectortechsupport@vishay.com Document Number: 84679 Rev. 1.3, 16-Sep-08 TEMD5010X01 Silicon PIN Photodiode, RoHS Compliant, Released for Vishay Semiconductors Lead (Pb)-free Reflow Soldering, AEC-Q101 Released TAPING DIMENSIONS in millimeters 20537 REEL DIMENSIONS in millimeters 20874 Document Number: 84679 Rev. 1.3, 16-Sep-08 For technical questions, contact: detectortechsupport@vishay.com www.vishay.com 447 TEMD5010X01 Vishay SemiconductorsSilicon PIN Photodiode, RoHS Compliant, Released for Lead (Pb)-free Reflow Soldering, AEC-Q101 Released SOLDER PROFILE DRYPACK 300 250 255 C 240 C 217 C max. 260 C 245 C Devices are packed in moisture barrier bags (MBB) to prevent the products from moisture absorption during transportation and storage. Each bag contains a desiccant. Temperature (C) 200 max. 30 s 150 max. 120 s 100 50 0 0 50 100 150 200 250 300 max. ramp up 3 C/s max. ramp down 6 C/s max. 100 s FLOOR LIFE Time between soldering and removing from MBB must not exceed the time indicated in J-STD-020: Moisture sensitivity: level 4 Floor life: 72 h Conditions: Tamb < 30 C, RH < 60 % DRYING In case of moisture absorption devices should be baked before soldering. Conditions see J-STD-020 or recommended conditions: 192 h at 40 C (+ 5 C), RH < 5 % or 96 h at 60 C (+ 5 C), RH < 5 %. 19841 Time (s) Fig. 8 - Lead (Pb)-free Reflow Solder Profile acc. J-STD-020D www.vishay.com 448 For technical questions, contact: detectortechsupport@vishay.com Document Number: 84679 Rev. 1.3, 16-Sep-08 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of TEMD5010X0108 |