Part Number Hot Search : 
BL303 UC3844 SMBJ24 QL202HT U2785B ACS110 FDSD0630 MN15843
Product Description
Full Text Search
 

To Download TCXO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Specify
VCTCXO and TCXO
Quartz Crystal Oscillators
FEATURES
Wide Frequency Range Fast Turnaround Options Low Cost Industry Standard Devices
GENERAL SPECIFICATION
APPLICATIONS
IT Applications Datacommunications Telecommunications Automotive Electronics
Input Voltage Adjustment Tol Frequency Range Frequency Stability Vs Temperature Vs Aging Vs Voltage Change Vs Load Change Operating Temp Storage Temp Mechanical Adjust Linearity Control Voltage Pull Range Slope Polarity Output Voltage Level Rise & Fall Time Duty Cycle Current Consumption Start-up Time Output Voltage Level Current Consumption Load
+3.0V or +5.0V +3.0V +5.0V With Trimmer - Adjustable to the nominal frequency Without Trimmer - '+-3ppm or +-1ppm @ +25 Deg C 1.00 to 60MHz +-1.00ppm to +-10.0ppm +-1.00ppm max per year @ 25 Deg C +-0.3ppm max +-0.3ppm max 0 to 60 Deg C to -30 to +75 Deg C -40 to +85 Deg C +-3ppm min 10% max +1.5V +-1.0V +2.5V +-2.0V +-5ppm min +-6ppm min Positive or Negative TTL / CMOS Square Wave TTL - Logic High: 2.4V min ; Logic Low 0.4V max CMOS - Logic High: 90% Vdd min ; Logic Low 10% Vdd max TTL - 5nS from 0.5V to 2.4V CMOS - 10% to 90% Vdd for CMOS TTL - 40% to 60% measured at 1.4V CMOS - 40% to 60% measured at 50% Vdd 5#25mA max. Frequency and Input voltage dependant 10mS max Clipped Sine Wave +3.0V - 0.8V p-p min +5.0V - 1.0V p-p min +3.0V - 1.0 mA max +5.0V - 2.0 mA max 10K Ohms // 15pF
+-5%
Package Dependant
+-5% Change +-10% Change
Built in trimmer models only
Pull range to '+-80ppm available
quartz
based
frequency
control
components
Order Hotline +44 1293 524245
32
www.aelcrystals.co.uk sales@aelcrystals.co.uk
Specify
VCTCXO and TCXO
Quartz Crystal Oscillators
Packages Available
20.8
#1
20.8
15.24
15.24 #7
#1 #4
12.9
7.62
5.3
6.8
7.5
DRAWING A
#1 12.0 #14 #8 #7
H
DRAWING C
7.5 +- 0.2
5.0 +-0.2
1.2 x 0.6
#1 #2 #3
0.8
1.9 +-0.2
#10
#4
1.27 1.27
#8
#7
#6
10.0
#9
0.6
#5
1.27
1.27
PIN #1 #2 #3 #4 #5 #6 #7 #8 #9 #10
TCXO T.T T.T T.T GND OUT T.T T.T T.T Vcc T.T
VC-TCXO T.T T.T T.T GND OUT T.T T.T T.T Vcc Vcont
19.8
7.5
3.5
#2
#1
#5
15.0
DRAWING E
9.6+-0.3
5.0 +-0.2
11.4+-0.3
1.3+-0.2
6 2.54 5 4
7.62+-0.2
7.62+-0.2
1.0+-0.2
DRAWING G
12.9
# 14 #8
PIN CONNECTIONS PIN Function #1 Voltage Control (N/C TCXO) #7 Ground #8 Output # 14 Supply Voltage Available with or without trimmer
PIN CONNECTIONS PIN Function # 1 Voltage Control (N/C TCXO) # 7 Ground # 8 Output # 14 Supply Voltage H 4.7mm or 7.3mm
H
7.62
# 14
#8
PIN CONNECTIONS PIN Function #1 Voltage Control #7 Ground #8 Output # 14 Supply Voltage Available with or without trimmer
1.8
13.1
DRAWING B
15.36
#1 12.0 #14
#7
7.62
#8
18.3
21.3
PIN CONNECTIONS PIN Function # 1 Voltage Control (N/C TCXO) # 7 Ground # 8 Output # 14 Supply Voltage H
19.8 15.0
2.5
4.0 15.24 0.5
0.5
4.0 7.62
4.0
4.0
DRAWING D
4.7mm or 6.6mm
0.4
PIN CONNECTIONS
#3
#4
PIN CONNECTIONS PIN #1 #2 #3 #4 #5 Function Supply Voltage Output Ground Voltage Control (N/C TCXO) No Connection
6.0
T.T = Test Terminal Do not connect test terminals to lines
DRAWING F
7.5 +- 0.2
0.5
PIN CONNECTIONS (4 Pad) PIN #1 #2 #3 #4 H
1 R0.5 2 7.0
4
H
0.6 7.0
Function Voltage Control (N/C TCXO) Ground Output Supply Voltage 1.85mm , 2.5mm and 4.7mm Available
#5 #6 0.6 #10 #9 #7
2.0 +-0.2
0.4
PIN CONNECTIONS PIN #1 #2 #3 #4 #5 #6 #7 #8 #9 #10 VC-TCXO Vcont GND Output Vcc T.T T.T T.T T.T T.T (N/A Type B) T.T (N/A Type B)
0.8 #1
#4
#2 #3
1.27 1.27 #8
1
PIN CONNECTIONS (6 Pad) PIN #1 #2 #3 #4 #5 #6 H Function Ground Ground Output Ground Voltage Control (N/C TCXO) Supply Voltage 1.85mm , 2.5mm and 4.7mm Available
3
R0.5
0.9
#7 #4
3.0
0.9
#1 #8
1.4
1.4
3
2 1.4
1.27
1.27
4 Pad Version
Type B
#6 #3
3.68
DRAWING H
T.T = Test Terminal Do not connect test terminals to lines
1.4
#2 #5
quartz
based
frequency
control
components
Order Hotline +44 1293 524245
33
www.aelcrystals.co.uk sales@aelcrystals.co.uk
Specify
VCTCXO and TCXO
Quartz Crystal Oscillators
PACKAGE CODES
A1 A2 B1 B2 C1 C2 D1 D2 E1 F1 G1 G2 G3 G4 G5 G6 H1 H2
ORDERING CODE
A A B B C C D D E F G G G G G G H H
1 4 P in D IL - N o trim m e r ac c e s s 1 4 P in D IL - W ith trim m e r ac c e s s SM D G u llw in g - 1 4 P in DIL - N o trim m e r ac c e s s SM D G u llw in g - 1 4 P in DIL - W ith trim m e r ac c e s s DIL Lo w c o s t 4 .7m m h igh DIL Lo w c o s t 7.3 m m h igh SM D G u llw in g - D IL Lo w C o s t 4 .7m m h igh SM D G u llw in g - D IL Lo w C o s t 6 .6 m m h igh 7 x 5 C e ram ic SM D 1 9 .8 m m SQ Le ade d - W ith trim m e r ac c e s s 9 m m x 1 1 m m SM D - 1 .8 5 m m H igh - 6 P ad 9 m m x 1 1 m m SM D - 2 .5 m m H igh - 6 P ad 9 m m x 1 1 m m SM D - 4 .7m m H igh - 6 P ad 9 m m x 1 1 m m SM D - 1 .8 5 m m H igh - 4 P ad 9 m m x 1 1 m m SM D - 2 .5 m m H igh - 4 P ad 9 m m x 1 1 m m SM D - 4 .7m m H igh - 4 P ad 7m m x 5 m m SM D - Lo w C o s t 1 0 P ad 7m m x 5 m m SM D - Lo w C o s t 8 P ad
V / H2 / T / 5 / 16.384000 / 1.0 / 0 +60 / X
V = VCTCXO T = TCXO Package Code T = TTL / CMOS S = Sine Wave 3 = +3.0V
Solder Conditions
Custom Options (see below) Operating Temp Range in Degrees C Frequency Stability in p.p.m Frequency in MHz
CUSTOM OPTIONS AVAILABLE
A - Tape and reeled B - Customer Specified Adjustment Tolerance C - Customer Specified Pull Range D - Positive Slope Polarity (Inc Vcc = Inc Fo) E - Negative Slope Polarity (Inc Vc = dec Fo) F - Customer Specified Power Consumption G - Specified Phase noise requirements H - Custom Marking
quartz
based
frequency
control
components
Order Hotline +44 1293 524245
34
www.aelcrystals.co.uk sales@aelcrystals.co.uk
Order
Custom VCTCXO / TCXO Specification Sheet
Please Copy and Send to AEL Crystals Ltd for Immediate attention
Contact Details Company Name Tel Number Fax Number E Mail Project Information Application Quote Quantity Sample Quantity Date Samples Required Production Dates Product Details Frequency Package Output Load TTL CMOS Sine Operating Temp Range Storage Temp Range Frequency Stability Adjustment Tolerance Over Temp Range Aging Supply Voltage Input Current Start up Time Symmetry Rise / Fall Time Marking Standard Custom Control Voltage Pull Range Minimum Maximum MHz
Quartz Crystals Oscillators
Yes / No Yes / No Yes / No
Gates PF DegC DegC PPM PPM Ohms // To To @ over pF Deg C Deg C Deg C PPM Years V mA nS % nS
Yes / No Yes / No
AEL , Frequency , Date Code Specify VCTCXO Only V
+/-
V PPM PPM PPM
quartz
based
frequency
control
components
Order Hotline +44 1293 524245
35
www.aelcrystals.co.uk sales@aelcrystals.co.uk


▲Up To Search▲   

 
Price & Availability of TCXO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X