Part Number Hot Search : 
BCM20 MS2215L6 1N5242B DMA50101 ULTRA SMCG20A S1T8825 LM2576T
Product Description
Full Text Search
 

To Download TCMT4600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TCMT1600/TCMT4600 Series
Vishay Semiconductors
Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat
FEATURES
* Low profile package (half pitch) * AC isolation test voltage 3750 VRMS * Low coupling capacitance of typical 0.3 pF * Low temperature coefficient of CTR
C E 9
* Wide ambient temperature range * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
1 A 4 PIN
2 C
8
APPLICATIONS
* Programmable logic controllers
16 PIN
17224
AGENCY APPROVALS
C
* UL1577, file no. E76222 system code M, double protection * C-UL CSA 22.2 bulletin 5A
DESCRIPTION
The low profile miniflat package includes an optocoupler with AC Input and transistor output. It is available in single channel (4 pin) TCMT1600 or quad channel (16 pin) TCMT4600.
ORDER INFORMATION
PART TCMT1600 TCMT1600T3 (1) TCMT4600 TCMT4600T1 (1) TCMT4606 Notes Available only on tape and reel. (1) Product is rotated 180 in tape and reel cavity. REMARKS CTR 80 to 300 %, single channel, SOP-4 CTR 80 to 300 %, single channel, SOP-4 CTR 80 to 300 %, quad channel, SOP-16 CTR 80 to 300 %, quad channel, SOP-16 CTR 100 to 300 %, quad channel, SOP-16
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER INPUT Reverse voltage Forward current Forward surge current Power dissipation Junction temperature OUTPUT Collector emitter voltage Emitter collector voltage Collector current Collector peak current Power dissipation Junction temperature tP/T = 0.5, tP 10 ms VCEO VECO IC ICM Pdiss Tj 70 7 50 100 150 125 V V mA mA mW C tP 10 s VR IF IFSM Pdiss Tj 6 60 1.5 100 125 V mA A mW C TEST CONDITION SYMBOL VALUE UNIT
Document Number: 83512 Rev. 1.8, 16-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 907
TCMT1600/TCMT4600 Series
Vishay Semiconductors
Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER COUPLER AC isolation test voltage (RMS) Total power dissipation Operating ambient temperature range Storage temperature range Soldering temperature (2) Related to standard climate 23/50 DIN 50014 VISO Ptot Tamb Tstg Tsld 3750 250 - 40 to + 100 - 40 to + 100 260 VRMS mW C C C TEST CONDITION SYMBOL VALUE UNIT
Notes (1) T amb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability. (2) Refer to reflow profile for soldering conditions for surface mounted devices.
ELECTRICAL CHARACTERISTICS
PARAMETER INPUT Forward voltage Junction capacitance OUTPUT Collector emitter voltage Emitter collector voltage Collector dark current COUPLER Collector emitter saturation voltage Cut-off frequency Capacitance (input to output) IF = 10 mA, IC = 1 mA VCE = 5 V, IF = 10 mA, RL = 100 f = 1 MHz VCEsat fc CIO 100 0.3 0.3 V kHz pF IC = 100 A IE = 100 A VCE = 20 V, IF = 0, E = 0 VCEO VECO ICEO 70 7 100 V V nA IF = 50 mA VR = 0 V, f = 1 MHz VF Cj 1.25 50 1.6 V pF TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT
Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
CURRENT TRANSFER RATIO
PARAMETER IC/IF TEST CONDITION VCE = 5 V, IF = 5 mA PART TCMT1600 TCMT4600 TCMT4606 SYMBOL CTR CTR CTR MIN. 80 80 100 TYP. MAX. 300 300 300 UNIT % % %
SWITCHING CHARACTERISTICS
PARAMETER Delay time Rise time Fall time Storage time Turn-on time Turn-off time www.vishay.com 908 TEST CONDITION VS = 5 V, IC = 2 mA, RL = 100 (see figure 1) VS = 5 V, IC = 2 mA, RL = 100 (see figure 1) VS = 5 V, IC = 2 mA, RL = 100 (see figure 1) VS = 5 V, IC = 2 mA, RL = 100 (see figure 1) VS = 5 V, IC = 2 mA, RL = 100 (see figure 1) VS = 5 V, IC = 2 mA, RL = 100 (see figure 1) SYMBOL td tr tf ts ton toff MIN. TYP. 3.0 3.0 4.7 0.3 6.0 5.0 MAX. UNIT s s s s s s Document Number: 83512 Rev. 1.8, 16-May-08
For technical questions, contact: optocoupler.answers@vishay.com
TCMT1600/TCMT4600 Series
Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat
SWITCHING CHARACTERISTICS
PARAMETER Turn-on time Turn-off time TEST CONDITION VS = 5 V, IF = 10 mA, RL = 1 k (see figure 2) VS = 5 V, IF = 10 mA, RL = 1 k (see figure 2) SYMBOL ton toff MIN. TYP. 9.0 18.0 MAX. UNIT s s
Vishay Semiconductors
IF
0
IF
IF
+5V IC = 2 mA; Adjusted Through Input Amplitude
0 IC 100 % 90 %
tp
t
RG = 50 tp = 0.01 T tp = 50 s Channel I Channel II 50
15234
10 % 0
100
Oscilloscope RL = 1 M CL = 20 pF
tr td t on
Pulse duration Delay time Rise time Turn-on time
ts
tf t off
t
Storage time Fall time Turn-off time
tp td tr t on (= t d + tr)
96 11698
ts tf t off (= ts + tf)
Fig. 1 - Test Circuit, Non-Saturated Operation
Fig. 3 - Switching Times
0
IF
IF = 10 mA
+5V
RG = 50 tp = 0.01 T t p = 50 s Channel I Channel II 50
15235
1 k
Oscilloscope R L = 1 M C L = 20 pF
Fig. 2 - Test Circuit, Saturated Operation
TYPICAL CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
Ptot - Total Power Dissipation (mW)
300 Coupled device 250 200 Phototransistor 150 100 50 0 0 40 80 120 IR-diode
1000
IF - Forward Current (mA)
100
10
1
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
96 11862
96 11700
Tamb - Ambient Temperature (C)
VF - Forward Voltage (V)
Fig. 4 - Total Power Dissipation vs. Ambient Temperature Document Number: 83512 Rev. 1.8, 16-May-08
Fig. 5 - Forward Current vs. Forward Voltage www.vishay.com 909
For technical questions, contact: optocoupler.answers@vishay.com
TCMT1600/TCMT4600 Series
Vishay Semiconductors
Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat
CTRrel - Relative Current Transfer Ratio
2.0
100
IC - Collector Current (mA)
VCE = 5 V IF = 5 mA 1.5
20 mA IF = 50 mA 10 10 mA 5 mA 2 mA 1 mA 0.1
1.0
1
0.5
0 - 25
0
25
50
75
0.1
95 10985
1
10
100
95 11025
Tamb - Ambient Temperature (C)
VCE - Collector Emitter Voltage (V)
Fig. 6 - Relative Current Transfer Ratio vs. Ambient Temperature
Fig. 9 - Collector Current vs. Collector Emitter Voltage
10 000
1.0
ICEO - Collector Dark Current, with Open Base (nA)
VCEsat - Collector Emitter Saturation Voltage (V)
1000
VCE = 20 V IF = 0
20 % used 0.8 CTR = 50 % used 0.6
100
0.4 0.2 10 % used 0 1 10 100
10
1 0
95 11026
25
50
75
100
95 11028
Tamb - Ambient Temperature (C)
IC - Collector Current (mA)
Fig. 7 - Collector Dark Current vs. Ambient Temperature
Fig. 10 - Collector Emitter Saturation Voltage vs. Collector Current
IC - Collector Current (mA)
VCE = 5 V 10
CTR - Current Transfer Ratio (%)
100
1000 VCE = 5 V 100
1
10
0.1
0.01 0.1
95 11027
1
10
100
1 0.1
1
10
100
IF - Forward Current (mA)
95 11029
IF - Forward Current (mA)
Fig. 8 - Collector Current vs. Forward Current
Fig. 11 - Current Transfer Ratio vs. Forward Current
www.vishay.com 910
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83512 Rev. 1.8, 16-May-08
TCMT1600/TCMT4600 Series
Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat
Vishay Semiconductors
ton/toff - Turn-on/Turn-off Time (s)
ton/toff- Turn-on /Turn-off Time (s)
50 Saturated operation VS = 5 V RL = 1 k
10 Non-saturated operation VS = 5 V RL = 100
40 30
8 6
ton
toff 20 10 0 0 5 10 15 ton 20
toff 4 2 0 0 2 4 6 8
95 11031
IF - Forward Current (mA)
95 11030
IC - Collector Current (mA)
Fig. 12 - Turn-on/Turn-off Time vs. Forward Current
Fig. 13 - Turn-on/Turn-off Time vs. Collector Current
PACKAGE DIMENSIONS in millimeters
7 - 0.4 2.8 max. 2.1 max. 2.5 4.4 0.2 0.1 0.1
+ 0.3
1.9
0.45 0.1 1.27 nom.
4
3 Possible footprint 1.27 (0.05) 0.9 (0.035) 5 (0.2) 7.6 (0.3)
16283
technical drawings according to DIN specifications
1
2
Pin no. 1 identification
0.15 + 0.10 -
+ 0.3 0.7 - 0.4
0.05
Document Number: 83512 Rev. 1.8, 16-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 911
TCMT1600/TCMT4600 Series
Vishay Semiconductors
Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat
7 10.4 max. 2.1 max.
+ 0.3 - 0.4
1.9
0.1 0.1
10.12
4.4 0.2
2.54 nom. 1.27 nom. 7 x 1.27 = 8.89
0.7
+ 0.3 - 0.4
Possible footprint 16 15 14 13 12 11 10 9
0.15
+ 0.10 - 0.05
1
2
3
4
5
6
7
8 5 (0.2)
8.89 (0.35)
1.27 (0.05)
Pin no. 1 identification
7.6 (0.3)
technical drawings according to DIN specifications
15226
www.vishay.com 912
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83512 Rev. 1.8, 16-May-08
0.9 (0.035)
TCMT1600/TCMT4600 Series
Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
Vishay Semiconductors
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number: 83512 Rev. 1.8, 16-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 913
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TCMT4600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X