Part Number Hot Search : 
B2088NLT P75N02 2SB649A M233FAN V23990 HSJ1828 GZB36 WPB4002
Product Description
Full Text Search
 

To Download T13XB22K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T12, T13
Vishay Sfernice
Fully Sealed Container Square or Round Cermet Trimmers
FEATURES
* Military and Professional Grade
* High power rating (1 Watt at 70 C) * CECC 41100 * High stability (1 % typical) * Mechanical strength The Vishay SFERNICE trimming potentiometers T12 and T13 fully meet the requirements of CECC 41 100. The use of a cermet track combined with sealing of the case provides unique characteristics and performances. T12 and T13 have been specially designed for mounting on printed circuit board. * Hermetic sealing of the case * Different mounting types
RoHS
COMPLIANT
DIMENSIONS in millimeters
T12X - PM06X
9.5 0.5 1.5 O3
O3
T13Y
12 0.5
0.3 a c 5.08 b 2 0.8
13 0.5 7 0.2 Base Level 3.8 min 0.4 4.5 min 0.75
O 12.6 0.1 4.5 min 10 0.5 1.5 0.5 5.08
T12Y - PM06Y
0.4
TERMINAL SPACING ON THE PCB Drilling diameter: 1.2 mm T12X
5.08 5.08
T12Y
0. 4 0.
o3
9
10.16
1.5 0.75
10.16 c b a 5.08 5.08
a
b c 5.08 5.08
10 0.5 Base Level 5 min 4.5 12 0.5
CIRCUIT DIAGRAM
LOCKING DEVICE: T12 XB - YB
6 x 6 nut with slots M3 x 0.50
a (1)
12 0.5
c (3) b (2)
cw
4 0.5
Tolerances unless otherwise specified 0.5 www.vishay.com 56 For technical questions, contact: sfer@vishay.com See also: Application notes Document Number: 51022 Revision: 06-Jul-06
T12, T13
Fully Sealed Container Square or Round Cermet Trimmers Vishay Sfernice
ELECTRICAL SPECIFICATIONS
Resistive Element Electrical Travel Resistance Range Standard series E3 Tolerance Standard On Request Power Rating Linear Logarithmic Temperature Coefficient Limiting Element Voltage (Linear Law) Contact Resistance Variation End Resistance (Typical) Dielectric Strength (RMS) Insulation Resistance (500VDC) cermet 270 10 22 to 10 M 1 - 2.2 - 4.7 and on request 1 - 2 - 5 20 % 10 % 1 W at 70 C 0.5 W at 70 C See Standard Resistance Element Table 350 V 3 % Rn or 3 1 1000 V 106 M
MECHANICAL SPECIFICATIONS
Mechanical Travel Operating Torque (max. Ncm) End Stop Torque (max. Ncm) Unit Weight (max. g) 300 5 3 15 4.7
POWER RATING CHART
1
LIN. LAW "A"
ENVIRONMENTAL SPECIFICATIONS
Temperature Range Climatic Category Sealing - 55 C to + 125 C 55/100/56 fully sealed container IP67
POWER IN WATT
0.5
LOG. LAWS "L" and "F"
0 0
20
40
60
70
80
100
125
140
AMBIENT TEMPERATURE IN DEGREES CELSIUS
RESISTANCE LAWS
100
80 % TOTAL RESISTANCE F 60 A
40 L 20
0 0 20 40 60 80 100 % CLOCKWISE SHAFT ROTATION
Document Number: 51022 Revision: 06-Jul-06
For technical questions, contact: sfer@vishay.com See also: Application notes
www.vishay.com 57
T12, T13
Vishay Sfernice Fully Sealed Container Square or Round Cermet Trimmers
PERFORMANCE
TYPICAL VALUES AND DRIFTS TESTS CONDITIONS 1000 hours at rated power 90'/30' - ambient temperature 70 C Phase A dry heat 100 C Climatic Sequence Phase B damp heat Phase C cold - 55 C Phase D damp heat 5 cycles Long Term Damp Heat 56 days 40 C 93 % RH 5 cycles - 55 C at + 125 C 50 g at 11 m secs Shock 3 successive shocks in 3 directions 10 - 55 Hz Vibration 0.75 mm or 10 g during 6 hours Rotational Life 200 cycles 1% Contact res. variation: < 2 % Rn 0.1 % V1-2 V1-3 0.5 % 0.1 % 0.5 % 0.5 % Dielectric strength: 1000 V RMS Insulation resistance: > 104 M 0.5 % V1-2 V1-3 1% 1% 0.5 % 1% RT RT Load Life 1% Contact res. variation: < 2 % Rn (%) R1-2 R1-2 (%) 2%
Rapid Temperature Change
STANDARD RESISTANCE ELEMENT DATA
LINEAR LAW STANDARD MAX. MAX. RESIS- MAX. TANCE POWER WORKING WIPER CUR. VALUES AT 70 C VOLTAGE 22 47 100 220 470 1K 2.2K 4.7K 10K 22K 47K 100K 220K 470K 1M 2.2M 4.7M 10M 1 0.56 0.26 0.12 0.05 0.02 0.01 W 1 V 4.69 6.85 10 14.8 21.6 31.6 46.9 68.5 100 148.3 216.7 316.2 350 350 350 350 350 350 mA 213.2 145.8 100 67.4 46.1 31.6 21.3 14.5 10 6.7 4.6 3.16 1.59 0.75 0.35 0.16 0.07 0.03 0.5 0.26 0.12 0.5 22.4 33.2 48.5 79.7 105 153 224 332 350 350 22.4 15.1 10.3 7.07 4.77 3.26 2.24 1.51 0.74 0.35 100 LOG LAWS MAX. MAX. POWER WORKING AT 70 C VOLTAGE W V TCR MAX. - 55 C WIPER + 125 C CUR. mA ppm/C 0 + 200
MARKING
Printed: - VISHAY trademark - series - ohmic value (in , k, M) - tolerance (in %) - manufacturing date - marking of terminal: (1, 2, 3)
www.vishay.com 58
For technical questions, contact: sfer@vishay.com See also: Application notes
Document Number: 51022 Revision: 06-Jul-06
T12, T13
Fully Sealed Container Square or Round Cermet Trimmers Vishay Sfernice
PACKAGING
- Plastic box of 50 pieces for T13Y and BL50 - Carton box of 50 pieces for T12Y and T12X, code BO50
ORDERING INFORMATION
T12 SERIES T12 T13 X STYLE X Y B ON REQUEST LOCKING DEVICE 22 k OHMIC VALUE 20 % TOLERANCE A RESISTANC LAWS BO50 PACKAGING Version T12X, Y: BO50 Version T13Y: BL50 e3: pure Sn e3 LEAD FINISH
SAP PART NUMBERING GUIDELINES
T 1 2 X B 2 2 3 M A B 2 5
MODEL
STYLE LOKING DEVICE 3 X 2 2
OHMIC VALUE 3 M
TOL
LAW
PACKAGING CODE 2 5
SPECIAL (IF APPLICABLE)
T
1
A
B
MODEL
STYLE
OHMIC VALUE
TOL
LAW
PACKAGING CODE
SPECIAL (IF APPLICABLE)
See the end of this data book for conversion tables
Document Number: 51022 Revision: 06-Jul-06
For technical questions, contact: sfer@vishay.com See also: Application notes
www.vishay.com 59
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of T13XB22K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X