Part Number Hot Search : 
D75104G VB301 5925B TKDDXXA SMAJ550 AN4286 5925B KBP206
Product Description
Full Text Search
 

To Download STPS1645D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPS1645D
POWER SCHOTTKY RECTIFIER
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM Tj (max) VF (max) 16 A 45 V 175 C 0.57 V
A K
FEATURES AND BENEFITS Very small conduction losses Negligible switching losses Extremely fast switching

TO-220AC
DESCRIPTION Single chip Schottky rectifier suited for Switch Mode Power Supply and high frequency DC to DC converters. Packaged in TO-220AC, this device is intended for use in low voltage, high frequency inverters, free wheeling and polarity protection applications.
ABSOLUTE RATINGS (limiting values) Symbol VRRM IF(RMS) IF(AV) IFSM IRRM IRSM Tstg Tj dV/dt RMS forward current Average forward current = 0.5 Tc = 155C Surge non repetitive forward current tp = 10 ms Sinusoidal Repetitive peak reverse current tp = 2 s square F = 1kHz Non repetitive peak reverse current tp = 100 s square Storage temperature range Maximum operating junction temperature * Critical rate of rise of reverse voltage Parameter Repetitive peak reverse voltage Value 45 30 16 220 1 3 - 65 to + 175 175 10000 Unit V A A A A A C C V/s
*:
dPtot 1 thermal runaway condition for a diode on its own heatsink < dTj Rth( j - a )
1/4
July 2003 - Ed: 2A
STPS1645D
THERMAL RESISTANCES Symbol Rth (j-c) Junction to case Parameter Value 1.6 Unit C/W
STATIC ELECTRICAL CHARACTERISTICS Symbol IR * VF *
Pulse test :
Parameter Reverse leakage current Forward voltage drop
* tp = 380 s, < 2%
Tests Conditions Tj = 25C Tj = 125C Tj = 125C IF = 16 A VR = VRRM
Min.
Typ. 11 0.5
Max. 200 40 0.57
Unit A mA V
To evaluate the conduction losses use the following equation : P = 0.42 x IF(AV) + 0.01 IF2(RMS)
Fig. 1: Average forward power dissipation versus average forward current.
PF(av)(W) 12 10 8 6 4 2 IF(av) (A) 0 0 2 4 6 8 10 12
=tp/T
tp T
Fig. 2: Average current temperature ( : 0.5).
IF(av)(A)
versus
ambient
= 0.1 = 0.05
= 0.2
= 0.5
=1
14
16
18
18 16 14 12 10 8 6 4 2 0
Rth(j-a)=Rth(j-c)
TO-220AC
Rth(j-a)=15C/W
T
=tp/T
tp
Tamb(C) 50 75 100 125 150 175
0
25
Fig. 3: Non repetitive surge peak forward current versus overload duration (maximum values).
Fig. 4: Relative variation of thermal transient impedance junction to case versus pulse duration.
IM(A) 200 180 160 140 120 100 80 60 IM 40 20 0 1E-3
Zth(j-c)/Rth(j-c) 1.0 0.8 0.6
Tc=75C Tc=100C Tc=125C
= 0.5
0.4
T
t
0.2
t(s) 1E-2 1E-1 1E+0
= 0.2 = 0.1 Single pulse
=0.5
tp(s) 1E-2
=tp/T
tp
0.0 1E-4
1E-3
1E-1
1E+0
2/4
STPS1645D
Fig. 5: Reverse leakage current versus reverse voltage applied (typical values).
IR(A) 5E+4
Tj=150C
Fig. 6: Junction capacitance versus reverse voltage applied (typical values).
C(pF) 2000
F=1MHz Tj=25C
1E+4 1E+3
Tj=125C
1000
Tj=100C Tj=75C
500
1E+2 1E+1 1E+0
Tj=50C
Tj=25C
200 VR(V)
30 35 40 45
VR(V) 0 5 10 15 20 25
100
1
2
5
10
20
50
Fig. 7: Forward voltage drop versus forward current (maximum values).
IFM(A) 100.0
Typical values Tj=125C Tj=25C
10.0
Tj=125C
1.0 VFM(V) 0.1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
3/4
STPS1645D
PACKAGE MECHANICAL DATA TO-220AC REF.
H2 C L5 OI L6 L2 D L7 A
L9 F1 L4
F G
M E
A C D E F F1 G H2 L2 L4 L5 L6 L7 L9 M Diam. I
DIMENSIONS Millimeters Inches Min. Max. Min. Max. 4.40 4.60 0.173 0.181 1.23 1.32 0.048 0.051 2.40 2.72 0.094 0.107 0.49 0.70 0.019 0.027 0.61 0.88 0.024 0.034 1.14 1.70 0.044 0.066 4.95 5.15 0.194 0.202 10.00 10.40 0.393 0.409 16.40 typ. 0.645 typ. 13.00 14.00 0.511 0.551 2.65 2.95 0.104 0.116 15.25 15.75 0.600 0.620 6.20 6.60 0.244 0.259 3.50 3.93 0.137 0.154 2.6 typ. 0.102 typ. 3.75 3.85 0.147 0.151
Type STPS1645D

Marking STPS1645D
Package TO-220AC
Weight 1.86 g
Base qty 50
Delivery mode Tube
Cooling method: by conduction (C) Recommended torque value: 0.55 N.m. Maximum torque value: 0.7 N.m. Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 4/4


▲Up To Search▲   

 
Price & Availability of STPS1645D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X