Part Number Hot Search : 
BA4905 CT374 MIC2779 2SA1774G ICM7361 R2001 PD7M440 72968
Product Description
Full Text Search
 

To Download SB160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB120 thru SB160
Vishay General Semiconductor
Schottky Barrier Rectifier
FEATURES * Guardring for overvoltage protection * Very small conduction losses * Extremely fast switching * Low forward voltage drop * High forward surge capability * High frequency operation * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in low voltage high frequency inverters, freewheeling, dc-to-dc converters, and polarity protection applications. MECHANICAL DATA Case: DO-204AL (DO-41) Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test Polarity: Color band denotes the cathode end
DO-204AL (DO-41)
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM VF TJ max. 1.0 A 20 V to 60 V 50 A 0.48 V, 0.65 V 125 C, 150 C
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at 0.375" (9.5 mm) lead length (Fig. 1) Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Voltage rate of change (rated VR) Operating junction temperature range Storage temperature range SYMBOL VRRM VRMS VDC IF(AV) IFSM dV/dt TJ TSTG - 65 to + 125 - 65 to + 150 SB120 20 14 20 SB130 30 21 30 SB140 40 28 40 1.0 50 10 000 - 65 to + 150 SB150 50 35 50 SB160 60 42 60 UNIT V V V A A V/s C C
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward voltage (1) Maximum instantaneous reverse current at rated DC blocking voltage (1) Note: (1) Pulse test: 300 s pulse width, 1 % duty cycle Document Number: 88715 Revision: 20-Aug-07 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 59 TEST CONDITIONS 1.0 A TA = 25 C TA = 100 C SYMBOL VF IR SB120 SB130 0.48 0.50 10 5.0 mA SB140 SB150 0.65 SB160 UNIT V
SB120 thru SB160
Vishay General Semiconductor
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance (1) Note: (1) Thermal resistance junction to lead P.C.B. mounted 0.375" (9.5 mm) lead length SYMBOL RJA RJL SB120 SB130 SB140 50 15 SB150 SB160 UNIT C/W
ORDERING INFORMATION (Example)
PREFERRED P/N SB140-E3/54 SB140-E3/73 UNIT WEIGHT (g) 0.35 0.35 PREFERRED PACKAGE CODE 54 73 BASE QUANTITY 5500 3000 DELIVERY MODE 13" diameter paper tape and reel Ammo pack packaging
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
1.0 100 Resistive or Inductive Load 0.375" (9.5 mm) Lead Length SB150 & SB160 0.5 SB120 - SB140
Instantaneous Forward Current (A)
TJ = 125 C 10 TJ = 150 C Pulse Width = 300 s 1 % Duty Cycle
Average Forward Current (A)
0.75
1 TJ = 25 C
0.25
0.1 SB120 - SB140 SB150 & SB160 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0 0 25 50 75 100 125 150 175
Lead Temperature (C)
Instantaneous Forward Voltage (V)
Figure 1. Forward Current Derating Curve
Figure 3. Typical Instantaneous Forward Characteristics
50
100 TJ = TJ Max. 8.3 ms Single Half Sine-Wave
Instantaneous Reverse Current (mA)
Peak Forward Surge Current (A)
SB120 - SB140 SB150 & SB160 10 TJ = 125 C
40
30
1
20
0.1
TJ = 75 C
10
0.01 TJ = 25 C 0.001 0 20 40 60 80 100
0 1 10 100
Number of Cycles at 60 Hz
Percent of Rated Peak Reverse Voltage (%)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Figure 4. Typical Reverse Characteristics
www.vishay.com 60
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88715 Revision: 20-Aug-07
SB120 thru SB160
Vishay General Semiconductor
1000 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
100
Transient Thermal Impedance (C/W)
Junction Capacitance (pF)
10
100
1
SB120 - SB140 SB150 & SB160 10 0.1 1 10 100
0.1 0.01
0.1
1
10
100
Reverse Voltage (V)
t - Pulse Duration (s)
Figure 5. Typical Junction Capacitance
Figure 6. Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-204AL (DO-41)
1.0 (25.4) MIN.
0.107 (2.7) 0.080 (2.0) DIA.
0.205 (5.2) 0.160 (4.1)
1.0 (25.4) MIN.
0.034 (0.86) 0.028 (0.71) DIA.
Document Number: 88715 Revision: 20-Aug-07
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 61
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SB160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X