Part Number Hot Search : 
43000 043045 TA7805F R1A10 OPB819Z DM9081FP SI6967DQ M1312
Product Description
Full Text Search
 

To Download S102K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S Series
Vishay Foil Resistors
High Precision Foil Resistor with TCR of 2.0 ppm/C, Tolerance of 0.005 % and Load Life Stability of 0.005 %
FEATURES
* Temperature coefficient of resistance (TCR): - 55 C to + 125 C, 25 C ref. Pb-free Available - S102C series: 2 ppm/C typical (see table 1) - S102K series: 1 ppm/C typical (see table 1) RoHS* COMPLIANT * Rated power: to 1 W at + 125 C * Tolerance: 0.005 % * Load life stability: to 0.005 % at 70 C, 2000 h at rated power * Resistance range: 0.5 to 1 M (higher or lower values of resistance are available) * Electrostatic discharge above 25 000 V * Non inductive, non capacitive design * Rise time: 1 ns without ringing * Current noise: < - 40 dB * Thermal EMF: 0.05 V/C typical * Voltage coefficient: < 0.1 ppm/V * Low inductance: < 0.08 H typical * Non hot spot design * Terminal finishes available: lead (Pb)-free tin/lead alloy * Matched sets are available per request (TCR Tracking: to 0.5 ppm/C) * For better TCR and PCR performances please review the Z201 datasheet
Any value at any tolerance available within resistance range
INTRODUCTION
Bulk Metal(R) Foil (BMF) technology outperforms all other resistor technologies available today for applications that require high precision and high stability. This technology has been pioneered and developed by VISHAY, and products based on this technology are the most suitable for a wide range of applications. BMF technology allows us to produce customer orientated products, designed to satisfy challenging and specific technical requirements. Model S Series made from Vishay BMF offers low TCR, excellent load life stability, tight tolerance, fast response time, low current noise, low thermal EMF and low voltage coefficient, all in one resistor. The S Series is virtually insensitive to destabillizing factors. The resistor element is a solid alloy that displays the desirable bulk properties of its parent material, thus it is inherently stable and noise free. Vishay's Bulk Metal(R) S Series resistors are the modern generation of precision resistors. The standard design of these resistors provides a unique combination of characteristics found in no other single resistor. Our Application Engineering Department is available to advise and to make recommendations. For non-standard technical requirements and special applications, please contact us.
APPLICATIONS
* * * * * * * High precision amplifiers Down-hole (high temperature) High precision instrumentation Medical and test equipment Industrial Audio (high end stereo equipment) EB applications (electron beam scanning and recording equipment, electron microscopes) * Military, airborne * Measurement instrumentation
TABLE 1 - RESISTANCE VERSUS TCR (- 55 C to + 125 C, + 25 C Ref.)
RESISTOR S102(C) S102(K) S102(C) S102(K) S102(C) S102(K) RESISTANCE VALUE () 80 to < 150K 80 to < 100K 50 to < 80 1 to < 50 TYPICAL TCR AND MAX SPREAD (ppm/C) 2 2.5 1 2.5 2 3.5 1 3.5 2 4.5 1 4.5
FIGURE 1 - FOIL RESISTOR TCR COMPARISON OF FOIL ALLOYS IN MILITARY RANGE
+ 150 + 100
R
+ 50
1 ppm/C
0 R (ppm)
- 50
- 100 - 150 - 200 - 50 - 55 - 25 0 + 25 + 50 + 75 + 100
2 ppm/C
+ 125
C Alloy 2 ppm/C
K Alloy 1 ppm/C
Temperature (C)
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 63001 Revision: 20-Nov-07 For any questions, contact: foil@vishay.com www.vishay.com 1
S Series
Vishay Foil Resistors High Precision Foil Resistor with TCR of 2.0 ppm/C,
Tolerance of 0.005 % and Load Life Stability of 0.005 %
FIGURE 2 - STANDARD IMPRINTING AND DIMENSIONS
Front View L VISHAY XXXX S102C Date Code 01 10 Year Week ST1) Model Number LS SW Lead Material #22 AWG Round Solder Coated Copper LL W Rear View Optional Customer Part Number Print specification, etc. if required XXXXXX 100R01 0.01 % Resistance Value Code Tolerance
H
Note 1. The standoffs shall be so located as to give a lead clearance of 0.010" minimum between the resistor body and the printed circuit board when the standoffs are seated on the printed circuit board. This is to allow for proper cleaning of flux and other contaminants from the unit after all soldering processes.
TABLE 2 - MODEL SELECTION
MODEL NUMBER RESISTANCE MAXIMUM RANGE WORKING () VOLTAGE AMBIENT POWER RATING at + 70 C at + 125 C AVERAGE WEIGHT IN GRAMS DIMENSIONS INCHES W: 0.105 0.010 L: 0.300 0.010 H: 0.326 0.010 ST: 0.010 min. SW: 0.035 0.010 LL: 1.000 0.125 LS: 0.150 0.0054 W: 0.160 max. L: 0.575 max. H: 0.413 max. ST: 0.035 0.005 SW: 0.050 0.005 LL: 1.000 0.125 LS: 0.400 0.020 W: 0.160 max. L: 0.820 max. H: 0.413 max. ST: 0.035 0.005 SW: 0.050 0.005 LL: 1.000 0.125 LS: 0.650 0.020 W: 0.260 max. L: 1.200 max. H: 0.413 max. ST: 0.035 0.005 SW: 0.050 0.005 LL: 1.000 0.125 LS: 0.900 0.020 mm 2.67 0.25 7.62 0.25 8.28 0.25 0.254 min. 1.02 0.13 25.4 3.18 3.81 0.13 4.06 max. 14.61 max. 10.49 max. 0.889 0.13 1.27 0.13 25.4 3.18 10.16 0.51 4.06 max. 20.83 max. 10.49 max. 0.889 0.13 1.27 0.13 25.4 3.18 16.51 0.51 6.60 max. 30.48 max. 10.49 max. 0.889 0.13 1.27 0.13 25.4 3.18 22.86 0.51 F1) (INCHES) TIGHTEST TOLERANCE VS. LOWEST RESISTANCE VALUE
S102C (S102J)2) S102K (S102L)2) S104D (S104F)1)
1 to 150K 300 1 to 100K
0.6 W 0.3 W up to 100K 0.4 W 0.2 W over 100K 1.0 W 0.5 W up to 200K 0.6 W 0.3 W over 200K 1.5 W 0.75 W up to 300K 0.8 W 0.4 W
0.6
1 to 500K 350
1.4
S104K
1 to 300K
(0.138) (0.565) (0.413)
S105D (S105F)1)
1 to 750K 350
(0.138) (0.890) (0.413)
1.9 over 300K 2.0 W 1.0 W up to 400K 1.0 W 0.5 W over 400K
0.005 %/50 0.01 %/25 0.02 %/12 0.05 %/5 0.1 %/2 0.25 %/2 0.50 %/1 1.0 %/1
S105K
1 to 500K
(0.7 0.02)
S106D
0.5 to 1M 500
4.0
S106K
0.5 to 600K
Notes 1. S104F and S105F have different package dimensions (see last column). All other specifications are the same. 2. 0.200" (5.08 mm) lead spacing available - specify S102J for S102C, and S102L for S102K.
www.vishay.com 2
For any questions, contact: foil@vishay.com
Document Number: 63001 Revision: 20-Nov-07
S Series
High Precision Foil Resistor with TCR of 2.0 ppm/C, Vishay Foil Resistors Tolerance of 0.005 % and Load Life Stability of 0.005 %
FIGURE 3 - POWER DERATING CURVE
Percent of Rated Power at + 125 C
200 % 175 % 150 % 125 % 100 % 75 % 50 % 25 % 0 - 75
- 55 C
+ 70 C
FIGURE 4 - TRIMMING TO VALUES (Conceptual Illustration)
Double Rated Power
Interloop Capacitance Reduction in Series
Rated Power
Current Path Before Trimming Current Path After Trimming Trimming Process Removes this Material from Shorting Strip Area Changing Current Path and Increasing Resistance
Safe operation for < 150 ppm R after 2000 hours load-life.
Mutual Inductance Reduction due to Change in Current Direction
- 50
- 25
0
+ 25
+ 50
+ 75
+ 100 + 125 + 150 + 175 + 200
Ambient Temperature (C)
Note: Foil shown in black, etched spaces in white
TABLE 3 - ENVIRONMENTAL PERFORMANCE COMPARISON
MIL-PRF-55182 CHAR J Test Group I Thermal shock, 5 x (- 65 C to + 150 C) Short time overload, 6.25 x rated power Test Group II Resistance temperature characteristics Characteristic Low temperature storage (24 h at - 65 C) Low temperature operation (45 min, rated power at - 65 C) Terminal strength Test Group III DWV Resistance to solder heat Moisture resistance Test Group IV Shock Vibration Test Group V Life test at 0.3 W/+ 125 C 2000 h 10 000 h Test Group Va Life test at 0.6 W (2 x rated power)/+ 70 C, 2000 h Test Group VI High temperature exposure (2000 h at + 175 C) Test Group VII Voltage coefficient 5 ppm/V < 0.1 ppm/V < 0.1 ppm/V 2.0 % 0.1 % (1000 ppm) 0.05 % (500 ppm) 0.5 % 0.015 % (150 ppm) 0.01 % (100 ppm) 0.5 % 2.0 % 0.015 % (150 ppm) 0.05 % (500 ppm) 0.01 % (100 ppm) 0.03 % (300 ppm) 0.2 % 0.2 % 0.01 % (100 ppm) 0.01 % (100 ppm) 0.002 % (20 ppm) 0.002 % (20 ppm) 0.15 % 0.1 % 0.4 % 0.01 % (100 ppm) 0.01 % (100 ppm) 0.05 % (500 ppm) 0.002 % (20 ppm) 0.005 % (50 ppm) 0.01 % (100 ppm) 0.15 % 0.15 % 0.2 % 0.01 % (100 ppm) 0.01 % (100 ppm) 0.01 % (100 ppm) 0.002 % (20 ppm) 0.002 % (20 ppm) 0.002 % (20 ppm) 25 ppm/C 4.5 ppm/C 2.0 ppm/C 0.2 % 0.2 % 0.01 % (100 ppm) 0.01 % (100 ppm) 0.002 % (20 ppm) 0.003 % (30 ppm) S-SERIES MAXIMUM R S-SERIES TYPICAL R
Document Number: 63001 Revision: 20-Nov-07
For any questions, contact: foil@vishay.com
www.vishay.com 3
S Series
Vishay Foil Resistors High Precision Foil Resistor with TCR of 2.0 ppm/C,
STANDARD OPERATIONS AND TEST CONDITIONS
A. Standard Test Operations: By 100 % Inspection * * Short-time overload (6.25 x rated power for 5 s) Resistance - tolerance check
Tolerance of 0.005 % and Load Life Stability of 0.005 %
IMPROVED PERFORMANCE TESTING (IPT)
The preceding information is based on product directly off the production line. Improved performance (meaning increased time stability with load and other stresses) is available through factory conducted "Improved Performance Testing". The test routine is usually tailored to the users stability objectives and product that has been screened can be brought down to a potential load life of less than 50 ppm. Various screen test routines are available and all anticipated stresses must be taken into account before settling on one specific test routine. Our Applications Engineering Department is prepared to discuss and recommend appropriate routines given the full spectrum of anticipated stresses and stability requirements.
* Visual and mechanical By Sample Inspection * * TCR Environmental tests per table 3 on a quarterly basis to establish performance by similarity B. Standard Test Conditions: * * * Lead test point: 0.5" (12.7 mm) from resistor body Temperature: + 23 C 2 C Relative humidity: per MIL-STD-202
TABLE 4 - "S" SERIES SPECIFICATIONS
Stability1) Load life at 2000 h 0.015 % (150 ppm) 0.005 % (50 ppm) Load life at 10 000 h 0.05 % (500 ppm) 0.01 % (100 ppm) Current Noise High Frequency Operation Rise time Inductance (L)2) Capacitance (C) Voltage Coefficient Thermal EMF4) 1.0 ns at 1 k 0.1 H maximum; 0.08 H typical 1.0 pF maximum; 0.5 pF typical < 0.1 ppm/V3) 0.1 V/C 1 V/W Maximum; 0.05 V/C typical (Model S102C) 0.010 V Maximum R at 0.3 W/+ 125 C Maximum R at 0.1 W/+ 70 C Maximum R at 0.3 W/+ 125 C Maximum R at 0.05 W/+ 125 C (RMS)/V of applied voltage (- 40 dB)
Notes 1. Load life R maximum can be reduced by 80 %, please contact Applications Engineering Department. 2. Inductance (L) due mainly to the leads. 3. The resolution limit of existing test equipment (within the measurement capability of the equipment, or "essentially zero".) 4. V/C relates to EMF due to lead temperature difference and V/watt due to power applied to the resistor.
www.vishay.com 4
For any questions, contact: foil@vishay.com
Document Number: 63001 Revision: 20-Nov-07
S Series
High Precision Foil Resistor with TCR of 2.0 ppm/C, Vishay Foil Resistors Tolerance of 0.005 % and Load Life Stability of 0.005 %
TABLE 5 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y000780K5000V9L (preferred part number format) DENOTES PRECISION Y VALUE R= K = k M = M AER* 0 = standard 9 = lead (Pb)-free 1 - 999 = custom
Y
0
0
0
7
8
0
K
5
0
0
0
V
9
L
PRODUCT CODE 0007 = S102C 0785 = S102J 0062 = S102K 0786 = S102L 0011 = S104D 5011 = S104F 0101 = S104K 4101 = S104L 0012 = S105D 4012 = S105F 0102 = S105K 4102 = S105L 0013 = S106D 0103 = S106K TYPE: S102C VALUE: 80.5 k ABSOLUTE TOLERANCE: 0.005 % TERMINATION: lead (Pb)-free PACKAGING: bulk pack
RESISTANCE TOLERANCE V = 0.005 % T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1.0 %
PACKAGING L = bulk pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0007 80K5000 V 9 L:
HISTORICAL PART NUMBER: S102C T 250R00 V B (will continue to be used) S102C MODEL S102C S102J S102K S102L S104D S104F S104K S104L S105D S105F S105K S105L S106D S106K Note * For non-standard requests, please contact application engineering. T TERMINATION T = lead (Pb)-free None = tin/lead alloy 250R00 RESISTANCE VALUE 250R00 = 250.00 5K2310 = 5.231 k 1M000 = 1 M V TOLERANCE V = 0.005 % T = 0.01 % Q = 0.02 % A = 0.05 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1.0 % B PACKAGING B = bulk pack
Document Number: 63001 Revision: 20-Nov-07
For any questions, contact: foil@vishay.com
www.vishay.com 5
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of S102K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X