Part Number Hot Search : 
R3000 4850A SLDB105S SWE61900 SB106 MMSZ5245 30201 ATR0797
Product Description
Full Text Search
 

To Download RT6N140C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMALL-SIGNAL TRANSISITOR
RT6N140C
TRANSISTOR WITH RESISTOR FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE DESCRIPTION RT6N140C is a silicon NPN epitaxial type transistor. This product is most suitable for muting circuit , switching circuit because of low on resistance , small collector to emitter saturation voltage. FEATURE
Small package for easy mounting. High reverse hFE Small collector to emitter saturation voltage VCE(sat)=30mV(TYP.)@IC=50mA/IB=2.5mA 1.1 0.8 0.16 Low on Resistance Ron=0.7(TYP.)@VI=5V
OUTLINE DRAWING
2.5 0.5 1.5 0.5
Unit : mm
0.95

2.9 1.90
0.9 5
APPLICATION muting circuitswitching circuit
JEITASC-59
EQUIVALENT CIRCUIT
R1 B (IN) C (OUT)
TERMINAL CONNECTOR BASE EMITTER COLLECTOR
E (GND)
MAXIMUM RATINGSTa=25
Symbol VCBO VEBO VCEO IC PC Tj Tstg Parameter Collector to Base voltage Emitter to Base voltage Collector to Emitter voltage Collector current Peak Collector current Collector dissipationTotal Ta=25 Junction temperature Ratings 40 40 20 600 200 +150 -55+150 Unit V V V mA mW
ISAHAYA ELECTRONICS CORPORATION
00.1
0.4
SMALL-SIGNAL TRANSISITOR
RT6N140C
TRANSISTOR WITH RESISTOR FOR MUTING APPLICATION SILICON NPN EPITAXIAL TYPE
ELECTRICAL CHARACTERISTICSTa=25
Parameter C to B break down voltage E to B break down voltage C to E break down voltage Collector cut off current Emitter cut off current DC forward current gain C to E saturation voltage Input resistor Gain band width product Output "ON" resistance Symbol VBRCBO VBREBO VBRCEO ICBO IEBO hFE VCE(sat) R1 fT Ron V
CE
Test conditions Min I C=50A,I E=0mA I E=50A,I C=0mA I C=1mA,R V V V
CB EB BE
Limits Typ Max
Unit V V V
40 40 20 820 7 30 10 130 0.7 0.5 0.5 2500 150 13 -
=
=40V, I E=0mA
A A mV k MHz
=40V, I C=0mA =5V ,I C=50mA
CE
I C=50mA ,I B=2.5mA
=10V, I E=-50mA, f=100MHz
V I=7V, R L=1k, f=1MHz
ISAHAYA ELECTRONICS CORPORATION
Marketing division, Marketing planning department
6-41 Tsukuba, Isahaya, Nagasaki, 854-0065 Japan
Keep safety first in your circuit designs! *ISAHAYA Electronics Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (1) placement of substitutive, auxiliary, (2) use of non-farmable material or (3) prevention against any malfunction or mishap. Notes regarding these materials *These materials are intended as a reference to our customers in the selection of the ISAHAYA products best suited to the customer's application; they don't convey any license under any intellectual property rights, or any other rights, belonging ISAHAYA or third party. *ISAHAYA Electronics Corporation assumes no responsibility for any damage, or infringement of any third party's rights , originating in the use of any product data, diagrams, charts or circuit application examples contained in these materials. *All information contained in these materials, including product data, diagrams and charts, represent information on products at the time of publication of these materials, and are subject to change by ISAHAYA Electronics Corporation without notice due to product improvements or other reasons. It is therefore recommended that customers contact ISAHAYA Electronics Corporation or an authorized ISAHAYA products distributor for the latest product information before purchasing product listed herein. *ISAHAYA Electronics Corporation products are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact ISAHAYA electronics corporation or an authorized ISAHAYA products distributor when considering the use of a product contained herein for any specific purposes , such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. *The prior written approval of ISAHAYA Electronics Corporation is necessary to reprint or reproduce in whole or in part these materials. *If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or re-export contrary to t e export control laws and regulations of Japan and/or the country of destination is h prohibited. *Please contact ISAHAYA Electronics Corporation or authorized ISAHAYA products distributor for further details on these materials or the products contained therein.
Jan.2003


▲Up To Search▲   

 
Price & Availability of RT6N140C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X