Part Number Hot Search : 
TND020 3296Y503 TND020 SST25VF0 XZMR65WA OP470 1EJHS1 TDA5737
Product Description
Full Text Search
 

To Download RMK-3-812 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 X3
50
Frequency Multiplier
Output 5400 to 8100 MHz
Features
-40C to 85C -55C to 100C 17 dBm
RMK-3-812+
CASE STYLE: TT1224 PRICE: $8.95 ea. QTY (10-49)
Maximum Ratings
Operating Temperature Storage Temperature RF Input Power
* * * *
broadband high rejection F2, -40 dBc typ.; F4, -37 dBc typ. low cost aqueous washable
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Pin Connections
INPUT OUTPUT GROUND 1 4 2,3,5,6
Applications
* synthesizers * local oscillators * satellite up and down converters
Electrical Specifications
MULTIPLICATION FACTOR FREQUENCY (MHz)
F1 Input 3 F3 Output
INPUT POWER (dBm)
Min. Max. 0 6
CONVERSION LOSS (dB)
Typ. Max. 16 21
*HARMONIC OUTPUT (dBc)
F1 Typ. Min. 6 -6 F2 Typ. Min. 40 22 F4 Typ. Min. 37 24
Outline Drawing
PCB Land Pattern
1800-2700 5400-8100
* Harmonics of input frequency below the power level of F3
Typical Performance Data
INPUT RF= 6 dBm Conversion Loss (dB) F4
31.45 30.87 30.79 31.34 31.83 33.16 34.10 34.71 35.05 35.44 36.23 37.24 37.90 38.28 38.87 38.99 39.53 39.71 40.50 41.26 18.88 18.04 17.25 16.53 16.15 15.90 15.78 16.11 16.55 16.62 16.59 16.71 17.09 17.47 17.87 18.08 18.32 18.55 18.75 18.67
INPUT RF= 0 dBm Input Frequency (MHz)
1800.00 1850.00 1900.00 1950.00 2000.00 2050.00 2100.00 2150.00 2200.00 2225.00 2250.00 2300.00 2350.00 2400.00 2450.00 2500.00 2550.00 2600.00 2650.00 2700.00
Conversion Loss (dB) F1
19.20 18.85 18.34 17.68 17.27 16.66 16.45 16.54 16.80 16.95 16.67 16.47 16.51 16.85 17.27 17.41 17.63 17.97 18.07 18.29 4.47 4.48 4.62 4.87 4.97 5.10 4.90 4.52 3.91 3.53 3.61 3.50 3.20 2.55 1.92 1.48 1.04 0.38 0.10 0.37
Harmonic Output Below F3 (-dBc) F2
41.49 41.84 42.52 42.58 42.35 41.50 40.15 38.86 38.37 38.00 37.71 37.32 36.96 36.30 35.49 34.82 33.97 33.17 32.34 31.44
F1
9.15 9.52 9.92 10.13 10.12 9.90 9.58 8.96 8.19 7.85 7.69 7.20 6.64 5.88 5.23 4.71 4.20 3.68 3.29 3.09
Harmonic Output Below F3 (-dBc) F2
44.86 45.65 45.56 44.19 43.14 42.10 40.97 39.75 38.88 38.52 37.98 37.03 35.72 34.55 33.71 33.41 33.29 33.34 33.51 34.59
F4
36.77 37.45 37.91 38.13 37.93 37.65 36.70 35.59 34.56 34.41 34.86 36.50 41.27 50.85 52.34 43.83 40.68 39.35 39.50 39.79
Suggested Layout, Tolerance to be within .002
Outline Dimensions ( inch) mm
A .25 6.35 J .300 7.62 B .31 7.87 K .060 1.52 C .16 4.06 L .160 4.06 D .100 2.54 M .250 6.35 E .040 1.02 N .100 2.54 F .055 1.40 P .110 2.79 G .060 1.52 Q .070 1.78 H .065 1.65 wt. grams 0.16
CONVERSION LOSS (dB)
20.0 19.0 18.0 17.0 16.0 15.0 1800
RMK-3-812+ CONVERSION LOSS
12.0 HARMONIC OUTPUT (-dBc) 10.0 8.0 6.0 4.0 2.0 0.0 1800
RMK-3-812+ HARMONIC OUTPUT F1
Demo Board MCL P/N: TB-393 Suggested PCB Layout (PL-258)
RF=0dBm
RF=6dBm
RF=0dBm
RF=6dBm
2100
2400
2700
INPUT FREQUENCY (MHz)
RMK-3-812+ HARMONIC OUTPUT F2
2100 2400 INPUT FREQUENCY (MHz)
2700
50 HARMONIC OUTPUT (-dBc) 45 40 35 30 25 1800
55 HARMONIC OUTPUT (-dBc) 50 45 40 35 30 25 1800
RMK-3-812+ HARMONIC OUTPUT F4
RF=0 dBm
2100
RF=6 dBm
2400 2700
RF=0 dBm
RF=6 dBm
2100
2400
2700
INPUT FREQUENCY (MHz)
INPUT FREQUENCY (MHz)
Mini-Circuits
ISO 9001 ISO 14001 CERTIFIED
RF/IF MICROWAVE COMPONENTS
(R)
minicircuits.com
EW ALL N
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
REV. OR M109308 RMK-3-812+ ED-12644/2 DJ/CP/AM 071004


▲Up To Search▲   

 
Price & Availability of RMK-3-812

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X