Part Number Hot Search : 
SI7430D PD3S230L SPIC33 SMB15 KBPC3 TLC32 HAF1008S 91930
Product Description
Full Text Search
 

To Download RL156G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RL151G THRU RL157G
Features
* The plastic package carries Underwrites Laboratory Flammability Classification 94V-0 * High current capability * Low reverse leakage * Glass passivated junction * Low forward voltage drop * High temperature soldering guaranteed : 350E /10 seconds, 0.375"(9.5mm) lead length, 5lbs.(2.3kg) tension
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
DO-15
0.140(3.6) 0.104(2.6) DIA.
1.0(25.4) MIN.
Mechanical Data
* Case : JEDEC DO-15 molded plastic body * Terminals : Plated axial lead solderable per MIL-STD-750, method 2026 * Polarity : Color band denotes cathode end * Mounting Position : Any * Weight : 0.014 ounce, 0.33 gram
0.300(7.6) 0.230(5.8)
0.034(0.9) 0.028(0.7) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length TA=75E Peak forward surge current 8.3ms half sing wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 1.5A Maximum reverse current at rated DC blocking voltage TA=25E TA=100E VRRM VRMS VDC I(AV) IFSM VF IR Re JA CJ TJ TSTG
RL 151G
50 35 50
RL 152G
100 70 100
RL 153G
200 140 200
RL 154G
400 280 400 1.5 60.0 1.1 5.0 50.0 50.0 20.0
RL 155G
600 420 600
RL 156G
800 560 800
RL 157G
1000 700 1000
Units
Volts Volts Volts Amps Amps Volts iA E /W pF E
Typical thermal resistance (Note 2) Typical junction capacitance (Note 1) Operating and storage temperature range
-50 to +175
Notes:
(1) Measured at 1MHz and applied reverse voltage of 4.0V DC. (2) Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm) lead length, P.C.B. mounted
RATINGS AND CHARACTERISTIC CURVES RL151G THRU RL157G
FIG.1-FORWARD CURRENT DERATING CURVE
1.5 AVERAGE FORWARD CURRENT AMPERES
FIG.2-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20 INSTANTANEOUS FORWARD CURRENT(AMPERES) 10
1.2 0.9 0.6
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
0.3 0 0
1
25
50
75
100
125
150
175
TJ=25E
LEAD TEMPERATURE ( E )
0.1
PULSE WIDTH=300mS 1% DUTY CYCLE
FIG.3-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
75 60 45 30 15 0 1 10 NUMBER OF CYCLES AT 60Hz 100 INSTANTANEOUS REVERSE CURRENT (mA)
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0.01 0.6 0.8 1.0 1.2 1.4 1.5
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
PEAK FORWARD SURGE CURRENT (AMPERES)
FIG.4-TYPICAL REVERSE CHARACTERISTICS
10
1.0
TJ=100E
FIG.5-TYPICAL JUNCTION CAPACITANCE
100 JUNCTION CAPACITANCE(pF)
0.1
TJ=25E
0.01 0
TJ=25E
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) 10
1 0.1 1 10 100 REVERSE VOLTAGE. VOLTS


▲Up To Search▲   

 
Price & Availability of RL156G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X