Part Number Hot Search : 
ISL64 88502 2405S 2N3904TA MMSZ4707 2SA1696 SMCJ10C DZ5V1
Product Description
Full Text Search
 

To Download RHFXHR162245K-01Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 54VCXHR162245
Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
Features

1.65 to 3.6V inputs and outputs High speed in both A, B outputs: - tPD = 3.4ns at VCC = 3.0 to 3.6V - tPD = 4.3ns at VCC = 2.3 to 2.7V Symmetrical impedance outputs: - |IOH| = IOL = 12mA (Min) at VCC = 3.0V - |IOH| = IOL = 8mA (Min) at VCC = 2.3V Power down protection on inputs and outputs 26 serie resistors in bith A and B port outputs Operating voltage range: - VCC(Opr) = 1.65V to 3.6V Pin and function compatible with 54 SERIES HR162245 Bus hold provided on both sides Cold spare function Latch-up performance exceeds 300mA (JESD 17) ESD performance: - HBM > 2000V (MIL STD 883 method 3015); MM > 200V 300KRad Mil1019.6 Condition A, (RHA QML qualification extension undergone) No SEL, no SEU under 72 Mev/cm2/mg LET heavy ions irradiation QML qualified product Device fully compliant with DSCC SMD 5962-05213
Flat-48

Description
The 54VCXHR162245 is a low voltage CMOS 16 bit bus transceiver (3-state) fabricated with submicron silicon gate and five-layer metal wiring C2MOS technology. It is ideal for low power and very high speed 1.65 to 3.6V applications; it can be interfaced to 3.6V signal environment for both inputs and outputs. This IC is intended for two-way asynchronous communication between data buses; the direction of data transmission is determined by DIR input. The two enable inputs nG can be used to disable the device so that the buses are effectively isolated. The device circuits is including 26 series resistance in the A and B port outputs. These resistors permit to reduce line noise in high speed applications. Bus hold on data inputs is provided in order to eliminate the need for external pull-up or pull-down resistor. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage. All floating bus terminals during High Z State must be held HIGH or LOW.

July 2007
Rev 5
1/17
www.st.com 17
Contents
54VCXHR162245
Contents
1 2 Logic symbols and I/O equivalent circuit . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin settings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 2.2 2.3 Pin connection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Truth table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
3
Maximum rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3.1 Recommended operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
4 5 6 7 8 9
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Order code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
2/17
54VCXHR162245
Logic symbols and I/O equivalent circuit
1
Logic symbols and I/O equivalent circuit
Figure 1. IEC logic symbols
Figure 2.
Input and output equivalent circuit
3/17
Pin settings
54VCXHR162245
2
2.1
Pin settings
Pin connection
Figure 3. Pin connection (top through view)
4/17
54VCXHR162245
Pin settings
2.2
Pin description
Table 1. Pin description
Pin N 1 2, 3, 5, 6, 8, 9, 11, 12 13, 14, 16, 17, 19, 20, 22, 23 24 25 36, 35, 33, 32, 30, 29, 27, 26 47, 46, 44, 43, 41, 40, 38, 38 48 4, 10, 15, 21, 28, 34, 39, 45 7, 18, 31, 42 Symbol 1DIR 1B1 to 1B8 2B1 to 2B8 2DIR 2G 2A1 to 2A8 1A1 to 1A8 1G GND VCC Name and function Directional control Data Inputs/Outputs Data Inputs/Outputs Directional Control Output Enable Input Data Inputs/Outputs Data Inputs/Outputs Output enable input Ground (0V) Positive supply voltage
2.3
Truth table
Table 2. Truth table
Inputs G L L H DIR L H X A BUS OUTPUT INPUT Z Function B BUS INPUT OUTPUT Z Output Yn A=B B=A Z
Note:
X = Do not care; Z = High Impedance
5/17
Maximum rating
54VCXHR162245
3
Maximum rating
Stressing the device above the rating listed in the "Absolute Maximum Ratings" table may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. Table 3. Absolute maximum ratings
Symbol VCC VI VO VO IIK IOK IO ICC or IGND PD Tstg TL Supply voltage DC input voltage DC output voltage (OFF State) DC output voltage (high or low state) (1) DC input diode current DC output diode current (2) DC output current DC VCC or Ground current per supply pin Power dissipation Storage temperature Lead temperature (10 sec) Parameter Value -0.5 to +4.6 -0.5 to +4.6 -0.5 to +4.6 -0.5 to VCC + 0.5 - 50 - 50 50 100 400 -65 to +150 260 Unit V V V V mA mA mA mA mW C C
1. IO absolute maximum rating must be observed 2. VO < GND, VO > VCC
6/17
54VCXHR162245
Maximum rating
3.1
Recommended operating conditions
Table 4. Recommended operating conditions
Symbol VCC VI VO VO IOH, IOL IOH, IOL Top dt/dv Supply voltage Input voltage Output voltage (OFF State) Output voltage (high or low state) High or low level output current (VCC = 3.0 to 3.6V) High or low level output current (VCC = 2.3 to 2.7V) Operating temperature Input rise and fall time (1) Parameter Value 1.8 to 3.6 -0.3 to 3.6 0 to 3.6 0 to VCC 12 8 -55 to 125 0 to 10 Unit V V V V mA mA C ns/V
1. VIN from 0.8V to 2V at VCC = 3.0V
7/17
Electrical characteristics
54VCXHR162245
4
Electrical characteristics
Table 5. DC specifications (2.7V < VCC < 3.6V unless otherwise specified)
Test condition Symbol Parameter VCC (V) 2.7 to 3.6 Low level input voltage 2.7 to 3.6 VOH High level output voltage 2.7 3.0 2.7 to 3.6 VOL Low level output voltage 2.7 3.0 II Input leakage current 2.7 to 3.6 3.0 II(HOLD) Input hold current 3.6 Ioff IOZ Power off leakage current High impedance output leakage current Quiescent supply current ICC incr. per input 0 2.7 to 3.6 IO=-100 A IO=-6 mA IO=-8 mA IO=-12 mA IO=100 A IO=6 mA IO=8 mA IO=12 mA VI = 0 to 3.6V VI = 0.8V VI = 2V VI = 0 to 3.6V VI or VO = 0 to 3.6V VI = VIH or VIL VO = 0 to 3.6V VI = VCC or GND VI or VO = VCC to 3.6V 2.7 to 3.6 VIH = VCC - 0.6V 75 -75 500 10 10 20 20 750 A A A VCC-0.2 2.2 V 2.4 2.2 0.2 0.4 V 0.55 0.8 5 A 0.8 Value -55 to 125C Min 2.0 V Max Unit
VIH VIL
High level input voltage
ICC ICC
2.7 to 3.6
A A
8/17
54VCXHR162245
Electrical characteristics
Table 6. DC specifications (2.3V < VCC < 2.7V unless otherwise specified)
Test condition Symbol VIH VIL Parameter High level input voltage 2.3 to 2.7 Low level input voltage 2.3 to 2.7 VOH High level output voltage 2.3 IO=-100 A IO=-4 mA IO=-6 mA IO=-8 mA 2.3 to 2.7 VOL Low level output voltage 2.3 Input leakage current 2.3 to 2.7 2.3 0 2.3 to 2.7 IO=100 A IO=6 mA IO=8 mA VI = VCC or GND VI = 0.7V VI = 1.7V VI or VO = 0 to 3.6V VI = VIH or VIL VO = 0 to 3.6V VI = VCC or GND VI or VO = VCC to 3.6V 45 -45 10 10 20 20 VCC-0.2 2.0 V 1.8 1.7 0.2 0.4 0.6 5 A A A A A V 0.7 VCC (V) Min 1.6 V Value -55 to 125 C Max Unit
II
II(HOLD) Input hold current Ioff IOZ ICC Power off leakage current High impedance output leakage current Quiescent supply current
2.3 to 2.7
Table 7. Dynamic switching characteristics (TA = 25C, Input tr = tf = 2.0ns, CL = 30pF, RL = 500)
Test condition Symbol Parameter VCC (V) 2.5 3.3 2.5 3.3 2.5 3.3 VIL = 0V VIH = VCC VIL = 0V VIH = VCC VIL = 0V VIH = VCC Value TA = 25 C Min Typ 0.25 V 0.35 -0.25 V -0.35 2.05 V 2.65 Max Unit
VOLV
Dynamic valley low voltage quiet output (1) (2) Dynamic valley high voltage quiet output (2) (3) Dynamic valley high voltage quiet output (2) (3)
VOHV
VOHV
1. Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is measured in the LOW state. 2. Parameters guaranteed by design. 3. Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is measured in the HIGH state.
9/17
Electrical characteristics
54VCXHR162245
Table 8. AC electrical characteristics (CL = 30pF, RL = 500, Input tr = tf = 2.0ns)
Test condition Symbol Parameter VCC (V) 2.3 to 2.7 3.0 to 3.6 2.3 to 2.7 3.0 to 3.6 2.3 to 2.7 3.0 to 3.6 tPZL tPZH Output enable time 2.3 to 2.7 3.0 to 3.6 tPLZ tPHZ Output disable time 2.3 to 2.7 3.0 to 3.6 tPLZ tPHZ Output disable time 2.3 to 2.7 3.0 to 3.6 tOSLH tOSHL Output to output skew time (1) (2) 2.3 to 2.7 3.0 to 3.6 Value -55 to 125 C Min 1.0 0.8 1.0 0.8 1.0 0.8 1.0 0.8 1.0 0.8 1.0 0.8 Max 4.0 3.6 4.9 4.0 5.8 4.3 6.8 4.8 4.8 5.6 5.7 7.0 0.5 ns 0.5 ns ns ns ns ns ns Unit
tPLH tPHL
Propagation delay time Propagation delay time Output enable time
tPLH tPHL
tPZL tPZH
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|) 2. Parameter guaranteed by design
Table 9. Capacitive characteristics
Test Condition Symbol Parameter VCC (V) 2.5 or 3.3 2.5 or 3.3 2.5 or 3.3 VIN = 0 or VCC VIN = 0 or VCC fIN = 10MHz VIN = 0 or VCC Value TA = 25 C Min Typ 4 8 28 Max pF pF pF Unit
CIN COUT CPD
Input capacitance Output capacitance Power dissipation capacitance (1)
1. CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/16 (per circuit)
10/17
54VCXHR162245
Test circuit
5
Test circuit
Figure 4. Test circuit
Table 10. Test circuit
Test tPLH, tPHL tPZL, tPLZ (VCC = 3.0 to 3.6V) tPZL, tPLZ (VCC = 2.3 to 2.7V) tPZH, tPHZ Switch Open 6V 2VCC GND
CL = 30pF or equivalent (includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50)
11/17
Waveforms
54VCXHR162245
6
Waveforms
Table 11. Waveform symbol value
Symbol 3.0 to 3.6V VIH VM VX VY 2.7V 1.5V VOL +0.3V VOH -0.3V VCC 2.3 to 2.7V VCC VCC/2 VOL +0.15V VOH -0.15V
Figure 5.
Waveform - propagation delay (f = 1MHz; 50% duty cycle)
12/17
54VCXHR162245 Figure 6.
Waveforms Waveform - output enable and disable time (f = 1MHz; 50% duty cycle)
13/17
Package mechanical data
54VCXHR162245
7
Package mechanical data
54VCXHR162245 Products are supplied into ceramic body / metal lid hermetic Flat 48-pin space package Table 12. Flat-48 (MIL-STD-1835) mechanical data
Dim. A b c D E E2 E3 e f L Q S1 6.85 0.66 0.25 mm Min 2.18 0.20 0.12 15.57 9.52 6.22 1.52 Typ 2.47 0.254 0.15 15.75 9.65 6.35 1.65 0.635 0.20 8.38 0.79 0.43 9.40 0.92 0.61 0.270 0.026 0.010 Max 2.72 0.30 0.18 15.92 9.78 6.48 1.78 Min 0.086 0.008 0.005 0.613 0.375 0.245 0.060 inch Typ 0.097 0.010 0.006 0.620 0.380 0.250 0.065 0.025 0.008 0.330 0.031 0.017 0.370 0.036 0.024 Max 0.107 0.012 0.007 0.627 0.385 0.255 0.070
Figure 7.
Package dimension
7330585B 14/17
54VCXHR162245
Order code
8
Order code
Table 13. Order code
Flight model Package Lead finish Gold Flat-48 Gold Solder dip Radiation level QML-V 300kRad 100kRad 100kRad QML-Q Engineering model
RHFXHR162245K-01V RHFXHR162245K-01Q RHRXHR162245K1 RHRXHR162245K-01V RHRXHR162245K-01Q RHRXHR162245K1 RHRXHR162245K-02V RHRXHR162245K-02Q Use the above one
15/17
Revision history
54VCXHR162245
9
Revision history
Table 14. Revision history
Date 09-Jul-2004 17-May-2005 19-Jun-2006 11-Apr-2007 30-Jul-2007 Revision 1 2 3 4 5 First release SMD qualified 300Krad bullet updated, new template, mechanical data updated Updated coverpage features Typo in Table 12 on page 14. Changes
16/17
54VCXHR162245
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
17/17


▲Up To Search▲   

 
Price & Availability of RHFXHR162245K-01Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X