Part Number Hot Search : 
F10A40 ASM3P 100BG SC656 VHB75W BAV990 BCU83D 025001
Product Description
Full Text Search
 

To Download RF5300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF53003V, 5GHz Linear Power Amplifier
RF5300
3V, 5GHz LINEAR POWER AMPLIFIER
RoHS Compliant & Pb-Free Product Package Style: QFN, 16-Pin, 3 x 3
Features
Single Power Supply 3.0V to 5.0V 50 Input/Output Impedance 30dB Gain (typ. UNII-1 and 2) High Linearity 4900MHz to 5850MHz Frequency Range
GND 1
16
15
14
13
PWR DET
VCC1
VCC2
GND
12 GND
RF IN 2
Input Match Interstage Match Interstage Match Output Match
11 RF OUT
RF IN 3
10 RF OUT
GND 4
Bias Bias
9 GND
GND
VREG1&2
VREG3
IEEE802.11a/n WLAN Applications HyperLAN Wireless LAN Systems Commercial and Consumer Systems Portable Battery-Powered Equipment Spread-Spectrum and MMDS Systems
Functional Block Diagram
Product Description
The RF5300 is a linear, medium-power, high-efficiency amplifier IC designed specifically for battery-powered WLAN applications such as PC cards, mini PCI, and compact flash applications. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in 5GHz WLAN and other spread-spectrum transmitters. The device is provided in a 16-pin leadless chip carrier with a backside ground. The RF5300 is designed to maintain linearity over a wide range of supply voltage and power output. The RF5300 is designed to reduce end-product BOM count by integrating all matching circuitry onto the chip.
Ordering Information
RF5300 RF5300PCBA-41X 3V, 5GHz Linear Power Amplifier Fully Assembled Evaluation Board
Optimum Technology Matching(R) Applied
GaAs HBT GaAs MESFET InGaP HBT SiGe BiCMOS Si BiCMOS SiGe HBT GaAs pHEMT Si CMOS Si BJT GaN HEMT
RF MICRO DEVICES(R), RFMD(R), Optimum Technology Matching(R), Enabling Wireless ConnectivityTM, PowerStar(R), POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. (c)2006, RF Micro Devices, Inc.
Rev A9 DS070820
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
VCC3
Applications
5
6
7
8
1 of 10
RF5300
Absolute Maximum Ratings Parameter
Supply Voltage Power Control Voltage (VREG) DC Supply Current Input RF Power Operating Ambient Temperature Storage Temperature Moisture sensitivity
Rating
-0.5 to +6.0 -0.5 to 3.5 600 +10 -40 to +85 -40 to +150 JEDEC Level 3
Unit
VDC V mA dBm C C
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended application of Absolute Maximum Rating conditions to the device may reduce device reliability. Specified typical performance or functional operation of the device under Absolute Maximum Rating conditions is not implied. RoHS status based on EUDirective2002/95/EC (at time of this document revision). The information in this publication is believed to be accurate and reliable. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended application circuitry and specifications at any time without prior notice.
Parameter
Overall
Frequency Range Output Power VCC =3.3V
Min.
Specification Typ.
Max.
Unit
Condition
T=25C, VCC =3.3V, VREG =2.8V, Freq=4900MHz to 5850MHz
4900 to 5850
MHz With 802.11a modulation (54Mbit/s) meeting spectral mask and EVM requirements
16 18
dBm dBm 2.7 % dBm 4 % dBm 4 % dB dB dB 0.70 1.5 1.7 VDC VDC VDC V mA mA 10 15 mA mA 20 28 30 26 0.65 1.3 1.5 3.0 to 5.0 265 195 5 10
F=4900MHz to 5000MHz, F=5700MHz to 5850MHz F=5150MHz to 5350MHz F=4900MHz to 5850MHz F=4900MHz to 5850MHz F=4900MHz to 5000MHz F=5150MHz to 5350MHz F=5700MHz to 5850MHz RF POUT =+11dBm (4900MHz to 5850MHz) RF POUT =+18dBm (4900MHz to 5850MHz) RF POUT =+19dBm (4900MHz to 5850MHz)
EVM VCC =3.3V EVM VCC =5.0V EVM Gain (RFPOUT =+15dBm) 26 29 24 Power Detect (P_detect) Voltage 0.50 1.1 1.3 19 18
Power Supply
Operating Voltage Current Consumption VREG Current (Total) POUT =18dBm, VCC =3.3V, VREG =+2.8V Idle current, VCC =3.3V, VREG =2.8V VCC =3.3V VCC =5.0V
2 of 10
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A9 DS070820
RF5300
Pin 1 2 Function GND RF IN Description
Ground. RF input. Input is matched to 50 and DC block is provided internally.
VCC1 INTERSTAGE MATCH INPUT MATCH
Interface Schematic
3 4 5
RFIN GND VREG1&2
Same as pin 2. Ground. First and second stage input bias. This pin requires a regulated supply to maintain nominal bias current.
See pin 2.
VREG1 BIAS VREG2
BIAS GND1
BIAS GND2
6 7 8 9 10
VREG3/ GND VREG3 VCC3 GND RF OUT
Ground for third stage bias circuit. Attach to RF ground approximately 100mils to ground from package. Third stage input bias. This pin requires a regulated supply to maintain a nominal bias current. Third stage supply bias. This pin is sensitive to bypass capacitors which should be placed approximately 100mils from package and resonate 5GHz to ground. Ground. RF output. Output is matched to 50 and DC block is provided.
See pin 5.
VCC2 OUTPUT MATCH
RF OUT
11 12 13 14 15 16 Pkg Base
RF OUT GND PWR DET GND VCC2 VCC1 GND
Same as pin 10. Ground. Provides an output voltage proportional to the RF level. Ground. Supply voltage for the second stage. Bypass capacitor is needed to provide isolation from VCC1 and VCC3. Supply voltage for the first stage. Ground connection. The backside of the package should be connected to the ground plane through a short path (i.e., vias under the device will be required).
See pin 10.
Rev A9 DS070820
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
3 of 10
RF5300
Package Drawing
1.70
Pin 1 ID
3.00
A
0.28 TYP 0.18
Pin 1 ID
0.50 TYP 3.00 1.70
0.15 C 2 PLCS 0.15 C 2 PLCS
B
0.40 TYP 0.20
0.10 M C A B
0.05
0.203 REF
Dimensions in mm.
0.1 C
Shaded lead is pin 1.
0.925 0.775
0.102 REF
C
0.08 C
4 of 10
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A9 DS070820
RF5300
Theory of Operation
The RF5300 is a three-stage device with a nominal gain of 28dB to 30dB in the 4.9GHz to 5.850GHz ISM band. The RF5300 is designed primarily for IEEE802.11a/n WLAN applications where the available supply voltage and current are limited. This amplifier will operate to (and below) the lowest expected voltage made available by a typical PCMCIA slot in a laptop PC, and will maintain required linearity at decreased supply voltages. The RF5300 requires only a single positive supply of 3.0V nominal (or greater) to operate to full specifications. Power control is provided through two bias control input pins (VREG1, VREG2, and VREG3), but in most applications these are tied together and used as a single control input. There is no external matching required on the input and output of the part, thus allowing minimal bill of material (BOM) parts count in end applications. Both the input and the output of the device are DC-blocked. For best results, the PA circuit layout from the evaluation board should be copied as closely as possible, particularly the ground layout and ground vias. Other configurations may also work, but the design process is much easier and quicker if the layout is copied from the RF5300 evaluation board. Gerber files of our designs are available on request. The RF5300 is not a difficult part to implement, but care in circuit layout and component selection is always advisable when designing circuits to operate at 5GHz. It is important to isolate VCC1 from other RF and low-frequency bypass capacitors on this supply line. This can be accomplished using a suitably-long transmission line which is RF shorted on the other end as described above. Ideally the length of this line will be a quarter wavelength, but it only needs to be long enough so that the effects of other supply bypass capacitors on the VCC1 line are minimized. If board space is a concern, this isolation can also be accomplished with an RF choke inductor or ferrite bead. The RF5300 has primarily been characterized with a voltage on VREG1, VREG2, and VREG3 of 2.8VDC. However, the RF5300 will operate from a wide range of control voltages. If you prefer to use a control voltage that is significantly different than 2.8VDC, contact RFMD Sales or Applications Engineering for additional data and guidance.
Rev A9 DS070820
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
5 of 10
RF5300
Evaluation Board Schematic
VCC1 P1 P1-1 P1-2 1 2 3 P1-1 4 HDR_1X4 1 50 strip 2 3 4 5 C4 5 pF R1 0 R2 0 C5 5 pF 6 7 8 C3 2 pF C6 1 nF C7 4.75 F PDETECT VCC1 GND VREG 16 15 14 13 12 11 10 9 50 strip L1 4.7 nH C1 1 pF C2 1 pF PDETECT
J1 RF IN
J2 RF OUT
VREG
VCC1
6 of 10
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A9 DS070820
RF5300
Evaluation Board Layout
Board Size 1.2" x 1.2" Board Thickness 0.032", Board Material FR-4, Multi-Layer
Rev A9 DS070820
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
7 of 10
RF5300
40.0 38.0 36.0 34.0 32.0 30.0 28.0 26.0 24.0 22.0 20.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 Gain Vs Pout @ 4900MHz" Gain Vs Pout @ 5500MHz Gain Vs Pout @ 5850MHz 0.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0
Typical Gain versus POUT VCC=3.3V, VREG=2.8V @ 25C and @ 50% Duty Cycle
Typical EVM versus POUT
10.0 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 EVM Vs Pout @ 4900MHz" EVM Vs Pout @ 5500MHz EVM Vs Pout @ 5850MHz
VCC=3.3V, VREG=2.8V @ 25C and @ 50% Duty Cycle
Gain (dB)
POUT (dBm)
EVM (%)
POUT (dBm)
Typical ICC versus POUT
0.50 0.45 0.40 0.35 0.30
VCC=3.3V, VREG=2.8V @ 25C and @ 50% Duty Cycle
0.020 0.018 0.016 0.014 0.012 0.010 0.008 0.006 0.004
Typical IREG versus POUT VCC=3.3V, VREG=2.8V @ 25C and @ 50% Duty Cycle
0.25 0.20 0.15 0.10 0.05 0.00 0.00 2.00 4.00 6.00 8.00 10.00 12.00 14.00 16.00 18.00 20.00 22.00 ICC Vs Pout @ 4900MHz" ICC Vs Pout @ 5500MHz ICC Vs Pout @ 5850MHz
IREG (mA)
ICC (A)
0.002 0.000 0.0 2.0 4.0 6.0 8.0 10.0 12.0
Ireg Vs Pout @ 4900MHz" Ireg Vs Pout @ 5500MHz Ireg Vs Pout @ 5850MHz 14.0 16.0 18.0 20.0 22.0
POUT (dBm)
POUT (dBm)
2.0 1.8 1.6 1.4 1.2
Typical PDET versus POUT VCC=3.3V, VREG=2.8V @ 25C and @ 50% Duty Cycle
PDET (V)
1.0 0.8 0.6 0.4 Pdet Vs Pout @ 4900MHz" 0.2 0.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 22.0 Pdet Vs Pout @ 5500MHz Pdet Vs Pout @ 5850MHz
POUT (dBm)
8 of 10
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A9 DS070820
RF5300
Rev A9 DS070820
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
9 of 10
RF5300
10 of 10
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A9 DS070820


▲Up To Search▲   

 
Price & Availability of RF5300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X