Part Number Hot Search : 
69P20 120CA MBD301 DEVIC SEMIC RF2404 KS624540 CS833B1
Product Description
Full Text Search
 

To Download PR1507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
Low cost
GALAXY ELECTRICAL
PR1501---PR1507
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 1.5 A
FAST RECOVERY RECTIFIER
DO - 15
Diffused junction Low leakage Low forward voltage drop High current capability Easily cleaned with Freon,Alcohol,Isopropanol and similar solvents The plastic material carries U/L recognition 94V-0
MECHANICAL DATA
Case:JEDEC DO-15,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.014 ounces,0.39 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
PR 1501
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA=75
PR 1502
100 70 100
PR 1503
200 140 200
PR 1504
400 280 400 1.5
PR 1505
600 420 600
PR 1506
800 560 800
PR 1507
1000 700 1000
UNITS
V V V A
V RRM V RMS VDC IF(AV)
50 35 50
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @TJ =125
IFSM
50.0
A
Maximum instantaneous forw ard voltage @ 1.5 A Maximum reverse current at rated DC blocking voltage @TA =25 @TA =100
VF IR t rr CJ RJA TJ TSTG
150
1.2 5.0 100.0 250 18 45 - 55---- +150 - 55---- +150 500
V A ns pF
Maximum reverse recovery time (Note1) Typical junction capacitance Typical thermal resistance (Note2) (Note3)
Operating junction temperature range Storage temperature range
NOTE:1. Measured with I F =0.5A, I R=1A, I rr=0.25A.
www.galaxycn.com
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC. 3. Thermal resistance f rom junction to ambient.
Document Number 0261018
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- FORWARD CURRENT DERATING CURVE
PR1501---PR1507
FIG.2 -- MAXIMUM NON-REPETITIVE SURGE CURRENT
PEAK FORWARD SURGE CURRENT AMPERES
60 50
AVERAGE FORWARD CURRENT AMPERES
1. 5
1. 0
40
30 20 10
0. 5
Single Phase Half Wave 60Hz Resistive or Inductive Load
0 25 50 75 100 125 150 175
0
TJ=125 8 .3 m s S in g le H a lf S in e -W a v e
1
2
5
10
20
50
1 00
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
FIG.3 -- TYPICAL JUNCTION CAPACITANCE
FIG.4 -- TYPICAL FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT AMPERES
100 10
TJ=25 Pulse Width=300S
100 60 40 20
4 2 1.0
CAPACITANCE,pF
10
0.4 0.2 0.1 0.06 0.04 0.02 0.01 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
4 2 1 .1 .2
TJ=25 f=1MHz
.4
1.0
2
4
10
20
40
100
REVERSE VOLTAGE,VOLTS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
www.galaxycn.com
Document Number 0261018
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of PR1507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X