Part Number Hot Search : 
SI2305 Z1SMA11 SMP5461 C4096AHG VA033TS G7N60 ADC121 CC1150
Product Description
Full Text Search
 

To Download PMK150D-AE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1 5 0 Wa t t E n c l o s ed Switching Power Supply with PFC
Pmk150e
150 Watts Output Power Single and Dual Outputs Universal 90-264VAC Input 5VDC to 48VDC Outputs 3000VAC Input to Output Isolation Active Power Factor Correction
series
3.2"W x 5.5"L x 1.6"H
model Number
SINGLe OUTPUT PMK150S-5E PMK150S-12E PMK150S-15E PMK150S-24E PMK150S-48E DUAL OUTPUT PMK150D-AE PMK150D-BE PMK150D-CE PMK150D-DE
Output Voltage
Output Amps (max)
Line Regulation
Ripple & Noise
5 VDC 12 VDC 15 VDC 24 VDC 48 VDC
30 12.5 10 6.3 3.2
0.5% 0.5% 0.5% 0.5% 0.5%
100mV pk-pk 100mV pk-pk 100mV pk-pk 100mV pk-pk 100mV pk-pk
5/12 VDC 5/24 VDC 12/24 VDC 12/48 VDC
15/7 15/3.5 7/3.5 7/1.5
0.5/1% 0.5/2% 1/2% 1/4%
50/100mV pk-pk 50/200mV pk-pk 100/200mV pk-pk 100/400mV pk-pk
WWW.ASTRODYNe.COm
ASTRODYNe USA: 1-800-823-8082 ASTRODYNe PACIFIC: 886-2-26983458 ASTRODYNe eUROPe: 353 51 561060
1 5 0 Wa t t E n c l o s ed Switching Power Supply with PFC
INPUT SPeCIFICATIONS
Input Voltage Range Frequency Range Power Factor Correction Inrush Current, typ: 90-264 VAC 47-63 Hz 0.96 to 0.98 30A @ 115VAC 60A @ 230VAC *
Pmk150e
-10 to +70C (See Derate Curve) -25 to +85C * 0% to +95%, non-cond * EN55011 Class B 270,000 Hrs Mil Std 217, 25C
series
eNVIRONmeNTAL SPeCIFICATIONS
Oper. Temperature Storage Temperature Relative Humidity EMC MTBF
OUTPUT SPeCIFICATIONS
Voltage and Current (Note 6) See Selection Chart Line Regulation (Note 8) See Selection Chart Load Regulation (10%-FL, Note 7) Singles: 0.5%, typ Duals: 3/5%, typ Preset Accuracy (Note 9) 1%, typ DC Voltage Adjust (typ) 6%, typ Temperature Coefficient 0.05%/C Ripple/Noise (Notes 1, 3, 10) See Selection Chart Over Voltage Protection Latching, Auto Recover after fault condition is removed * Short Circuit Protection Latching, Auto Recover after fault condition is removed * Hold Up Time 20mS, typ (Nom I/P, FL)
PHYSICAL SPeCIFICATIONS
Size Construction Weight 3.2" x 5.5" x 1.6" Enclosed 1.2 lb, (544g)
NOTeS
1. All measurements should be made directly at the terminals of the power supply 2. All specifications typical @ 25C, unless otherwise noted, at nominal line and load. 3. Ripple and noise dependent upon output voltage as specified per particular model. 4. Isolation for up to 1 minute duration. 5. Specified for free air convection cooling. 6. Minimum load is not required for proper operation. 7. Load Regulation is measured by change 40% of measured output load from 60% full load, with the other output set to 60% full load. 8. Line Regulation measured from 90-264VAC. 100VAC minimum required for full load start. 9. Preset Accuracy measured at nominal load, 120VAC input. 10. O/P Noise measured directly at the pins/terminals at nominal load, 0.1uF bypass and 47uF electrolytic, pk-pk @ 20MHz bandwidth.
GeNeRAL SPeCIFICATIONS
Isolation (Note 4) I/P-O/P: 3000VAC I/P-Ground: 2000VAC O/P-Ground: 500 VAC 75%, min. 67Khz, (fixed, typical) UL,TUV, CB, CE
Efficiency Switching Frequency Safety
All specifications are typical at nominal input, full load, and 25C unless otherwise noted
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied.
Astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
WWW.ASTRODYNe.COm
ASTRODYNe USA: 1-800-823-8082 ASTRODYNe PACIFIC: 886-2-26983458 ASTRODYNe eUROPe: 353 51 561060
1 5 0 Wa t t E n c l o s ed Switching Power Supply with PFC
meCHANICAL DImeNSIONS
Pmk150e
series
7_ M3x0.5 - 6H ( The Length : 3 mm )
80.40 mm [3.165 in]
12.00 mm [0.472 in]
24.00 mm [0.945 in]
15.10 mm [0.594 in]
5.70 mm [0.224 in] 65.70 mm [2.587 in] 134.00 mm [5.276 in] 139.70 mm [5.500 in]
WWW.ASTRODYNe.COm
ASTRODYNe USA: 1-800-823-8082 ASTRODYNe PACIFIC: 886-2-26983458 ASTRODYNe eUROPe: 353 51 561060
28.20 mm [1.110 in]
40.60 mm [1.598 in]
65.30 mm [2.571 in]
1 5 0 Wa t t E n c l o s ed Switching Power Supply with PFC
OUTPUT DeRATING CURVe - SINGLe OUTPUT
Pmk150e
series
OUTPUT DeRATING CURVe - DUAL OUTPUT
1. Forced air colling 10 CFM 2. Free air convection - Open Frame, U-Channel 3. Free air convection - Enclosed
ASTRODYNe USA: 1-800-823-8082 ASTRODYNe PACIFIC: 886-2-26983458 ASTRODYNe eUROPe: 353 51 561060
WWW.ASTRODYNe.COm


▲Up To Search▲   

 
Price & Availability of PMK150D-AE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X