Part Number Hot Search : 
2N642601 AIC1652 DY10F 25K16 NTE3098 TB6501P L9104 80010
Product Description
Full Text Search
 

To Download PH140UA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 .100" PIN HEADERS
Adam Technologies, Inc.
INTRODUCTION: Adam Tech PH Series .100" Pin Headers offer a full range headers in a variety of configurations including Single, Dual and Three rows, Straight or Right Angle in Thru-Hole or SMT mounting. Their close tolerance .025" sq. posts are smoothly finished and taper tipped to eliminate insertion damage to the PCB or mating connector. Adam Tech Pin Headers can be easily cut into exact sizes as required. Options include stacked insulator versions and choice of tin, gold or selective gold plating. This series is compatible with all industry standard .100" pitch pin headers. FEATURES: Single, Dual or Three Row Tin, gold or selective gold plating options Thru-hole or SMT mounting Stacked and Custom length versions available Versatile Breakaway design Hi Temp Insulator available MATING RECEPTACLES: Mates with all industry standard receptacles accepting a .025" square post on .100" [2.54mm] centerlines SPECIFICATIONS: Material: Insulator: PBT, glass reinforeced, rated UL94V-0 Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0 Insulator Color: Black Contacts: Brass Plating: U = Gold flash (30u" optional) over nickel underplate SG = Gold flash (30u" optional) over nickel underplate on contact area, tin over copper underplate on tails. T = Tin over copper underplate overall Electrical: Operating voltage: 250V AC max. Current rating: 3 Amps max Contact resistance: 20 m max. initial Insulation resistance: 5000 M min. Dielectric withstanding voltage: 1000V AC for 1 minute Mechanical: Insertion force: 2 oz lbs max. Withdrawal force: .75 oz lbs min Mating durability: 1000 cycles min. Temperature Rating: Operating temperature: -55C to +105C Soldering process temperature: Standard insulator: 235C Hi-Temp insulator: 260C PACKAGING: Anti-ESD plastic bags SAFETY AGENCY APPROVALS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
.100" [2.54] CENTERLINE
PH SERIES
ORDERING INFORMATION PH1
SERIES INDICATOR PH1 = Single Row, Straight PH1RA = Single Row, Right Angle, High Profile PH1RB = Single Row, Right Angle, Low Profile PH2 = Dual Row, Straight PH2RA = Dual Row, Right Angle PH3 = Three Row, Straight PH3RA = Three Row, Right Angle POSITIONS PH1: 1 thru 40 PH2: 2 thru 80 PH3: 3 thru 120
40
U
A
MATING/TAIL LENGTH A = Mating Length ("C" dim.) = .235" Solder Tail ("D" dim.) = .120" B = Mating Length ("C" dim.) = .318" Solder Tail Length ("D" dim.) = .120"
Special lengths available contact factory
PLATING U = Gold flash overall V = 15 in gold on mating area 100 in tin on solder tail W = 30 in gold on mating area 100 in tin on solder tail T = 100 in tin overall SG = Gold flash on mating area 100 in tin lead on solder tail
Pb
UL
(R)
(R)
(R)
E DCOMPLIANT
2002 / 95 / EC
RoHS V
HI-TEMP
INSULATOR
AVA I L A B L E
OPTIONS: Add designator(s) to end of part number SMT = Surface mount leads Dual row with Hi-Temp insulator SMT-A = Surface mount leads Type A with Hi-Temp insulator SMT-B = Surface mount leads Type B with Hi-Temp insulator HT= Hi-Temp insulator for Hi-Temp soldering processes up to 260C (Add this option for thru-hole products only. All SMT products are manufactured with Hi-Temp insulators)
250
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT


▲Up To Search▲   

 
Price & Availability of PH140UA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X