Part Number Hot Search : 
KBP06 HT6256 C20US MUR860T 8302101 1771503 619CTR UDZS20
Product Description
Full Text Search
 

To Download P8SX104KB25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P8S
Vishay Sfernice
Fully Sealed Container Cermet Trimmers
FEATURES
* Industrial grade * High quality cermet resistive track: * 1 Watt at 70 C, P8ST * 0.5 Watt at 70 C, P8SX - P8SY * CECC 41100 * Wide resistance range (10 to 2.2 M) Three versions are available: The P8S series trimmers are extremely well adapted for all industrial applications as their maximum resistance contact variation is within 3 % of Rn and as they are fully sealed. For more stringent requirements the P8P series is recommended. - P8SX, with shaft parallel to the PC board plane - P8SY, with shaft perpendicular to the PC board plane - P8ST, for front panel mounting
RoHS
COMPLIANT
} Outlets PCB mounting
DIMENSIONS in millimeters
P8SX P8SY P8ST
o 8.5
2.54
2.54
O 11
0.5
slot 0.6 wide x 0.7 deep
o 8.5
0.5 8 max
8.6
a b c 2.54
5 min 0.5 x 0.4 8.9 4.7 3.5 min slot 0.6 wide x 0.7 deep c 7.62 2.54 2.54 b 2.54 2.54
1
Thread M7 x 0.75 shim washers 3.2 0.2
2.54 a
3.4 0.2 7.8 1 4.5 1 -0 O 8.6 - 0.1
Panel thickness 1 0.4 2 3
Ground
2 0.5 to 2.5
0.5 min
3 2.5 to 4 max
* Tolerance unless otherwise specified: 0.5
Consult Vishay SFERNICE for panel sealed type
CIRCUIT DIAGRAM
a (1) b (2)
cw
c (3)
Document Number: 51020 Revision: 26-Oct-06
For technical questions, contact: sfer@vishay.com See also: Application notes
www.vishay.com 51
P8S
Vishay Sfernice
Fully Sealed Container Cermet Trimmers
ELECTRICAL SPECIFICATIONS
Resistive Element Electrical Travel Resistance Range Standard series E3 Tolerance Power Rating Temperature Coefficient Limiting Element Voltage (Linear Law) Contact Resistance Variation End Resistance (Typical) Dielectric Strength (RMS) Insulation Resistance (500 VDC) Standard On Request P8SX - P8SY P8ST cermet 270 15 10 to 2.2 M 1 - 2.2 - 4.7 and on request 1 - 2 - 5 10 % 5% 0.5 W at 70 C 1 W at 70 C See Standard Resistance Element Table 250 V 3 % Rn or 3 1 1000 V 1 G
MECHANICAL SPECIFICATIONS
Mechanical Travel Operating Torque (max. Ncm) End Stop Torque (max. Ncm) Unit Weight (max. g) 300 5 3 6 1... 3.1
POWER RATING CHART
1
P8ST
ENVIRONMENTAL SPECIFICATIONS
Temperature Range Climatic Category Sealing - 55 C to + 125 C 55/125/56 fully sealed container IP67
POWER IN WATT
P8SX - P8SY 0.5
0 0
20
40
60
70
80
100
125
140
AMBIENT TEMPERATURE IN DEGREES CELSIUS
PERFORMANCE
TYPICAL VALUES AND DRIFTS TESTS CONDITIONS 1000 hours at rated power 90'/30' - ambient temperature 70 C Phase A dry heat 100 C Phase B damp heat Phase C cold - 55 C Phase D damp heat 5 cycles 56 days 40 C, 93 % RH 5 cycles - 55 C to + 125 C 50 g at 11 m secs 3 successive shocks in 3 directions 10 - 55 Hz 0.75 mm or 10 g during 6 hours 200 cycles RT (%) RT 2% Contact res. variation: < 3 % Rn R1-2 (%) R1-2 3%
Load Life
Climatic Sequence
0.5 %
1%
1% Dielectric strength: 1000 V RMS Insulation resistance: > 104 M 0.5 % V1-2 V1-3
2%
Long Term Damp Heat
Rapid Temperature Change
1%
Shock
0.2 % V1-2 V1-3
0.5 %
Vibration
0.2 % 3% Contact res. variat.: < 3 % Rn
0.5 %
Rotational Life
www.vishay.com 52
For technical questions, contact: sfer@vishay.com See also: Application notes
Document Number: 51020 Revision: 26-Oct-06
P8S
Fully Sealed Container Cermet Trimmers
Vishay Sfernice
STANDARD RESISTANCE ELEMENT DATA
STANDARD RESISTANCE VALUES 10 22 47 100 220 470 1K 2.2K 4.7K 10K 22K 47K 100K 220K 470K 1M 2.2M P8SX - P8SY MAX. POWER AT 70 C W 0.5 MAX. WORKING VOLTAGE V 2.2 3.3 4.8 7 10.5 15.3 22.4 33.2 48.5 70.7 105 153 224 250 250 250 250 MAX. CUR. THROUGH WIPER mA 224 150 103 70 47 32 22 15 10 7 4.8 3.2 2.2 1.1 1.53 0.25 0.11 MAX. POWER AT 70 C W 1 P8ST MAX. WORKING VOLTAGE V 3.16 4.69 6.86 10.0 14.8 21.7 31.6 46.9 68.6 100.0 148 217 250 250 250 250 250 MAX. CUR. THROUGH WIPER mA 316 213 146 100 67 46 32 21 15 10.0 6.7 4.6 2.5 1.1 0.5 0.3 0.1 TCR - 55 C +125 C ppm/C 0 + 200
100
0.5 0.28 0.13 0.06 0.028
1 0.63 0.28 0.13 0.06 0.03
MARKING
Printed: - VISHAY trademark - series and grade of quality - style - ohmic value (in , k, M) - tolerance (in %) - manufacturing date - marking of terminal: 3
PACKAGING
- Plastic box of 50 pieces for P8SX and P8SY - Plastic box of 24 pieces for P8ST
ORDERING INFORMATION
P8 MODEL
SX STYLE
100 k OHMIC VALUE
10 % TOLERANCE
BL50 PACKAGING P8SX and P8SY: BL50 P8ST: BL24
e2 LEAD FINISH e2: SnAg alloy
SAP PART NUMBERING GUIDELINES
P 8 S X 1 0 4 K B 2 5
MODEL
STYLE
OHMIC VALUE
TOL
PACKAGING CODE
SPECIAL (IF APPLICABLE)
See the end of this data book for conversion tables
Document Number: 51020 Revision: 26-Oct-06
For technical questions, contact: sfer@vishay.com See also: Application notes
www.vishay.com 53
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of P8SX104KB25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X