Part Number Hot Search : 
D2037 PT12112 1206R 74LS138 2SC5514 SY58608 E1720 M4N25
Product Description
Full Text Search
 

To Download OC18GT12S-10000-001-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
Frequency Range 1.25MHz to 100.0MHz 20.3 x 20.3 x 10.5mm 5 pin metal, solder-sealed package Supply Voltage 12.0 Volts SC-Cut Crystal Squarewave Output EFC (Voltage control) as standard
OCXO - OC18T12S SERIES
SC-Cut Crystal - Square Wave - 12.0 Volts
*
OUTLINE & DIMENSIONS DESCRIPTION OC18T12S series oven-controlled crystal oscillators are close tolerance OCXOs with excellent phase noise performance.
SPECIFICATION Crystal Cut: Output Waveform: Supply Voltage: Frequency Range: Initial Calibration Tolerance: Frequency Stability over 0 to +60C: over -20 to +70C: over -40 to +85C: vs. Voltage Change: vs. Ageing: SC-Cut Square Wave +12.0 VDC 0.5V 1.25MHz to 100.0MHz 0.5ppm max. (at VCON 2.5V) 0.01ppm 0.01ppm 0.03ppm <20ppb for 5% change 2.0ppb max per day 0.1ppm per first year 0.5ppm over 10 years <20ppb for 5% change 1 minute max. to within 0.1ppm of nominal freq. +2.5 Volts (VCON) 0.5ppm min., 2ppm max. ref. to 25C and O.T.R. 2.5V 2.0Volts Positive: Increasing control voltage increases output frequency. 100k minimum 10% maximum 200mA max. steady state 500mA max. at turn on PART NUMBER FORMAT Example:
vs. Load Change: Warm-up Time: Voltage Control Control Voltage Centre: Freq. Deviation Range: Control Voltage Range: Transfer Function:
TEST CIRCUIT
Input Impedance: EFC Linearity: Power Dissipation:
Output Load: Output Logic HIGH: Output Logic LOW: Duty Cycle: Rise/Fall Time: Reference Voltage: Envionmental Storage Temperature: Shock: Vibration: PHASE NOISE (at 10MHz) Offset 1Hz 10Hz 100Hz 1kHz 10kHz dBc/Hz -85 -120 -140 -145 -150 15pF HCMOS +4.5V minimum 0.5V maximum 50%10% 5ns max (20%~80%) Frequency dependant +4.00.3VDC or custom
OC18GT12S-10.000-0.01/-20+70
-55 to +125C 2000g, 0.3ms 1/2 sine 10 ~2000Hz / 10g
OCXO Package: OC18 RoHS Compliance G: RoHS Compliant Blank: Non-compliant T: Output Squarewave 12: Supply Voltage 12.0Volts S: SC-Cut Crystal Nominal Frequency 10.0MHz Stability in ppm Operating Temperature Range C Lowest Temperature/Highest Temperature
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of OC18GT12S-10000-001-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X