Part Number Hot Search : 
S50085 2SD10 74ALS08D SIR622DP M51923 HD641 CDG00 CR100
Product Description
Full Text Search
 

To Download OC18GE12A-10000-005-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
Frequency Range 10.0MHz to 100.0MHz 20.3 x 20.3 x 10.5mm 5 pin metal, solder-sealed package Supply Voltage 12.0 Volts AT-Cut Crystal True Sinewave Output EFC (Voltage control) as standard
OCXO - OC18E12A SERIES
AT-Cut Crystal - Sine Wave - 12.0 Volts
*
OUTLINE & DIMENSIONS DESCRIPTION OC18E12A series oven-controlled crystal oscillators are close tolerance OCXOs with good phase noise performance.
SPECIFICATION Crystal Cut: Output Waveform: Supply Voltage: Frequency Range: Initial Calibration Tolerance: Frequency Stability over 0 to +60C: over -20 to +70C: over -40 to +85C: vs. Voltage Change: vs. Ageing: AT-cut Sine Wave +12.0 VDC 0.5V 10.0MHz to 100.0MHz 0.5ppm max. (at VCON 2.5V) 0.02ppm 0.05ppm 0.1ppm <20ppb for 5% change 5.0ppb max per day 0.5ppm per first year 3.0ppm over 10 years <20ppb for 5% change 3 minutes max. to within 0.5ppm of nominal freq. +2.5 Volts (VCON) 5.0ppm min., 20ppm max. ref. to 25C 2.5V 2.0Volts Positive: Increasing control voltage increases output frequency. 100k minimum 10% maximum 200mA max. steady state 500mA max. at turn on +3dBm typ., +8dBm max. into 50W load. -30dBc min. -75dBc min. +4.00.3VDC or custom OCXO Package: OC18 RoHS Compliance G: RoHS Compliant Blank: Non-compliant E: Output Sine Wave 12: Supply Voltage 12.0Volts A: AT-Cut Crystal Nominal Frequency 10.0MHz Stability in ppm Operating Temperature Range C Lowest Temperature/Highest Temperature PART NUMBER FORMAT Example:
vs. Load Change: Warm-up Time: Voltage Control Control Voltage Centre: Freq. Deviation Range: Control Voltage Range: Transfer Function:
TEST CIRCUIT
Input Impedance: EFC Linearity: Power Dissipation: Output Load: Harmonics: Spurious: Reference Voltage: Envionmental Storage Temperature: Shock: Vibration:
OC18GE12A-10.000-0.05/-20+70
-55 to +125C 2000g, 0.3ms 1/2 sine 10 ~2000Hz / 10g
PHASE NOISE (at 10MHz) Offset 1Hz 10Hz 100Hz 1kHz 10kHz dBc/Hz -75 -100 -130 -140 -150
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of OC18GE12A-10000-005-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X