Part Number Hot Search : 
PST7042M 2DSBA 651BMLF 330M2 AST163 N5333 FR151 TXC101
Product Description
Full Text Search
 

To Download OC14GT5A-10000-005-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
For high stability STRATUM 2 applications Low Jitter <0.6ppm overall frequency tolerance over 15 years Full size 14 pin dual-in-line package Supply Voltage 5.0 Volts AT-Cut Crystal EFC (Voltage control) as standard
OCXO - OC14T5A SERIES
AT-Cut Crystal - Square Wave - 5.0 Volts
*
OUTLINE & DIMENSIONS DESCRIPTION OC14T5A series oven-controlled crystal oscillators are intended for Stratum 2 applications requiring low jitter and tight stability <0.6ppm overall frequency tolerance over 15 years. SPECIFICATION Crystal Cut: Output Waveform: Supply Voltage: Frequency Range: Initial Calibration Tolerance: Frequency Stability over 0 to +60C: over -20 to +70C: over -40 to +85C: vs. Voltage Change: vs. Ageing: vs. Load Change: Warm-up Time: Voltage Control Control Voltage Centre: Freq. Deviation Range: Control Voltage Range: Transfer Function: AT-cut Square Wave +5.0 VDC 0.2V 1.25MHz to 100.0MHz 0.5ppm maximum 0.2ppm typical 0.025ppm available 0.3ppm typical 0.05 available 0.5ppm typical 0.1ppm available <0.1ppm for 0.2V change 0.7ppm first year <4ppm over 10 years <0.01ppm for 5% change 3 minutes maximum
TEST CIRCUIT
Input Impedance: EFC Linearity: Power Dissipation:
+2.5 Volts (VCON) 4.0ppm min., ref. to 25C 0V to +5.0Volts Positive: Increasing control voltage increases output frequency. 47k minimum 10% maximum 1.5W max. at steady state 2.5W max. at turn on PART NUMBER FORMAT
Output Load: Output Logic HIGH: Output Logic LOW: Duty Cycle: Rise/Fall Time: 10 LS or 47pF +4.5V minimum 0.4V maximum 50%10% 7ns max (20%~80%) Frequency dependant
Example:
OC14GT5A-10.000-0.05/-20+70
Envionmental Storage Temperature: Shock: Vibration: PHASE NOISE (at 10MHz) Offset 1Hz 10Hz 100Hz 1kHz 10kHz dBc/Hz -70 -100 -130 -140 -145
-65 to +125C 2000g, 0.3ms 1/2 sine 10 ~2000Hz / 10g
OCXO Package: OC14 RoHS Compliance G: RoHS Compliant Blank: Non-compliant T: Output Squarewave 5: Supply Voltage 5.0Volts A: AT-Cut Crystal Nominal Frequency 10.0MHz Stability in ppm Operating Temperature Range C Lowest Temperature/Highest Temperature
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of OC14GT5A-10000-005-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X