Part Number Hot Search : 
BXMF1027 618LP3E TDA1574T 60204 LTC5531 KBJ408G M29F4 08P06P
Product Description
Full Text Search
 

To Download MUR1660CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR1660CT
Ultra Fast Recovery Diodes
Dimensions TO-220AB
A C(TAB) A C A
C
A
Dim. A B C D E F G H J K M N Q R
A=Anode, C=Cathode, TAB=Cathode
VRRM V MUR1660CT 600
VRMS V 420
VDC V 600
Inches Min. Max. 0.500 0.550 0.580 0.630 0.390 0.420 0.139 0.161 0.230 0.270 0.100 0.125 0.045 0.065 0.110 0.230 0.025 0.040 0.100 BSC 0.170 0.190 0.045 0.055 0.014 0.022 0.090 0.110
Milimeter Min. Max. 12.70 13.97 14.73 16.00 9.91 10.66 3.54 4.08 5.85 6.85 2.54 3.18 1.15 1.65 2.79 5.84 0.64 1.01 2.54 BSC 4.32 4.82 1.14 1.39 0.35 0.56 2.29 2.79
Symbol I(AV) IFSM VF IR CJ TRR ROJC
Characteristics Maximum Average Forward Rectified Current @TC=100 oC
Maximum Ratings 16 125 1.5 @TJ=25 C @TJ=100oC
o
Unit A A V uA pF ns
o
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave Superimposed On Rated Load (JEDEC METHOD) Maximum Forward Voltage At 8.0A DC Maximum DC Reverse Current At Rated DC Blocking Voltage
5 500 80 50 1.5 -55 to +150
Typical Junction Capacitance Per Element (Note 1) Maximum Reverse Recovery Time (Note 2) Typical Thermal Resistance (Note 3)
C/W
o
TJ, TSTG Operating And Storage Temperature Range NOTES: 1. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC. 2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A. 3. Thermal Resistance Junction To Case.
C
FEATURES
* Glass passivated chip * Superfast switching time for high efficiency * Low forward voltage drop and high current capability * Low reverse leakage current * High surge capacity
MECHANICAL DATA
* Case: TO-220AB molded plastic * Polarity: As marked on the body * Weight: 0.08 ounces, 2.24 grams * Mounting position: Any
MUR1660CT
Ultra Fast Recovery Diodes
16
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
150 125 100 75 50 25 0 1 2 5 10 20 50 100
12
8
4
RESISTIVE OR INDUCTIVE LOAD
Single Half-Sine-Wave (JEDEC METHOD)
0
25
50
75
100
125
150
175
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
100.0
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
TJ = 125 C
INSTANTANEOUS REVERSE CURRENT ,(uA)
TJ = 125 C
10.0
TJ = 100 C
50-200V
10
300-400V 500-600V
TJ = 75 C
1.0
1.0
TJ = 25 C
0.1
TJ = 25 C
.01 0 20 40 60 80 100 120 140
0.1 0 0.2 0.4 0.6 0.8
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
PULSE WIDTH 300ua 300us 2% Duty cycle
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
1000
CAPACITANCE , (pF)
50-400V
100
500-600V
TJ = 25 C, f= 1MHz
10 0.1 1 4 10 100
REVERSE VOLTAGE , VOLTS


▲Up To Search▲   

 
Price & Availability of MUR1660CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X