Part Number Hot Search : 
CBTLV CMOZ24L 03952 MV53640 CA6801 BX3032 ZMY39G 5GARL065
Product Description
Full Text Search
 

To Download MMBT5550 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
High Voltage Transistors MMBT5550
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
+0.1 2.4-0.1
Features
NPN Silicon
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current -continuous Total device dissipation FR-5 board *1 @TA = 25 Derate above 25 Thermal resistance, junction-to-ambient Total device dissipation alumina substrate *2 @TA = 25 derate above 25 Thermal resistance, junction-to-ambient Junction and storage temperature * 1. FR-5 = 1.0 X 0.75 X 0.062 in. * 2. Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina. ReJA TJ, Tstg PD 300 2.4 417 -55 to +150 mW mW/ /W ReJA PD 225 1.8 556 mW mW/ /W Symbol VCEO VCBO VEBO IC Rating 140 160 6 600 Unit V V V mA
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
MMBT5550
Electrical Characteristics Ta = 25
Parameter Collector?emitter breakdown voltage * Collector?base breakdown voltage Emitter ?base breakdown voltage Collector cutoff current Emitter cutoff current Symbol Testconditons
Transistors
Min 140 160 6
Typ
Max
Unit V V V
V(BR)CEO IC = 1.0 mA, IB = 0 V(BR)CBO IC = 100 iA, IE = 0 V(BR)EBO IE = 10 iA, IC = 0 ICBO IEBO VCB = 100 V, IE = 0 VCB = 100 V, IE = 0, Ta = 100 VEB = 4.0 V, IC = 0 IC = 1.0 mA, VCE = 5 V
100 100 50 60 60 20 0.15 0.25 1.0 1.2 50 100 250
nA iA nA
DC current gain
hFE
IC = 10 mA, VCE = 5 V IC = 50 mA, VCE = 5 V
Collector-emitter saturation voltage
VCE(sat)
IC = 10 mA, IB = 1.0 mA IC = 50 mA, IB = 5.0 mA
V V V V nA nA
Base-emitter saturation voltage
VBE(sat)
IC = 10 mA, IB = 1.0 mA IC = 50 mA, IB = 5.0 mA
Collector emitter cut-off
ICES
VCB = 10 V VCB = 75 V
* Pulse Test: Pulse Width = 300 is, Duty Cycle=2.0%.
Marking
Marking M1F
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of MMBT5550

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X