Part Number Hot Search : 
D5028UK LHO44 AP432AV 9F020 APR50B10 78S06 DBL157G LUWCN7N
Product Description
Full Text Search
 

To Download ML2722DH-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ML2722
900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
GENERAL DESCRIPTION
The ML2722 is a fully integrated 1.5Mbps frequency shift keyed (FSK) transceiver that operates in the unlicensed 900MHz ISM frequency band. The device has been optimized for digital cordless telephone applications and includes all the frequency generation, receive and transmit functions. Automatically adjusted filters eliminate mechanical tuning. The transmitter generates a -1dBm FSK output signal. The single conversion Low-IF receiver has all the sensitivity and selectively advantages of a traditional superheterodyne without requiring costly, bulky external filters, while providing the integration advantages of direct conversion. The phase locked loop (PLL) synthesizer is completely integrated, including the voltage controlled oscillator (VCO), tuning circuits, and VCO resonator. This allows the ML2722 to be used in frequency hopped spread spectrum (FHSS) applications. The ML2722 contains internal voltage regulation. It also contains PLL and transmitter configuration registers. The device can be placed in a low power standby mode for current sensitive applications. It is packaged in a "Green" Pb-Free 32TQFP.
FEATURES
Single chip ISM band 900MHz Radio Transceiver with -1dBm transmit output power 1.5Mbps maximum data rate Typical receiver sensitivity: -95dBm at 12.5% CER Fully integrated frequency synthesizer with internal VCO resonator Automatic filter calibration: Requires no mechanical tuning adjustments during manufacturing Low IF Receiver: No external IF filters required Control outputs correctly sequence and control external PA 3-wire control interface Analog RSSI output
APPLICATIONS
900MHz FSK Data Transceivers Digital Cordless Phones Wireless Streaming Media Wireless PC Peripherals
PIN CONFIGURATION
RSSI/TPI RVCC7 RVCC6 DOUT GND VBG VDD DIN
BLOCK DIAGRAM
XCEN RXON PAON EN DATA CLK TPC/TPQ VSS
32 31 30 29 28 27 26 25 1 24 2 3 4 5 6 7 8 9 23 22 21 20 19 18 17 10 11 12 13 14 15 16
VCC5 TRFO RVCC4 RRFI GND GND GND GND
REF
RVCC1
RVCC3
VTUNE
VCC2
QPO
GND
ORDERING INFORMATION
PART NUMBER TEMPERATURE RANGE ML2722DH ML2722DH-T -10 C to +60 C -10oC to +60 oC
o o
PACKAGE 32TQFP 7x7x1mm 32TQFP 7x7x1mm
GND
PACK (QTY) Antistatic Tray (250) Tape & Reel (2500)
DS2722-F-06
DECEMBER 2005
ML2722
TABLE OF CONTENTS
GENERAL DESCRIPTION ........................................................................................................................................... 1 PIN CONFIGURATION ................................................................................................................................................. 1 ORDERING INFORMATION ........................................................................................................................................ 1 FEATURES ................................................................................................................................................................... 1 APPLICATIONS ............................................................................................................................................................ 1 BLOCK DIAGRAM ........................................................................................................................................................ 1 TABLE OF CONTENTS ................................................................................................................................................ 2 SIMPLIFIED APPLICATIONS DIAGRAM ..................................................................................................................... 3 ELECTRICAL CHARACTERISTICS............................................................................................................................. 4 PIN DESCRIPTIONS.................................................................................................................................................... 7 FUNCTIONAL DESCRIPTION ................................................................................................................................... 13 MODES OF OPERATION........................................................................................................................................... 15 CONTROL INTERFACES........................................................................................................................................... 18 CONTROL INTERFACES AND REGISTER DESCRIPTIONS................................................................................... 20 PHYSICAL DIMENSIONS (INCHES/MILLIMETERS) ................................................................................................ 27 WARRANTY................................................................................................................................................................ 28
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
2
ML2722
SIMPLIFIED APPLICATIONS DIAGRAM
ML2722
DOUT IF DEMOD CIRCUITS RSSI REF
ANTENNA LNA
MATCHING NETWORK
RRFI IMAGE REJECT MIXER PLL
CLK, DATA, 3 EN
BASEBAND IC
RF PIN DIODE SWITCH
SWITCH DRIVERS
PAON, TPC 2
CONTROL LOGIC
XCEN, 2 RXON
PA FILTER
TRFO
QUADRATURE DIVIDE BY 2 TX DATA FILTER
DIN VCC5
TX RF BUFFER
1.83GHz VCO
BATTERY AND PROTECTION CIRCUITS
VTUNE
QPO LOOP FILTER
Figure 1. Simplified Application Diagram
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
3
ML2722
ELECTRICAL CHARACTERISTICS ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. VDD, VCC5 ................................................................................................................................................................. 6.0V VSS, GND ............................................................................................................................................................. 0 0.3V Junction Temperature............................................................................................................................................... 150C Storage Temperature Range ...................................................................................................................... -65C to 150C Lead Temperature (Soldering, 10s).......................................................................................................................... 260C
OPERATING CONDITIONS
Normal Temperature Range ......................................................................................................................... -10C to 60C VCC5 Range ...................................................................................................................................................2.7V to 4.5V Thermal Resistance (JA)..................................................................................................................................... 100C/W VDD Range (VCC5 VDD).............................................................................................................................2.7V to 4.5V Unless otherwise specified, VCC5 & VDD = 2.7V to 3.8V, TA = Operating Temperature Range (Note 1) 6.144 or 12.288MHz reference frequency input
PARAMETER POWER CONSUMPTION ISTBY IRX, ITX IRX, ITX All Circuits, Standby Mode Receive or Transmit Mode Receive or Transmit Mode TA = 25C, VCC5 & VDD = 3.3V TA = Operating Temperature Range 30 20 10 50 50 100 63.5 70 A mA mA CONDITIONS MIN TYP MAX UNITS
SYNTHESIZER fC N LO output frequency Phase noise at driver output 1.2MHz 3MHz >7MHz LO PLL reference frequency at phase detector LO division range integer LO charge pump sink/source current LO lock up time for Transmit/Receive frequency change LO lock up time for channel switch LO lock up time from sleep Reference signal input level From RXON asserted In 512kHz steps VCO phase locked, loop bandwidth 50kHz. Discontinuities, other than reference spurs, not allowed. PLL main divider input is at 1.83GHz PLL divider limits 1024 5.5 50 902 -100 -120 -125 1.024 4093 928 MHz
dBc/Hz MHz Count mA s
fREF N IP tTX2RX
tFH tWAKE VFREF
From EN asserted, any channel change in 902 to 928MHz band From XCEN, PLL dividers programmed 6.144 or 12.288MHz sine wave, capacitively coupled 2.0
100 240 3.0
s s Vp-p
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
4
ML2722
RECEIVER ZIN NF DRRX S BWRX PIMAX IIP3 IRR Receiver RF impedance Receiver RF noise figure Data Rate Input Sensitivity Bandwidth Maximum RX RF input Receiver input IP3 LO Leakage at RXI Receive RF mixer image rejection Adjacent channel rejection Measured at 3.5MHz offset -80dBm wanted signal <12.5% CER (a single interferer with 2GFSK modulation to give a -20dBc bandwidth of 1.5MHz) 1 channel 2 channels 3 or more channels RXON high to valid data fc=915MHz fc=915MHz FSK modulation, fdev=+/-460kHz For better than 12.5% CER 3dB nominal <12.5% CER at 1.536Mchip/s Test tones 2 and 4 channels away 17-j50 9 1.536 -95 770 8 -12 -80 35 dB Mbps dBm kHz dBm dBm dBm dB
15 40 45 120
dB
Receiver settling time IF FILTERS fIFC BWIF IF filter center frequency IF filter 3dB bandwidth
s
After Automatic Filter Alignment After Automatic Filter Alignment
1.024 1405
MHz kHz
LIMITER, AGC, AND FM DEMODULATOR tOVLD Recovery from overload Eb/No Co-Channel rejection, 12.5% CER AM tolerance for 12.5% or better CER RSSI PERFORMANCE tRRSSI tFRSSI VRSMX VRSMN GRSMID PRSMX PRSMN RSSI rise time: < -100dBm to -15dBm into the IF mixer RSSI fall time: <-15dBm to <-100dBm into the IF mixer RSSI maximum voltage RSSI minimum voltage RSSI sensitivity, mid range RSSI maximum signal RSSI minimum signal RSSI accuracy Sensitivity is >50% mid range Sensitivity is >50% mid range Measured at -40dBm input power 1.5 20pF load, 20% to 80% 20pF load, 20% to 80% -15dBm in No signal 28 1 1 2.2 5.3 4.4 2.8 0.05 35 -20 -95 1.9 2.1 42 10 10 s s V V mV/dB dBm dBm V From 0dBm at input For 12.5% CER -80dBm, modulated with 1.536Mbps GFSK, BT=0.5, PRBS data -80dBm wanted signal, AM modulation depth at 100kHz rate 5 3 4 90 12 s dB dB %
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
5
ML2722
TRANSMIT RF BUFFER POUT Driver amplifier output power Driver amplifier output return loss TRANSMIT MODULATION fDEV fOS Modulation Deviation, internal VCO Modulation center frequency offset 5 consecutive 1 or 0 bits Between 50s and 10ms after PAON high 400 -100 460 560 +100 kHz kHz When matched into 50 902 to 928MHz -4.5 -1.0 14 +2.0 dBm dB
TRANSMIT DATA FILTER BWTX Transmit data filter bandwidth 3dB Bandwidth 1.4 MHz
INTERFACE LOGIC LEVELS VIH VIL IB CIN VOH VOL Input high voltage Input low voltage Input bias current Input capacitance DOUT high voltage DOUT low voltage measured at 1MHz Sourcing 0.1mA Typical value assumes 3.3V VDD Sinking 0.1mA VDD 0.6 -5 0 4 3.08 0.18 0.6 never exceed VDD 0.75 * VDD VDD V V A pF V V
0.25 * VDD 5 6
INTERFACE TIMING tRX2PA tTX2EN tRXEN tXCEN RX to TX switching time TX to RX switching time Channel switching time Chip enable time Time from RXON low to PAON high Time from RXON high to receiver enabled Time from write to PLL tuning register (EN high) to receiver enabled From XCEN high to receiver enabled with continuous reference applied 62.5 72 320 320 70 80 342 342 s s s s
Note 1: Limits are guaranteed by 100% testing, sampling or correlation with worst case test conditions.
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
6
ML2722
PIN DESCRIPTIONS
PIN SIGNAL NAME I/O FUNCTION DIAGRAM
POWER & GROUND 8 10 VSS RVCC1 I (Digital) O (Analog) Ground for digital I/O circuits and control logic. DC power supply decoupling point for the PLL dividers, phase detector, and charge pump. This pin is connected to the output of the regulator and to the PLL supplies. There must be a capacitor to ground from this pin to decouple (bypass) noise and to stabilize the regulator. Ground for the PLL dividers, phase detector, and charge pump. DC Power Supply Input to the VCO voltage regulator. Must be connected to RVCC6 (pin 27) or RVCC7 (pin 29) via decoupling network. DC power supply decoupling point for the VCO. Connected to the output of the VCO regulator. A capacitor must be tied between this pin and ground to decouple (bypass) noise and to stabilize the regulator. DC ground for VCO and LO circuits. Signal ground for RF small signal circuits. Pins 17, 18, and 19 should have short, direct connections to each other and additional connections to ground. Ground return for the Receive RF input. Signal ground for the Receive mixers. DC and Signal ground for the Transmit RF Output buffer. DC power supply decoupling point for the LO chain. Connected to the output of a regulator. There must be a capacitor to ground from this pin to decouple (bypass) noise and to stabilize the regulator. DC power supply input to voltage Regulators and unregulated loads. VCC5 is the main (or master) analog VCC pin. There must be a capacitor to ground from this pin to decouple (bypass) noise and to stabilize the regulator. DC ground to IF, Demodulator, and Data Slicer circuits.
12 13
GND VCC2
I (Analog) I (Analog)
14
RVCC3
O (Analog)
16 17
GND GND
I (Analog) I (Analog)
18 19 20 22
GND GND GND RVCC4
I (Analog) I (Analog) I (Analog) O (Analog)
24
VCC5
I (Analog)
25
GND
I (Analog)
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
7
ML2722
27 RVCC6 O (Analog) DC power supply decoupling point for Quadrature Mixer and IF filter circuits. A capacitor must be tied between this pin and ground to decouple (bypass) noise and to stabilize the regulator. DC power supply decoupling point for IF, Demodulator, and Data Slicer circuits. A capacitor must be tied between this pin and ground to decouple (bypass) noise and to stabilize the regulator. DC power supply input to the interface logic and control registers. This supply is not connected internally to any other supply pin, but its voltage must be less than or equal to the VCC5 supply and greater than 2.7V. A capacitor must be tied between this pin and ground to decouple (bypass) noise.
29
RVCC7
O (Analog)
31
VDD
I (Digital)
TRANSMIT/RECEIVE 21 RRFI I (Analog) Receive RF Input. Nominal impedance at 902 to 928MHz is 17-50j with a simple matching network required for optimum noise figure. This input is to the base of an NPN transistor and should be AC coupled.
RRFI 21 VCC5 24 0.7V
4k
VSS (PIN 8) VCC5 (PIN 24)
GND
18
8 VSS
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
8
ML2722
23 TRFO O (Analog) Transmit RF Output. This output is an emitter follower and should be AC coupled.
VCC5
24
13 12mA
23 TRFO
8 VSS
DATA 30 DIN I (CMOS) Transmit Data Input. Drives the transmit pulse shaping circuits. Serial digital data on this pin becomes FSK modulation on the Transmit RF output. The logic timing on this pin controls data timing. Internal circuits determine the modulation deviation. This is a standard CMOS input referenced to VDD and VSS.
VDD 31
XCEN
1
RXON
2
DIN
30
8 VSS
32
DOUT
O (CMOS)
Serial digital output after demodulation, chip rate filtering and center data slicing. A CMOS level output (VSS to VDD) with controlled slew rates. A low drive output designed to drive a PCB trace and a CMOS logic input while generating minimal RFI. In digital test modes this pin becomes a test access port controlled by the serial control bus.
VDD 31
250
32 DOUT
8
VSS
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
9
ML2722
MODE CONTROL AND INTERFACE LINES 1 XCEN I (CMOS) Enables the bandgap reference and voltage regulators when high. With XCEN low the device consumes only leakage current in STANDBY mode when low. XCEN low also preserves register contents and allows register writes. This is a CMOS input, and the thresholds are referenced to VDD and VSS.
VDD 31
XCEN
1
RXON
2
DIN
30
8 VSS
2
RXON
I (CMOS)
Switches the transceiver between TRANSMIT and RECEIVE modes. Circuits are powered up and signal paths reconfigured according to the operating mode. This is a CMOS input, and the thresholds are referenced to VDD and VSS.
VDD 31
XCEN
1
RXON
2
DIN
30
8 VSS
3
PAON
O (CMOS)
Enables the off-chip PA at the correct times in a Transmit slot. Goes high when transmit RF is present at TRFO; goes low 5s before transmit RF is removed from TRFO. Has interlock logic to shut down the PA if the PLL does not lock.
VDD 31
3
PAON
8 VSS
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
10
ML2722
7 TPC/TPQ O (Open Drain) Transmit power control output. This open-drain output is pulled low when the TPC bit in serial register #0 is set. Transitions on TPC are synchronized to the falling edge of RXON. In analog test modes, this pin and the RSSI output become test access points controlled by the serial control bus.
TPQ MUX
VDD 31
TPC
TPC MUX
7 100
TPC/TPQ
8 VSS
8 VSS
9
REF
I
Input for the 12.288MHz or 6.144MHz reference frequency. This input is used as the reference frequency for the PLL and as a calibration frequency for the onchip filters. This is a self-biased CMOS input that is designed to be driven either by an AC-coupled sine wave.
VCC5 24
9 REF
40k
40k
8 VSS
11
QPO
O
Charge Pump Output of the phase detector. This is connected to the external PLL loop filter.
RVCC1 10
VCC5 24
11 QPO
8 VSS
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
11
ML2722
15 VTUNE I VCO Tuning Voltage input from the PLL loop filter. This pin is very sensitive to noise coupling and leakage currents.
VCC2 13
1.25V
VTUNE
15
3.7k
8 VSS
26
VBG
O
Internal Bandgap Reference Voltage. Decoupled to ground with a 220nF capacitor. Buffered Analog RSSI output with a nominal sensitivity of 35mV/dB. An RF input signal range of -95 to -20 dBm gives an RSSI voltage output of zero to 2.7 V.
28
RSSI/TPI
O
TPI MUX
VCC5 24
RSSI RSSI MUX 28 RSSI/TPI
OP AMP
100
8 VSS
SERIAL BUS SIGNALS 4 EN I (CMOS) Enable pin for the three-wire serial control bus that sets the operating frequency and programmable options. The control registers are loaded on a low-to-high transition of the signal. Serial control bus data is ignored when this signal is high. This is a CMOS input, and the thresholds are referenced to VDD and VSS. Serial Control Bus Data. 16-bit words, which include programming data and the two-bit address of a control register. This is a CMOS input, and the thresholds are referenced to VDD and VSS. Serial control bus data is clocked in on the rising edge when EN is low. This is a CMOS input; the thresholds are referenced to VDD and VSS.
VDD 31
EN 4
5.5k
DATA 5 CLK 6 8 VSS
5
DATA
I (CMOS)
1.7p
6
CLK
I (CMOS)
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
12
ML2722
FUNCTIONAL DESCRIPTION
The ML2722 enables the design and manufacture of low-cost, high-performance FSK transceivers. It can also be used as a 900MHz digital cordless telephone transceiver. Integral to the ML2722 is a low-IF receiver whose LO port is driven from an internal synthesizer. Included are image rejection IF filters, limiters, discriminator, data slicers, and baseband low-pass data filters. It also contains internal voltage regulators to protect critical circuits from power supply noise and transmit modulation circuits. The ML2722 is designed to transmit and receive 1.536M chips per second in 2.048MHz spaced channels in the 902 to 928MHz ISM band. A single synthesizer is used for both the receiver and the FSK transmitter. The phase locked loop (PLL) is completely integrated, including the voltage controlled oscillator (VCO), tuning circuits, and VCO resonator. The ML2722 has an internal control interface that programs the synthesizer, the mode of operation, the external LNA and PA, and provides a convenient and flexible interface to various baseband processors. For power level monitoring an RSSI block is included. In RECEIVE MODE, the ML2722 is a single conversion low IF receiver. The demodulation is followed by a matched bit rate filter and a data slicer. The sliced data is provided to a baseband chip for despreading. All channel filtering and demodulation is performed using active filters, which are automatically aligned. A matched bit rate filter and a data slicer follow the demodulator. The sliced data is provided at the DOUT pin. In TRANSMIT MODE, the ML2722 uses the Receive mode VCO and frequency division, with a driver amplifier providing typically -1dBm output to feed the power amplifier. The PLL frequency synthesizer loop is opened during the transmit time slot, and the VCO is directly modulated by low-pass filtered circuits from the internal modulation filter. The ML2722 uses multiple voltage regulators to protect sensitive internal circuits from power supply noise. Separate regulators supply the PLL dividers, RF circuits and IF circuits. Each of these regulators takes its power from VCC5, and supplies power internally to its respective RVCCn pin. External capacitors are required at each RVCCn pin to decouple the outputs of the internal regulators. The VCO regulator takes its power from the VCC2 pin which is normally connected to the RVCC6 (pin 27) or RVCC7 (pin 29). An external decoupling capacitor is also used on the internal bandgap voltage reference to improve the noise performance of the regulators. The integrated PLL frequency synthesizer includes a fully integrated VCO, prescaler, phase detector and charge pump. The reference frequency is generated from the incoming signal at the REF pin, which can be either 6.144MHz or 12.288MHz. The loop filter is external to allow customers to optimize their loop bandwidth to their system's lock time and in-band phase noise requirements. This frequency-agile synthesizer allows the ML2722 to be used in frequency hopped spread spectrum (FHSS) applications with nominal channel spacing of 2.048MHz. Carrier frequency is programmed via the configuration registers and 3-wire serial interface. The VCO tank circuit (inductor and varactor) is fully integrated.
RVCC3 470 2.2nF 22nF QPO VTUNE
Example 38kHz Loop Filter
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
13
ML2722
VDD 31 RVCC1 10 RVCC3 14 RVCC4 22 RVCC6 27 RVCC7 29 VCC2 13
IF FILTER
LIM ITER
DEM OD
DATA FILTER
DATA SLICER
32
DOUT
RSSI VBG 26
FILTER ALIG N
TEST M UX 28 9 RSSI/TPI REF
4 DC
REGULATORS
EN DATA CLK TPC/TPQ
VCC5 24
REFERENCE DIVIDER
LOCK DETECT
ADDRESS DECODE
5 6 7
I RX QUADRATURE M IXERS RRFI 21
Q
LO PHASE/ FREQUENCY DETECTOR
LO 6-BIT COUNTER
LO 6-BIT SWALLOW COUNTER
1 CONTROL LOG IC 2 3
XCEN RXON PAON
LO CHARGE PUM P
PRESCALER
32 / 33
PRESCALER CONTROL
I TX RF BUFFER TRFO 23
Q
1.83G Hz VCO TX DATA FILTER
QUADRATURE DIVIDE BY 2
30
DIN
8 VSS
11 QPO
12 G ND
16 G ND
17 GND
18 G ND
15 VTUNE
19 G ND
20 G ND
25 GND
Figure 2. ML2722 Block Diagram
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
14
ML2722
MODES OF OPERATION OVERVIEW
STANDBY: RECEIVE: TRANSMIT: All circuits powered down, except the control interface (Static CMOS) Receiver circuits active PLL open loop, modulated RF output available from the IC
The two operational modes are RECEIVE and TRANSMIT. They are set by the RXON control (pin 2). XCEN (pin 1) is the chip enable/disable and can be set for standby operation. The relationship between the parallel control lines and the mode of operation of the IC is given in Table 1.
XCEN 0 1 1 RXON X 1 0 MODE STANDBY RECEIVE TRANSMIT TRANSCEIVER MODE Control interfaces active, all other circuits powered down Receiver time slot Transmit time slot
Table 1: Modes of Operation
MODE CONTROL
The ML2722 is intended for use in TDD and TDMA radios in battery-powered equipment. To minimize power consumption it is designed to switch rapidly from a low power mode (STANDBY) to receive or transmit. The ML2722 can also make a quick transition from receive to transmit for TDD operation. Prior to transmitting or receiving, time should be allowed for the PLL to lock up and for the filters to be aligned. When the ML2722 is operated in single-carrier TDD mode, the LO is automatically shifted by the second (low) IF frequency when the device is switched between RECEIVE and TRANSMIT modes. ML2722 carrier frequency can be changed (hopped) between transmissions. Carrier frequency (channel) is modified in the ML2722 by writing a corresponding new value to the PLL frequency register.
RECEIVE
The ML2722 uses a single-conversion heterodyne receiver with a nominal IF of 1.024MHz. The signal flow in RECEIVE mode is from the RF input, through an image reject quadrature mixer, limiter, frequency-to-voltage converter, data filter, and data slicer where the digital NRZ data is available at the DOUT pin. A 20dB step AGC extends the dynamic range of the receiver. The ML2722 receive chain is a Low IF receiver using advanced integrated radio techniques to eliminate external IF filters and minimize external RF filter requirements. The precision filtering and demodulation circuits give improved performance over conventional radio design using external filters while providing integration comparable to advanced direct conversion radio designs.
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
15
ML2722
Receive Signal Strength Indication (RSSI)
RSSI is an indication of field strength. It is typically used to control transmit power to conserve battery life. It may also be used to determine if a given channel is occupied (see Figure 3).
RSSI voltage vs RF Level 3.00 2.50
RSSI Voltage
2.00 1.50 1.00 0.50 0.00 -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 Receive RF Level (dBm)
Figure 3. Typical RSSI Response
Automatic Filter Alignment
When the ML2722 is placed in RECEIVE mode, it automatically tunes all the internal filters using the reference frequency from the REF pin. This self-calibration sets: Discriminator center frequency IF filter center frequency and bandwidth Receiver data low-pass filter bandwidth Transmit data low pass filter bandwidth
TRANSMIT MODE
In TRANSMIT mode, the VCO is directly modulated with filtered FSK transmit data. The ML2722 transmitter is a 2-FSK transmitter using a directly modulated open loop VCO. The ML2722 design supports transmit time slot lengths up to 10ms, and the time required to set up the transmitter for a new time slot (TXCAL mode) is 62.5s.This type of transmitter is simple, low power, and well suited to a time-time slotted system. The transmitter uses the stored VCO tuning voltage on the PLL loop filter to set the VCO frequency for the duration of the transmitter time slot. The modulation is introduced through a second VCO tuning port. This modulation port has a much lower tuning sensitivity than the main tuning port in order to produce the 460KHz FSK deviation. Compensation circuits stabilize the modulation deviation over the VCO tuning range, and internal logic manages the correct transition from TXCAL to TRANSMIT mode. The operating cycle of the transmitter starts with the falling edge of RXON. In the first 62.5s after the falling edge of RXON, a calibration mode (TXCAL) is triggered. The data filter input is zeroed and the PLL locks the VCO frequency to the desired RF channel center frequency. A CW signal at the selected RF channel frequency comes out of the Transmit RF output. When the internally generated PLLEN control line changes state, the transmitter starts its transition to TRANSMIT mode. The PLL charge pump is disabled, leaving the PLL loop filter to hold the correct tuning voltage for this channel. The data formatter injects an NRZ bipolar data waveform into the Transmit data filter. The Transmit data filter bandlimits this waveform, and feeds it to the modulation compensation circuits. These scale the modulation voltage (depending on the VCO tuning voltage) and drive the VCO tuning port with the scaled, filtered modulation. The voltage on the modulation port swings above and below its central value to produce 2-FSK modulation on the VCO. The modulation filtering is sufficient to meet the FCC occupied bandwidth and out-of-band emissions requirements, and does not introduce significant ISI (Inter Symbol Interference). The transmit modulation filter is automatically tuned during the first part of every RX and TX time (RXCAL&TXCAL) to remove the need for production alignment. When the chip is first powered up, the tuning information is reset to midrange. The ML2722 should then be enabled with RXON high. The rising edge on XCEN will trigger a complete calibration of all the on chip filters, which takes 320s. This ensures the modulation filters are aligned to prevent unwanted spurious emissions.
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
16
ML2722
Prior to transmitting the PLL must tune to the intended RF center frequency of the transmission. This occurs in TXCAL mode. The Transmit modulation is disabled and any input on the DIN (pin 30) is ignored. The transmit output buffer is enabled during TXCAL mode. To prevent spurious emissions due to the PLL locking, any external antenna switch or PA should be disabled during TXCAL mode. For optimum performance we recommend that the second harmonic level reflected back into the output TRFO (pin 23), be less than -30dBm.
Phase Locked Loop (PLL) and Channel Selection
The PLL synthesizes channel frequencies to a 512kHz resolution, which is more finely spaced than the 1.536MHz signal bandwidth. Non-overlapping channels are spaced by 2.048MHz where the IF filter and image reject mixer give a typical adjacent channel rejection of 25dB. There are twelve non-overlapping channels in the 902 to 928MHz ISM band (see Table 2).
CHANNEL 1 2 3 4 5 6 7 8 9 10 11 12 FREQUENCY IN MHz 903.680 905.728 907.776 909.824 911.872 913.920 915.968 918.016 920.064 922.112 924.160 926.208
Table 2. Non-Overlapping Channel Frequencies
The LO PLL is programmed via a 3-wire serial control bus. Program words are clocked in on the DATA line (pin 5) by the CLK (pin 6), and loaded into the dividers or control circuits when EN (pin 4) is asserted. There is no check for errors in the program words. Once loaded, register contents are preserved while VDD is present. The register status and operation is independent of the mode of operation of the PLL. The reference signal from an external crystal oscillator at either 6.144MHz or 12.288MHz is fed to a programmable reference divider. The 1.024MHz reference divider output is fed to the LO phase frequency detector. The PLL prescaler input comes from the VCO at 1.83GHz, so the 1.024MHz comparison frequency gives 512kHz frequency resolution at 902 to 928MHz.
STANDBY MODE
In STANDBY the ML2722 transceiver is powered down. The only active circuits are the control interfaces, which are static CMOS to minimize power consumption. The serial control interface (and control registers) remain powered up and will accept and retain programming data as long as the digital supply is present. The ML2722 serial control registers should be loaded with control and configuration data before any active mode is selected. The filter alignment registers are reset at power up.
TEST MODE
The RF to digital functionality of the ML2722 requires special test mode circuitry for IC production test and radio debugging. A test register, available via the 3-wire serial interface, controls the test multiplexers.
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
17
ML2722
CONTROL INTERFACES
There are two control interfaces: PARALLEL and SERIAL.
PARALLEL INTERFACE
The parallel interface provides immediate control and monitoring of the ML2722. Input signals include: XCEN: RXON: REF: Output signals include: RSSI: PAON: Received Signal Strength Indicator: indicates the power of the received signal External Power Amplifier Control Pin Transceiver enable. Places the ML2722 in Standby or Active (when asserted) modes. Receive On. Places an Active ML2722 in Receive mode when asserted. Reference frequency input
SERIAL INTERFACE
A 3-wire serial interface (EN, DATA, CLK) is used for programming the ML2722 configuration registers, which control device mode, pin functions, PLL and reference dividers, internal test modes, and filter alignment. Data words are entered beginning with the MSB ("big-endian"). The word is divided into a leading 14-bit data field followed by a 2-bit address field. When the address field has been decoded the destination register is loaded on the rising edge of EN. Providing less than 16 bits of data will result in unpredictable behavior when EN goes high. Data and clock signals are ignored when EN is high. When EN is low, data on the DATA pin is clocked into a shift register by rising edges on the CLK pin. The information is latched when EN goes high. This serial interface bus is similar to that commonly found on PLL devices. The data latches are implemented in static CMOS and use minimal power when the bus is inactive. Table 3 and Figure 4 provide timing and register programming illustrations.
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
18
ML2722
SYMBOL tR tF tCK tW tD tSE tS tH
PARAMETER Clock input rise time Clock input fall time Clock period Minimum pulse width Delay from last clock falling edge Enable setup time to ignore next rising clock Data-to-clock setup time Data-to-clock hold time Table 3. 3-Wire Bus Timing Characteristics
TIME (ns) 15 15 >50 2000 >15 >15 >15 >15
tF tS tH tR tCK tD
tSE
CLK
MSB DATA DB13 DB12 DB11 DB0 ADR1
LSB ADR0 tW REGISTER DATA (14 BITS) ADDRESS DATA (2 BITS)
EN
Figure 4. Serial Bus Timing for Address and Data Programming
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
19
ML2722
CONTROL INTERFACES AND REGISTER DESCRIPTIONS REGISTER INFORMATION
A unidirectional 3-wire serial bus sets the ML2722's transceiver parameters and programs the PLL circuits. Programming is performed by entering 16-bit words into the ML2722 serial interface. Three 16-bit registers are partitioned such that 14 bits are dedicated for data to program the operation and two bits identify the register address. The three registers are: Register 0: Register 1: Register 2: PLL Configuration Channel Frequency Data Internal Test Access
Figure 5 shows a register map. Table 4 through Table 6 provide detailed diagrams of the register organization: Table 4 and Table 5 outline the PLL configuration and channel frequency registers, and Table 6 displays the filter tuning and test mode register.
MSB DB13 Res. B15 DB12 Res. B14 DB11 Res. DB10 Res. DB9 Res. DB8 Res. B10 14-bit Data DB7 Res. DB6 Res. DB5 TPC B8 DB4 DB3 TXCL LOL B7 B6 DB2 DB1 RXCL RD0 B5 B4 DB0 QPP B3 2-bit Address ADR1 0 B2 ADR0 0 B1 B0
B13
B12
B11
B9
MSB DB13 Res. B15 DB12 DB11 DB10 DB9 DB8
14-bit Data DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
2-bit Address ADR1 0 B1 ADR0 1 B0
Res. CHQ11 CHQ10 CHQ9 CHQ8 CHQ7 CHQ6 CHQ5 CHQ4 CHQ3 CHQ2 CHQ1 CHQ0 B14 B13 B12 B11 B10 B3 B2 B9 B8 B7 B6 B5 B4
MSB DB13 Res. B15 DB12 Res. B14 DB11 Res. DB10 Res. DB9 Res. DB8 Res. B10
14-bit Data DB7 Res. DB6 Res. DB5 DTM2 DB4 DTM1 DB3 DTM0 DB2 ATM2 DB1 ATM1
2-bit Address DB0 ADR1 ATM0 1 B2 ADR0 0 B1 B0
B13
B12
B11
B9
B8
B7
B6
B5
B4
B3
Figure 5. Register Organization
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
20
ML2722
DATA BIT B15 (MSB) / DB13 B14 / DB12 B13 / DB11 B12 / DB10 B11 / DB9 B10 / DB8 B9 / DB7 B8 / DB6 B7 / DB5 B6 / DB4 B5 / DB3 B4 / DB2 B3 / DB1 B2 / DB0 B1 / ADB1 B0 (LSB) / ADB0 NAME Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved TPC TXCL LOL RXCL RD0 QPP ADR1 ADR0 DESCRIPTION Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Transmit Power Control Transmit Test Mode PLL Frequency Shift PLL Mode in Normal Receive Operation Reference Frequency Select PLL Charge Pump Polarity MSB Address Bit LSB Address Bit 0: TPC pin high impedance 1: TPC pin pulled to ground 0: FSK modulation in Transmit mode 1: CW (no modulation in Transmit mode) 0: LO shift is 0 Hz for Transmit, 1.024MHz for Receive 1: LO shift is 1.024MHz for Transmit, 0Hz for Receive 0: PLL open loop during Receive 1: PLL closed loop during Receive 0: 6.144MHz nominal reference frequency 1: 12.288MHz nominal reference frequency 0: Freq. sig. < freq. ref.; Charge pump sources current 1: Freq. sig. < freq. ref.; Charge pump sinks current ADR1 = 0 ADR0 = 0 Set all bits to 0 (zero) USE
Table 4. Register 0 -- PLL Configuration Register DATA BIT B15 (MSB) / DB13 B14 / DB12 B13 / DB11 B12 / DB10 B11 / DB9 B10 / DB8 B9 / DB7 B8 / DB6 B7 / DB5 B6 / DB4 B5 / DB3 B4 / DB2 B3 / DB1 B2 / DB0 B1 / ADB1 B0 (LSB) / ADB0 NAME Reserved Reserved CHQ11 CHQ10 CHQ9 CHQ8 CHQ7 CHQ6 CHQ5 CHQ4 CHQ3 CHQ2 CHQ1 CHQ0 ADR1 ADR0 MSB Address Bit LSB Address Bit ADR1 = 0 ADR0 = 1 Channel Frequency select bits Divide ratio = fc / 0.512 DESCRIPTION USE Set all bits to 0 (zero)
Table 5. Register 1 - Channel Frequency Register
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
21
ML2722
DATA BIT B15 (MSB) / DB13 B14 / DB12 B13 / DB11 B12 / DB10 B11 / DB9 B10 / DB8 B9 / DB7 B8 / DB6 B7 / DB5 B6 / DB4 B5 / DB3 B4 / DB2 B3 / DB1 B2 / DB0 B1 / ADB1 B0 (LSB) / ADB0 NAME Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved DTM2 DTM1 DTM0 ATM2 ATM 1 ATM 0 ADR1 ADR0 MSB Address Bit LSB Address Bit ADR1 = 1 ADR0 = 0 Analog Test Control Bits See Table 14 Digital Test Control Bits See Table 15 Reserved Set all bits to 0 (zero) DESCRIPTION USE
Table 6. Register 2 - Test Mode Register
CONTROL REGISTER DESCRIPTIONS
Power-On State
All register values are set to 0 (zero) on Power Up. Power up is defined as occurring when VDD (pin 31) 2.0V (typical). The register default values are valid after power up. The PLL divide ratio and PLL configuration registers must be programmed before XCEN is asserted for the first time.
Address and Data Bits (ADR)
Each of the three registers are identically configured. Each is divided into a fourteen (14) bit data field and a two (2) bit address field. The 16 bits are input serially (see Figure 5) with the 14 data bits, most significant bit (DB13) first followed by the two address bits, most significant bit (ADR1) first. The last 16 bits clocked into the ML2722 will be loaded into the specified register. Loading less than 16 bits into any register will cause unpredictable device functionality.
RES Bit Locations (Reserved)
Bits identified as reserved must always have a logic 0 (zero) value for correct device operation. Power-on reset clears all reserved bits to zero. Each reserved bit must be programmed to logic zero whenever any of the three registers are reprogrammed.
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
22
ML2722
REGISTER #0, PLL CONFIGURATION
PLL Charge Pump Polarity (QPP): DB0
This bit sets the charge pump polarity to sink or source current. For a majority of applications, this bit is cleared (QPP = 0). For applications where an external amplifier is in the loop filter, this bit is set to 1 to change the charge pump polarity (see Table 7).
QPP 0 1 PLL CHARGE PUMP POLARITY Frequency signal < frequency reference. Charge pump sources current. Frequency signal < frequency reference. Charge pump sinks current. Table 7. PLL Charge Pump Polarity
Reference Divide Bit Zero (RD0): DB1
This bit sets the reference division of the PLL to either 6 or 12 (see Table 8).
RD0 0 1 REFERENCE DIVISION 6 12 NOMINAL REFERENCE FREQUENCY 6.144MHz 12.288MHz
Table 8. Reference Frequency Select
Receive Closed Loop Bit (RXCL): DB2
This bit is used in Receive mode to put the PLL into either open loop or closed loop (see Table 9).
RXCL 0 1 RECEIVE PLL MODE PLL open loop PLL closed loop
Table 9. PLL Mode in Normal Receive Operation
PLL Frequency Shift Bit (LOL): DB3
LO shift for transmit and receive. For normal operations, it is recommended that LOL = 0 (see Table 10).
LOL 0 1 LO SHIFT FOR TRANSMIT 0 +1.024MHz Table 10. PLL Frequency Shift LO SHIFT FOR RECEIVE +1.024MHz 0
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
23
ML2722
Transmit Closed Loop Bit (TXCL): DB4
Used to produce a continuous CW transmitter output for product test with RXON low (see Table 11).
TXCL 0 1 TRANSMIT PLL MODE PLL Open Loop, FSK Output PLL Closed Loop, CW Output
Table 11. PLL Mode in Transmit Operation
Transmit Power Control Bit (TPC): DB5
Controls the state of the TPC/TPQ open-drain output (pin 7). Although this bit may be set at any time, the TPC/TPQ pin only changes state at the falling edge of RXON (see Table 12).
TPC 0 1 TPC PIN STATE High Impedance Pulled to Ground
Table 12. TPC Pin State
REGISTER #1, CHANNEL FREQUENCY REGISTER
Channel Frequency Selection Bits (CHQ):
These bits set the channel frequency for the transceiver (see Table 13). With a 6.144MHz or 12.288MHz input to the REF pin (pin 9), the channel frequency value is calculated by multiplying the CHQ value by 0.512. A 1.024MHz offset is automatically added in the RECEIVE mode to accommodate the IF frequency. The recommended operating range value of the CHQ is from 1,024 (400 hex) to 4093 (FFD hex). These bits should be programmed to a valid channel frequency before XCEN is asserted. The divide ratio is calculated as fC /0.512, where fC is the channel frequency in MHz.
B15 0 B14 0 B13 TO B2 PLL divide ratio B1 0 B0 1
Table 13. Main Divider
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
24
ML2722
REGISTER #2, FILTER TUNING SELECT TEST MODE
Analog Test Control Bits (ATM):
The test mode selected is described in Table 14. The performance of the ML2722 is not specified in these test modes. Although primarily intended for IC test and debug, they also can help in debugging the radio system. The default (power-up) state of these bits is ATM<2:0> = <0,0,0>. When a non-zero value is written to the field, RSSI/TPI (pin 28) and TPC/TPQ (pin 7) become analog test access ports, giving access to the outputs of key signal processing stages in the transceiver. During normal operation, the ATM field should be set to zero.
ATM2 0 0 0 0 1 1 1 1 ATM1 0 0 1 1 0 0 1 1 ATM0 0 1 0 1 0 1 0 1 RSSI/TPI RSSI I No Connect I IF Buffer Output I IF Buffer Output I IF Buffer Output I Data Slicer Input I IF Limiter Outputs 1.67V Ref. TPC/TPQ TPC (PA Control) Q No Connect Q IF Buffer Output Q IF Buffer Output Q IF Buffer Output Q Data Slicer Input Q IF Limiter Outputs VCO Mod. Voltage
Table 14. Analog Test Control Bits
Digital Test Control Bits (DTM):
The DTM<2:0> bit functions are described in Table 15. The performance of the ML2722 is not specified in these test modes. Although primarily intended for IC test and debug, they also can help in debugging the radio system. The default (power-up) state of these bits is DTM<2:0> = <0,0,0>. When a non-zero value is written to these fields, DOUT (pin 32) becomes a digital test access port for key digital signals in the transceiver. During normal operation, the DTM field should be set to zero.
DTM2 0 0 0 0 DTM1 0 0 1 1 DTM0 0 1 0 1 DOUT Demodulated data Receiver AGC state PLL Main Divider Output PLL Reference Divider Output
Table 15. Digital Test Control Bits
TRANSMIT AND RECEIVE DATA INTERFACES
The DIN and DOUT CMOS logic levels are serial data that correspond to FSK modulated data on the radio channel. The ML2722 operates as an FSK transceiver in the 902 to 928MHz ISM band. The chip rate, bit rate and spreading code are controlled by the baseband processor, and the FM deviation and transmit filtering are controlled by the transceiver. DIN provides data to the Transmit data filter, which band limits the transmitted chips or bits before they are FM modulated. There is no re-timing of the chips or bits, so the transmitted FSK chips or bits take their timing from DIN (pin 30). In the Receive chain, FM demodulation, data filtering, and data slicing take place in the ML2722 receiver, with chip, bit and word rate timing recovery performed in the baseband processor.
RSSI AND REF
There are two other interface pins between the ML2722 transceiver and the baseband IC: the RSSI/TPI (pin 28) and REF (pin 9).
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
25
ML2722
REF is the master reference frequency for the transceiver. It supplies the frequency reference for the RF channel frequency and the filter tuning. The REF pin is a CMOS input with internal biasing resistors. It can be AC coupled through a 470pF coupling capacitor to a sine wave source of at least 2.0V peak-to-peak. The PLL comparison and the IF filter center frequency are both equal to the REF input frequency divided by either 6 or 12, depending on the setting of the RDIV bit in the PLL configuration control word. The IF filter and data filter bandwidths track the IF filter center frequency. The Received Signal Strength Indicator (RSSI) pin supplies a voltage indicating the amplitude of the received RF signal. It is normally connected to the input of a low-speed ADC on an external baseband IC, and is used during channel scanning to detect clear channels on which the radio may transmit. The RSSI voltage is proportional to the logarithm of the received power level. A voltage of 0V to 2.7V typically corresponds to an RF input power of -95 to -20dBm with a nominal slope of 35mV/dB.
CONTROL OUTPUTS TO THE PA - PAON AND TPC
The ML2722 has two output pins to control and sequence the power amplifier - PAON and TPC (see Figure 6).
RXON Internal PLLEN PAON Output from TRFO t1 t3
Figure 6. Power Amplifier Interface
t2
SYMBOL t1 t2
PARAMETER RXON falling edge to PAON rising edge RXON rising edge to PLL recalibration RXON rising edge to receive mode RXON rising edge to PAON falling edge
TIME/S 62.5 6.5 70 < 0.1
t4
t3 t4
The PAON (PA control) is a CMOS output to control an off-chip RF PA (power amplifier). It outputs a logic high when the PA should be enabled, and a logic low at all other times. This output is inhibited if the PLL fails to lock, or the power supply to the ML2722 falls below 2.6V. The PLL lock detect or low voltage signals are latched, so that the transmitter is inhibited for the entire transmit time slot. These latches are reset at the end of the transmit time slot, so that the ML2722 will transmit in the next time slot following a transient fault condition. The TPC/TPQ (pin 7) is an open drain output intended for transmit power control. It is controlled by the TPC bit in serial bus register 0. This bit can be changed at any time, but the TPC pin will not change state until the beginning of the next transmit time slot, triggered by a falling edge on RXON. This pin interfaces to an external PA power control input via a resistor network to set the output power level. In analog test modes the RSSI/TPI (pin 28) and TPC/TPQ (pin 7) become analog test access ports that allow the user to observe internal signals in the ML2722.
RF INTERFACES
The RRFI receive input (pin 21) and the TRFO transmit output (pin 23) are the only RF I/O pins. The RRFI pin requires a simple impedance matching network for best input noise figure, and the TRFO pin is matched to 50 by an AC coupling capacitor. The associated RF input and output ground pins must have direct connections to an RF ground plane, and the RF block supply pins must be well decoupled to the RF ground pins.
f GHz 0.9 MAG 0.757 S11 ANGLE -83.0 f GHz 0.9 MAG 0.208 S11 ANGLE 139.5
RRFI S-PARAMETERS AT 3.3V, OPERATING TEMPERATURE 25OC Table 16. Typical Receive RF Input
TRFO S-PARAMETERS AT 3.3V, OPERATING TEMPERATURE 25OC Table 17. Typical Transmit RF Output
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
26
ML2722
PHYSICAL DIMENSIONS (INCHES/MILLIMETERS)
Package: 32-Pin (7 x 7 x 1mm)
0.354 BSC (9.00 BSC) 0.276 BSC (7.00 BSC) 0 - 8 25 0.003 - 0.008 (0.09 - 0.20)
1 PIN 1 ID 0.276 BSC (7.00 BSC) 0.354 BSC (9.00 BSC)
17
0.018 - 0.030 (0.45 - 0.75)
9 0.032 BSC (0.8 BSC) 0.012 - 0.018 (0.29 - 0.45) 0.048 MAX (1.20 MAX) 0.037 - 0.041 (0.95 - 1.05) SEATING PLANE
Leads cannot exceed 0.004 maximum coplanarity (0.102) Note: This package meets "Green" Pb-Free requirements and is compliant with the European Union directives WEEE (Waste Electrical and Electronic Equipment) and RoHS (Restriction of the use of certain Hazardous Substances in electrical and electronic equipment). The package pins are finished with 100% matte tin.
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
27
ML2722
WARRANTY
Micro Linear makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. No license, express or implied, by estoppel or otherwise, to any patents or other intellectual property rights is granted by this document. The circuits contained in this document are offered as possible applications only. Particular uses or applications may invalidate some of the specifications and/or product descriptions contained herein. The customer is urged to perform its own engineering review before deciding on a particular application. Micro Linear assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Micro Linear products including liability or warranties relating to merchantability, fitness for a particular purpose, or infringement of any intellectual property right. Micro Linear products are not designed for use in medical, life saving, or life sustaining applications. If this document is "Advance", its contents describe a Micro Linear product that is currently under development. All detailed specifications including pinouts and electrical specifications may be changed without notice. If this document is "Preliminary", its contents are based on early silicon measurements. Typical data is representative of the product but is subject to change without notice. Pinout and mechanical dimensions are final. Preliminary documents supersede all Advance documents and all previous Preliminary versions. If this document is "Final", its contents are based on a characterized product, and it is believed to be accurate at the time of publication. Final Data Sheets supersede all previously published versions. (c) 2005 Micro Linear Corporation. All rights reserved. All other trademarks are the property of their respective owners. Products described herein may be covered by one or more of the following U.S. patents: 4,897,611; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,592,128; 5,594,376; 5,652,479; 5,661,427; 5,663,874; 5,672,959; 5,689,167; 5,714,897; 5,717,798; 5,747,977; 5,754,012; 5,757,174; 5,767,653; 5,777,514; 5,793,168; 5,798,635; 5,804,950; 5,808,455; 5,818,207; 5,818,669; 5,825,165; 5,825,223; 5,838,723; 5.844,378; 5,844,941. Japan: 2,598,946; 2,704,176; 2,821,714. Other patents are pending. 4,964,026; 5,565,761; 5,742,151; 5,811,999; 2,619,299;
Micro Linear Corporation 2050 Concourse Drive San Jose, CA 95131 Tel: (408) 433-5200 Fax: (408) 432-0295 www.microlinear.com
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005
28


▲Up To Search▲   

 
Price & Availability of ML2722DH-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X